Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLH7134PBF Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IRLH7134PBF
Description  HEXFET짰 Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IRLH7134PBF Datasheet(HTML) 4 Page - Infineon Technologies AG

  IRLH7134PBF Datasheet HTML 1Page - Infineon Technologies AG IRLH7134PBF Datasheet HTML 2Page - Infineon Technologies AG IRLH7134PBF Datasheet HTML 3Page - Infineon Technologies AG IRLH7134PBF Datasheet HTML 4Page - Infineon Technologies AG IRLH7134PBF Datasheet HTML 5Page - Infineon Technologies AG IRLH7134PBF Datasheet HTML 6Page - Infineon Technologies AG IRLH7134PBF Datasheet HTML 7Page - Infineon Technologies AG IRLH7134PBF Datasheet HTML 8Page - Infineon Technologies AG IRLH7134PBF Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
 
IRLH7134PbF
4
2016-08-01
Fig 8. Maximum Safe Operating Area
Fig 9. Maximum Drain Current vs. Case Temperature
Fig 10. Threshold Voltage vs. Temperature
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
VSD, Source-to-Drain Voltage (V)
1.0
10
100
1000
TJ = 25°C
TJ = 150°C
VGS = 0V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
10000
Tc = 25°C
Tj = 150°C
Single Pulse
OPERATION IN THIS AREA
LIMITED BY RDS(on)
Limited by Package
100µsec
1msec
10msec
DC
25
50
75
100
125
150
TC, Case Temperature (°C)
0
20
40
60
80
100
120
140
Limited By Package
Fig 7. Typical Source-Drain Diode Forward Voltage
-75 -50 -25
0
25
50
75 100 125 150
TJ , Temperature ( °C )
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
ID = 100µA
ID = 250µA
ID = 1.0mA
ID = 1.0A
1E-006
1E-005
0.0001
0.001
0.01
0.1
t1 , Rectangular Pulse Duration (sec)
0.001
0.01
0.1
1
10
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthjc + Tc


Similar Part No. - IRLH7134PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLH7134PBF IRF-IRLH7134PBF Datasheet
254Kb / 9P
   Secondary Side Synchronous Rectification
IRLH7134PBF IRF-IRLH7134PBF Datasheet
263Kb / 9P
   Secondary Side Synchronous Rectification
IRLH7134PBF IRF-IRLH7134PBF_15 Datasheet
263Kb / 9P
   Secondary Side Synchronous Rectification
More results

Similar Description - IRLH7134PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
   HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
   HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
   HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
   HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
   HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
   HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
   HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
   HEXFET짰 Power MOSFET
IRFI1010NPBF IRF-IRFI1010NPBF Datasheet
234Kb / 9P
   HEXFET짰 Power MOSFET
IRFD014PBF IRF-IRFD014PBF Datasheet
2Mb / 8P
   HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com