Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1-A7 Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # A1-A7
Description  SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

A1-A7 Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  A1-A7 Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. A1-A7 Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
100
2°(2°)
0.063(1.6)
0.079(2.0)
0.047(1.2)
0.032(0.8)
=30
RRM
2)
1)
30
5.0
A1 THRU A7
Features
· Glass passivated die construction
· Ideal for surface mouted applications
· Low reverse leakage
· Metallurgically bonded construction
· High temperature soldering guaranteed:
260
seconds,0.375"(9.5mm) lead length,
5 lbs. (2.3kg) tension
Mechanical Data
· Case: SOD-123FL, molded plastic
· Terminals: plated leads solderable per
MIL-STD-750, Method 2026
· Polarity: Color band denotes cathode end
· Mounting position: Any
Maximum Ratings and Electrical Characteristics
Rating at 25℃ ambient temperature unless otherwise specified.
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
SYMBOL
A1
A2
A3
A4
A5
A6
A7
UNITS
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
V
50
100
200
400
600
800
1000
V
VRWM
VDC
RMS Reverse Voltage
VRMS
35
70
140
280
420
560
700
V
IO
1.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
A
Forward Voltage per element
@IF=1.0A
VFM
1.1
V
Peak Reverse Current
At Rated DC Blocking Voltage
IR
uA
Typical thermal resistance (NOTE
RθJA
180
Typical junction capacitance (NOTE
CJ
4
pF
Operating and Storage Temperature Range
TJ,TSTG
-55to+150
Note:1.
1 of 2
www.sddydz.com
Dimensions in inches and (millimeters)
SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED
0.022(0.55)
0.037(0.95)
SOD-123FL
8°(8°)
0.150(3.8)
0.134(3.4)
/10
Average Rectified Output Current
2.
Thermal resistance from junction to ambient at 0.375" (9.5mm)lead length,P.C.B. mounted
Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
RECTIFIER
A
@T
=100
=25
A
@T
A
@T
℃/W
0
· Plastic material-UL flammability 94V-
version:01
www.dyelec.com


Similar Part No. - A1-A7

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
A1-A7 CHENDA-A1-A7 Datasheet
527Kb / 2P
   High temperature soldering guaranteed: 250 C/10 seconds,0.375??9.5mm) lead length, 5 lbs. (2.3kg) tension
More results

Similar Description - A1-A7

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
A1N DYELEC-A1N Datasheet
2Mb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED RECTIFIER
A1U DYELEC-A1U Datasheet
1Mb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED RECTIFIER
MB05MU DYELEC-MB05MU Datasheet
1,001Kb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
EDB101S DYELEC-EDB101S Datasheet
1Mb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
UDB101 DYELEC-UDB101_17 Datasheet
3Mb / 3P
   SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DB101 DYELEC-DB101 Datasheet
1Mb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
UDB101 DYELEC-UDB101 Datasheet
1Mb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
MB1SU DYELEC-MB1SU Datasheet
1Mb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
UDB101S DYELEC-UDB101S_17 Datasheet
2Mb / 3P
   SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DB101 DYELEC-DB101_16 Datasheet
2Mb / 3P
   SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com