Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFS38N20DPbF Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IRFS38N20DPbF
Description  HEXFET짰 Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IRFS38N20DPbF Datasheet(HTML) 4 Page - Infineon Technologies AG

  IRFS38N20DPbF Datasheet HTML 1Page - Infineon Technologies AG IRFS38N20DPbF Datasheet HTML 2Page - Infineon Technologies AG IRFS38N20DPbF Datasheet HTML 3Page - Infineon Technologies AG IRFS38N20DPbF Datasheet HTML 4Page - Infineon Technologies AG IRFS38N20DPbF Datasheet HTML 5Page - Infineon Technologies AG IRFS38N20DPbF Datasheet HTML 6Page - Infineon Technologies AG IRFS38N20DPbF Datasheet HTML 7Page - Infineon Technologies AG IRFS38N20DPbF Datasheet HTML 8Page - Infineon Technologies AG IRFS38N20DPbF Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
 
IRFB/S/SL38N20DPbF
4
2016-5-31
Fig 5. Typical Capacitance vs.
Drain-to-Source Voltage
 
Fig 8. Maximum Safe Operating Area
Fig. 7 Typical Source-to-Drain Diode
Forward Voltage
Fig 6. Typical Gate Charge vs.
Gate-to-Source Voltage
1
10
100
1000
VDS, Drain-to-Source Voltage (V)
10
100
1000
10000
100000
Coss
Crss
Ciss
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, Cds SHORTED
Crss = Cgd
Coss = Cds + Cgd
0
1020
30
40
5060
70
QG Total Gate Charge (nC)
0
2
4
6
8
10
12
VDS= 160V
VDS= 100V
ID= 26A
0.0
0.5
1.0
1.5
2.0
2.5
VSD, Source-toDrain Voltage (V)
0.10
1.00
10.00
100.00
1000.00
TJ = 25°C
TJ = 175°C
VGS = 0V
1
10
100
1000
VDS , Drain-toSource Voltage (V)
0.1
1
10
100
1000
Tc = 25°C
Tj = 175°C
Single Pulse
1msec
10msec
OPERATION IN THIS AREA
LIMITED BY R DS(on)
100µsec


Similar Part No. - IRFS38N20DPbF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFS38N20DPBF IRF-IRFS38N20DPBF Datasheet
715Kb / 11P
   HEXFET Power MOSFET
IRFS38N20DPBF IRF-IRFS38N20DPBF Datasheet
341Kb / 11P
   High frequency DC-DC converters
IRFS38N20DPBF IRF-IRFS38N20DPBF_15 Datasheet
341Kb / 11P
   High frequency DC-DC converters
More results

Similar Description - IRFS38N20DPbF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
   HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
   HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
   HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
   HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
   HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
   HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
   HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
   HEXFET짰 Power MOSFET
IRFI1010NPBF IRF-IRFI1010NPBF Datasheet
234Kb / 9P
   HEXFET짰 Power MOSFET
IRFD014PBF IRF-IRFD014PBF Datasheet
2Mb / 8P
   HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com