Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF6218SPBF Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # IRF6218SPBF
Description  HEXFET짰 Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IRF6218SPBF Datasheet(HTML) 6 Page - Infineon Technologies AG

  IRF6218SPBF Datasheet HTML 1Page - Infineon Technologies AG IRF6218SPBF Datasheet HTML 2Page - Infineon Technologies AG IRF6218SPBF Datasheet HTML 3Page - Infineon Technologies AG IRF6218SPBF Datasheet HTML 4Page - Infineon Technologies AG IRF6218SPBF Datasheet HTML 5Page - Infineon Technologies AG IRF6218SPBF Datasheet HTML 6Page - Infineon Technologies AG IRF6218SPBF Datasheet HTML 7Page - Infineon Technologies AG IRF6218SPBF Datasheet HTML 8Page - Infineon Technologies AG IRF6218SPBF Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
 
IRF6218SPbF
6
2016-5-26
0
20406080
-ID , Drain Current (A)
100
150
200
250
300
350
400
VGS = -10V
Fig 12. On-Resistance vs. Drain Current
4
5
6
7
8
9
10
11
12
-VGS, Gate -to -Source Voltage (V)
0
100
200
300
400
500
600
700
800
900
1000
ID = -27A
Fig 13. On-Resistance vs. Gate Voltage
Fig 14a&b. Basic Gate Charge Test Circuit
and Waveform
Fig 15a&b. Unclamped Inductive Test circuit
and Waveforms
25
50
75
100
125
150
175
Starting TJ , Junction Temperature (°C)
0
100
200
300
400
500
600
700
800
900
ID
TOP
-4.6A
-6.3A
BOTTOM -16A
Fig 15c. Maximum Avalanche Energy
vs. Drain Current


Similar Part No. - IRF6218SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6218SPBF IRF-IRF6218SPBF Datasheet
305Kb / 9P
   Reset Switch for Active Clamp Reset DC-DC converters
IRF6218SPBF IRF-IRF6218SPBF_15 Datasheet
236Kb / 9P
   Low Gate to Drain Charge to Reduce Switching Losses
More results

Similar Description - IRF6218SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
   HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
   HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
   HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
   HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
   HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
   HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
   HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
   HEXFET짰 Power MOSFET
IRFI1010NPBF IRF-IRFI1010NPBF Datasheet
234Kb / 9P
   HEXFET짰 Power MOSFET
IRFD014PBF IRF-IRFD014PBF Datasheet
2Mb / 8P
   HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com