Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2685 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2685
Description  Dual Output Regulated Switched Capacitor Voltage Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2685 Datasheet(HTML) 6 Page - National Semiconductor (TI)

  LM2685 Datasheet HTML 1Page - National Semiconductor (TI) LM2685 Datasheet HTML 2Page - National Semiconductor (TI) LM2685 Datasheet HTML 3Page - National Semiconductor (TI) LM2685 Datasheet HTML 4Page - National Semiconductor (TI) LM2685 Datasheet HTML 5Page - National Semiconductor (TI) LM2685 Datasheet HTML 6Page - National Semiconductor (TI) LM2685 Datasheet HTML 7Page - National Semiconductor (TI) LM2685 Datasheet HTML 8Page - National Semiconductor (TI) LM2685 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Detailed Device Description
The LM2685 CMOS charge pump voltage converter oper-
ates as an input voltage doubler, +5V regulator and inverter
for an input voltage in the range of +2.85V to +6.5V. It deliv-
ers maximum load currents of 50mA and 15mA for the regu-
lated +5V and the inverted output voltages respectively, with
an operating current of only 800µA. It also has a typical shut-
down current of 6µA. All these performance qualities make
the LM2685 an ideal device for battery powered systems.
The LM2685 has three main functional blocks: a voltage
doubler, a low dropout (LDO) regulator, and a voltage in-
verter.
Figure 1 shows the LM2685 functional block diagram.
Voltage Doubler
The voltage doubler stage doubles the input voltage V
IN,
within the range of +2.85V to +5.4V. For V
IN above 5.4V, the
doubler shuts off and the input voltage is passed directly to
V
DBL via an internal power switch.
The doubler contains four large CMOS switches which are
switched in a sequence to double the input supply voltage.
Figure 2 illustrates the voltage conversion scheme. When S2
and S4 are closed, C1 charges to the supply voltage V
IN.
During this time interval, switches S1 and S3 are open. In the
next time interval, S2 and S4 are opened at the same time,
S1 and S3 are closed, the sum of the input voltage V
IN and
the voltage across C1 gives the 2V
In and the voltage across
C2 gives the 2V
IN at VDBL output. VDBL supplies the LDO
regulator. It is recommended not to load V
DBL when V05 has
a load of 50mA. For proper operation, the sum of V
DBL and
V
05 loads must not be more than 50mA.
The Schottky diode D1 is only needed for start-up. The inter-
nal oscillator circuit uses the V
DBL and GND pins. The volt-
age across them must be larger than 1.8V to ensure the op-
eration of the oscillator. During start-up, D1 is used to charge
up the voltage at V
DBL pin to start the oscillator; it also pro-
tects the device from turning on its own parasitic diode and
potentially latching up. The diode should have enough cur-
rent carrying capability to change capacitor C3 at start-up, as
well as a low forward voltage to prevent the internal parasitic
diode from turning on. A Schottky diode like 1N5817 can be
used for most applications. If the input ramp is less than
10V/ms, a smaller schottky diode like MBR0520LT1 can be
used to reduce the circuit size.
+5 LDO Regulator
V
DBL is the input to an LDO regulator that regulates it to a +5
output voltage at V
05.VPSW is tied to V05 through a series
switch PSW. The LDO output capacitor (4.7µF Tantalum)
may be tied to either V
05 or VPSW.
Inverter
From the V
05 output, a −5V output is created at VNEG by
means of an inverting charge pump. This negative output is
unregulated, meaning that it’s output will droop as the load
current at V
NEG increases. The inverter contains four large
CMOS switches which are in a sequence to invert the input
supply voltage.
Figure 3 illustrates the voltage conversion
scheme. When S1 and S3 are closed, C1 charges to the
supply voltage V
05. During this time interval, switches S2
and S4 are open. In the second time interval, S1 and S3 are
open;at the same time, S2 and S4 are closed, C1 is charging
C2. After a number of cycles, the voltage cross C2 will be
pumped to V
05. Since the anode of C2 is connected to
ground, the output at the cathode of C2 equals −(V
05) when
there is no load current. The output voltage drop when a load
DS101100-3
FIGURE 1. Functional Block Diagram
DS101100-4
FIGURE 2. Voltage Doubler Principle
www.national.com
6


Similar Part No. - LM2685

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2681 NSC-LM2681 Datasheet
201Kb / 8P
   Switched Capacitor Voltage Converter
logo
Texas Instruments
LM2681 TI-LM2681 Datasheet
894Kb / 16P
[Old version datasheet]   LM2681 Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2681M6 NSC-LM2681M6 Datasheet
201Kb / 8P
   Switched Capacitor Voltage Converter
logo
Texas Instruments
LM2681M6/NOPB TI-LM2681M6/NOPB Datasheet
894Kb / 16P
[Old version datasheet]   LM2681 Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2681M6X NSC-LM2681M6X Datasheet
201Kb / 8P
   Switched Capacitor Voltage Converter
More results

Similar Description - LM2685

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3604 AD-ADP3604 Datasheet
143Kb / 8P
   Switched Capacitor Voltage Converter with Regulated Output
REV. 0
ADP3603 AD-ADP3603_15 Datasheet
143Kb / 8P
   Switched Capacitor Voltage Converter with Regulated Output
REV. 0
ADP3604 AD-ADP3604_15 Datasheet
127Kb / 8P
   Switched Capacitor Voltage Converter with Regulated Output
REV. 0
logo
National Semiconductor ...
LM2686 NSC-LM2686 Datasheet
204Kb / 8P
   Regulated Switched Capacitor Voltage Converter
LM2760 NSC-LM2760 Datasheet
242Kb / 10P
   3.3V Regulated Switched Capacitor Voltage Converter
logo
Linear Technology
LTC1261 LINER-LTC1261 Datasheet
310Kb / 16P
   Switched Capacitor Regulated Voltage Inverter
logo
National Semiconductor ...
LM2750 NSC-LM2750 Datasheet
370Kb / 15P
   Low Noise, 5.0V Regulated Switched Capacitor Voltage Converter
logo
Linear Technology
LTC1261 LINER-LTC1261_15 Datasheet
483Kb / 18P
   Switched Capacitor Regulated Voltage Inverter
LTC1261L LINER-LTC1261L_15 Datasheet
2Mb / 14P
   Switched Capacitor Regulated Voltage Inverter
LTC1261L LINER-LTC1261L Datasheet
182Kb / 12P
   Switched Capacitor Regulated Voltage Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com