Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

932SQ426 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 932SQ426
Description  DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

932SQ426 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 932SQ426_16 Datasheet HTML 2Page - Integrated Device Technology 932SQ426_16 Datasheet HTML 3Page - Integrated Device Technology 932SQ426_16 Datasheet HTML 4Page - Integrated Device Technology 932SQ426_16 Datasheet HTML 5Page - Integrated Device Technology 932SQ426_16 Datasheet HTML 6Page - Integrated Device Technology 932SQ426_16 Datasheet HTML 7Page - Integrated Device Technology 932SQ426_16 Datasheet HTML 8Page - Integrated Device Technology 932SQ426_16 Datasheet HTML 9Page - Integrated Device Technology 932SQ426_16 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
932SQ426
CK420BQ DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
IDT®
CK420BQ DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
6
932SQ426
REV C 022916
Pin Descriptions (VFQFPN)
PIN #
PIN NAME
TYPE
DESCRIPTION
1GNDPCI
932S
Q426
Ground pin for PCI outputs and logic.
2
VDDPCI
PWR
3
PCI4_2x
OUT 3.3V PCI clock output
4
PCI3_2x
OUT 3.3V PCI clock output
5
PCI2_2x
OUT 3.3V PCI clock output
6
PCI1_2x
OUT 3.3V PCI clock output
7
PCI0_2x
OUT 3.3V PCI clock output
8
GNDPCI
PWR Ground pin for PCI outputs and logic.
9
VDDPCI
PWR 3.3V power for the PCI outputs and logic
10
VDD48
PWR 3.3V power for the 48MHz output and logic
11
48M_2x
OUT 3.3V 48MHz output
12
GND48
PWR Ground pin for 48MHz output and logic.
13
GND96
PWR Ground pin for DOT96 output and logic.
14
DOT96T
OUT
True clock of differential 96MHz output. These are current mode outputs and external series resistors and
shunt resistors are required for termination. See Test Loads and Recommended Terminations for specific
values.
15
DOT96C
OUT
Complementary clock of differential 96MHz output. These are current mode outputs and external series
resistors and shunt resistors are required for termination. See Test Loads and Recommended Terminations
for specific values.
16
AVDD96
PWR 3.3V power for the 48/96MHz PLL and the 96MHz output and logic
17
TEST_MODE
IN
TEST_MODE is a real time input to select between Hi-Z and REF/N divider mode while in test mode. Refer
to Test Clarification Table.
18
CKPWRGD#/PD
IN
CKPWRGD# is an active low input used to sample latched inputs and allow the device to Power Up. PD is
an asynchronous active high input pin used to put the device into a low power state. The internal clocks
and PLLs are stopped.
19
VDDSRC
PWR 3.3V power for the SRC outputs and logic
20
SRC0T
OUT
True clock of differential SRC output. These are current mode outputs and external series resistors and
shunt resistors are required for termination. See Test Loads and Recommended Terminations for specific
values.
21
SRC0C
OUT
Complementary clock of differential SRC output.
These are current mode outputs and external series
resistors and shunt resistors are required for termination. See Test Loads and Recommended Terminations
for specific values.
22
GNDSRC
PWR Ground pin for SRC outputs and logic.
23
SRC1C
OUT
Complementary clock of differential SRC output.
These are current mode outputs and external series
resistors and shunt resistors are required for termination. See Test Loads and Recommended Terminations
for specific values.
24
SRC1T
OUT
True clock of differential SRC output. These are current mode outputs and external series resistors and
shunt resistors are required for termination. See Test Loads and Recommended Terminations for specific
values.
25
SRC2C
OUT
Complementary clock of differential SRC output.
These are current mode outputs and external series
resistors and shunt resistors are required for termination. See Test Loads and Recommended Terminations
for specific values.
26
SRC2T
OUT
True clock of differential SRC output. These are current mode outputs and external series resistors and
shunt resistors are required for termination. See Test Loads and Recommended Terminations for specific
values.
27
VDDSRC
PWR 3.3V power for the SRC outputs and logic
28
AVDD_SRC
PWR 3.3V power for the SRC PLL analog circuits
29
GNDSRC
PWR Ground pin for SRC outputs and logic.
30
IREF
OUT
This pin establishes the reference current for the differential current-mode output pairs. This pin requires a
fixed precision resistor tied to ground in order to establish the appropriate current. 475 ohms is the
standard value.
31
NS_SRC0C
OUT
Complementary clock of differential non-spreading SRC output. These are current mode outputs and
external series resistors and shunt resistors are required for termination. See Test Loads and
Recommended Terminations for specific values.
32
NS_SRC0T
OUT
True clock of differential non-spreading SRC output.
These are current mode outputs and external series
resistors and shunt resistors are required for termination. See Test Loads and Recommended Terminations
for specific values.


Similar Part No. - 932SQ426_16

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
932SQ426AGLF RENESAS-932SQ426AGLF Datasheet
559Kb / 26P
   CK420BQ DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
REV C 022916
932SQ426AGLFT RENESAS-932SQ426AGLFT Datasheet
559Kb / 26P
   CK420BQ DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
REV C 022916
932SQ426AKLF RENESAS-932SQ426AKLF Datasheet
559Kb / 26P
   CK420BQ DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
REV C 022916
932SQ426AKLFT RENESAS-932SQ426AKLFT Datasheet
559Kb / 26P
   CK420BQ DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
REV C 022916
More results

Similar Description - 932SQ426_16

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
932SQ426 RENESAS-932SQ426 Datasheet
559Kb / 26P
   CK420BQ DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
REV C 022916
logo
Integrated Device Techn...
932QL456 IDT-932QL456 Datasheet
381Kb / 23P
   Low-Power CK420BQ Derivative for PCIe
9ZML1233E IDT-9ZML1233E Datasheet
408Kb / 24P
   2:12 DB1200ZL Derivative for PCIe Gen1-4
9ZXL0631E IDT-9ZXL0631E Datasheet
303Kb / 20P
   6-Output DB800ZL Derivative for PCIe Gen1?? and UPI
9ZXL0832E IDT-9ZXL0832E Datasheet
274Kb / 18P
   8-Output DB800ZL Derivative PCIe Gen1?? and UPI
9ZML1232E IDT-9ZML1232E Datasheet
401Kb / 19P
   2:12 DB1200ZL Derivative for PCIe Gen1?? and UPI
9ZXL1530D IDT-9ZXL1530D Datasheet
292Kb / 23P
   15-Output DB1900Z Derivative for PCIe Gen1?? and UPI
logo
Renesas Technology Corp
932SQL450 RENESAS-932SQL450 Datasheet
7Mb / 24P
   Low-Power CK420BQ Derivative for PCIe Common Clock Architectures
03/06/15
9ZML1233E RENESAS-9ZML1233E Datasheet
723Kb / 24P
   2:12 DB1200ZL Derivative for PCIe Gen1-4 and UPI
May 12, 2021
logo
Integrated Device Techn...
9ZXL1232E IDT-9ZXL1232E Datasheet
254Kb / 21P
   12-Output DB1200ZL Derivative for PCIe Gen1?? and UPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com