Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX14955 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX14955
Description  Computer on Modules
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14955 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX14955 Datasheet HTML 6Page - Maxim Integrated Products MAX14955 Datasheet HTML 7Page - Maxim Integrated Products MAX14955 Datasheet HTML 8Page - Maxim Integrated Products MAX14955 Datasheet HTML 9Page - Maxim Integrated Products MAX14955 Datasheet HTML 10Page - Maxim Integrated Products MAX14955 Datasheet HTML 11Page - Maxim Integrated Products MAX14955 Datasheet HTML 12Page - Maxim Integrated Products MAX14955 Datasheet HTML 13Page - Maxim Integrated Products MAX14955 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
(VCC = +3.3V, TA = +25NC, unless otherwise noted.)
Maxim Integrated │ 10
www.maximintegrated.com
MAX14955
Single-Lane PCIe Gen III Redriver
with Equalization and Extended
Temperature Operation
TIME (ps)
-200
150
100
50
0
-50
-100
-150
DATA RATE = 5Gbps,
OUTPUT AFTER 19in STRIPLINE,
INEQ_1 = 0, VIN = 200mVP-P
250
200
150
100
50
0
-100
-50
-150
-200
-250
INEQ0 = INEQ1 = 0, VIN = 200mVP-P,
OEQ0 = 1, OEQ1 = 0, OEQ2 = 0,
DATA RATE = 8GT/s
600
400
200
0
-200
-400
-600
TIME (ps)
-100
-50
050
100
TIME (ps)
-200
150
100
50
0
-50
-100
-150
DATA RATE = 5Gbps,
OUTPUT AFTER 19in STRIPLINE,
INEQ_1 = 0, VIN = 200mVP-P
500
400
300
200
100
0
-200
-100
-300
-400
-500
INEQ0 = INEQ1 = 0, VIN = 200mVP-P,
OEQ0 = 0, OEQ1 = 1,
OEQ2 = 0, DATA RATE = 8GT/s
600
400
200
0
-200
-400
-600
TIME (ps)
-100
-50
050
100
INEQ0 = INEQ1 = 0, VIN = 200mVP-P,
OEQ0 = 0, OEQ1 = 0, OEQ2 = 0,
DATA RATE = 8GT/s
600
400
200
0
-200
-400
-600
TIME (ps)
-100
-50
050
100
INEQ0 = INEQ1 = 0, VIN = 200mVP-P,
OEQ0 = 1, OEQ1 = 1, OEQ2 = 0,
DATA RATE = 8GT/s
600
400
200
0
-200
-400
-600
TIME (ps)
-100
-50
050
100
Typical Operating Characteristics (continued)


Similar Part No. - MAX14955

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1495 MAXIM-MAX1495 Datasheet
723Kb / 25P
   3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers
Rev 0; 10/03
MAX1495 MAXIM-MAX1495 Datasheet
171Kb / 7P
   Fully Assembled and Tested
Rev 0; 12/07
MAX14950 MAXIM-MAX14950 Datasheet
3Mb / 17P
   Quad PCI Express Equalizer/Redriver
Rev 1; 11/12
MAX14950A MAXIM-MAX14950A Datasheet
8Mb / 20P
   Single-Lane PCIe Equalizer/Redriver
Rev 1; 4/13
MAX14950CTO++ MAXIM-MAX14950CTO+ Datasheet
3Mb / 17P
   Quad PCI Express Equalizer/Redriver
Rev 1; 11/12
More results

Similar Description - MAX14955

ManufacturerPart #DatasheetDescription
logo
GSR Technology Ltd
KU968 GSR-KU968 Datasheet
402Kb / 2P
   Computer-on-Modules
HR908-B GSR-HR908-B Datasheet
406Kb / 2P
   Computer-on-Modules
OT905-B GSR-OT905-B Datasheet
351Kb / 2P
   Computer-on-Modules
BT9A3 GSR-BT9A3 Datasheet
395Kb / 2P
   Computer-on-Modules
BW968 GSR-BW968 Datasheet
404Kb / 2P
   Computer-on-Modules
logo
Maxim Integrated Produc...
MAX14954 MAXIM-MAX14954 Datasheet
4Mb / 17P
   Computer on Modules
Rev 0; 11/12
logo
GSR Technology Ltd
AL-9A3 GSR-AL-9A3 Datasheet
392Kb / 2P
   Computer-on-Modules
CR908-B GSR-CR908-B Datasheet
407Kb / 2P
   Computer-on-Modules
KB968 GSR-KB968 Datasheet
402Kb / 2P
   Computer-on-Modules
SU968 GSR-SU968 Datasheet
404Kb / 2P
   Computer-on-Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com