Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6A8160TSC-5G Datasheet(PDF) 11 Page - Etron Technology, Inc.

Part # EM6A8160TSC-5G
Description  4M x 16 DDR Synchronous DRAM
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.

EM6A8160TSC-5G Datasheet(HTML) 11 Page - Etron Technology, Inc.

Back Button EM6A8160TSC-5G Datasheet HTML 7Page - Etron Technology, Inc. EM6A8160TSC-5G Datasheet HTML 8Page - Etron Technology, Inc. EM6A8160TSC-5G Datasheet HTML 9Page - Etron Technology, Inc. EM6A8160TSC-5G Datasheet HTML 10Page - Etron Technology, Inc. EM6A8160TSC-5G Datasheet HTML 11Page - Etron Technology, Inc. EM6A8160TSC-5G Datasheet HTML 12Page - Etron Technology, Inc. EM6A8160TSC-5G Datasheet HTML 13Page - Etron Technology, Inc. EM6A8160TSC-5G Datasheet HTML 14Page - Etron Technology, Inc. EM6A8160TSC-5G Datasheet HTML 15Page - Etron Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
EtronTech
EM6A8160
Rev. 1.1
11
Oct. /2015
Table 12. Absolute Maximum Rating
Symbol
Item
Values
Unit
VI/O
Voltage on I/O Pins Relative to Vss
- 0.5 ~ VDDQ + 0.5
V
VDD, VDDQ Voltage on VDD, VDDQ Supply Relative to Vss
- 1 ~ 3.6
V
VIN
Voltage on Inputs Relative to Vss
- 1 ~ 3.6
V
TA
Ambient Temperature
0 ~ 70
°C
TSTG
Storage Temperature
- 55 ~ 150
°C
PD
Power Dissipation
1
W
IOS
Short Circuit Output Current
50
mA
Note: Absolute maximum DC requirements contain stress ratings only. Functional operation at the absolute
maximum limits is not implied or guaranteed. Extended exposure to maximum ratings may affect device
reliability.
Table 13. Recommended D.C. Operating Conditions (VDD = 2.5V ± 0.2V, TA = 0~70 °C)
Symbol
Parameter
Min.
Max.
Unit
VDD
Power Supply Voltage
2.3
2.7
V
VDDQ
Power Supply Voltage (for I/O Buffer)
2.3
2.7
V
VREF
Input Reference Voltage
0.49* VDDQ
0.51* VDDQ
V
VTT
Termination Voltage
VREF - 0.04
VREF + 0.04
V
VIH (DC)
Input High Voltage (DC)
VREF + 0.15
VDDQ + 0.3
V
VIL (DC)
Input Low Voltage (DC)
-0.3
VREF – 0.15
V
VIN (DC)
Input Voltage Level, CK and CK inputs
-0.3
VDDQ + 0.3
V
VID (DC)
Input Different Voltage, CK and CK inputs
0.36
VDDQ + 0.6
V
IIL
Input leakage current
-2
2
µA
IOZ
Output leakage current
-5
5
µA
IOH
Output High Current (VOH = 1.95V)
-16.2
-
mA
IOL
Output Low Current (VOL = 0.35V)
16.2
-
mA
Table 14. Capacitance (VDD = 2.5V, f = 1MHz, TA = 25 °C)
TSOP
FBGA
TSOP
FBGA
Unit
Symbol
Parameter
Min.
Max.
Delta
pF
CIN1
Input Capacitance (CK, CK )
2
1.5
3
2.5
0.25
pF
CIN2
Input Capacitance (All other input-only pins)
2
1.5
3
2.5
0.5
pF
CI/O
DM, DQ, DQS Input/Output Capacitance
4
3.5
5
4.5
0.5
pF
Note: These parameters are guaranteed by design, periodically sampled and are not 100% tested.


Similar Part No. - EM6A8160TSC-5G

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM6A8160TSA ETRON-EM6A8160TSA Datasheet
412Kb / 51P
   4M x 16 DDR Synchronous DRAM (SDRAM)
EM6A8160TSA-5G ETRON-EM6A8160TSA-5G Datasheet
412Kb / 51P
   4M x 16 DDR Synchronous DRAM (SDRAM)
More results

Similar Description - EM6A8160TSC-5G

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM658160 ETRON-EM658160 Datasheet
158Kb / 26P
   4M x 16 DDR Synchronous DRAM (SDRAM)
EM6A8160TSA ETRON-EM6A8160TSA Datasheet
412Kb / 51P
   4M x 16 DDR Synchronous DRAM (SDRAM)
EM6A9320BIB-4H ETRON-EM6A9320BIB-4H Datasheet
500Kb / 61P
   4M x 32 bit DDR Synchronous DRAM (SDRAM)
EM68932DVKA ETRON-EM68932DVKA Datasheet
326Kb / 40P
   4M x 32 Mobile DDR Synchronous DRAM (SDRAM)
EM68932DVKB ETRON-EM68932DVKB Datasheet
347Kb / 40P
   4M x 32 Mobile DDR Synchronous DRAM (SDRAM)
EM6A9320BIB-4IH ETRON-EM6A9320BIB-4IH Datasheet
502Kb / 61P
   4M x 32 bit DDR Synchronous DRAM (SDRAM)
EM6A9320BIA ETRON-EM6A9320BIA Datasheet
451Kb / 52P
   4M x 32 bit DDR Synchronous DRAM (SDRAM)
EM6A9160TSC-4G ETRON-EM6A9160TSC-4G Datasheet
535Kb / 65P
   8M x 16 DDR Synchronous DRAM
EM638165TS-5G ETRON-EM638165TS-5G Datasheet
519Kb / 53P
   4M x 16 bit Synchronous DRAM (SDRAM)
EM638165TS-5IG ETRON-EM638165TS-5IG Datasheet
517Kb / 53P
   4M x 16 bit Synchronous DRAM (SDRAM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com