Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6A9160BKC-4H Datasheet(PDF) 9 Page - Etron Technology, Inc.

Part # EM6A9160BKC-4H
Description  8M x 16 DDR Synchronous DRAM
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.

EM6A9160BKC-4H Datasheet(HTML) 9 Page - Etron Technology, Inc.

Back Button EM6A9160BKC-4H Datasheet HTML 5Page - Etron Technology, Inc. EM6A9160BKC-4H Datasheet HTML 6Page - Etron Technology, Inc. EM6A9160BKC-4H Datasheet HTML 7Page - Etron Technology, Inc. EM6A9160BKC-4H Datasheet HTML 8Page - Etron Technology, Inc. EM6A9160BKC-4H Datasheet HTML 9Page - Etron Technology, Inc. EM6A9160BKC-4H Datasheet HTML 10Page - Etron Technology, Inc. EM6A9160BKC-4H Datasheet HTML 11Page - Etron Technology, Inc. EM6A9160BKC-4H Datasheet HTML 12Page - Etron Technology, Inc. EM6A9160BKC-4H Datasheet HTML 13Page - Etron Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 65 page
background image
EtronTech
EM6A9160
9
Rev. 1.3
Apr. /2014
• Test Mode field (A8~A7)
These two bits are used to enter the test mode and must be programmed to "00" in normal operation.
Table 9. Test Mode
A8
A7
Test Mode
0
0
Normal mode
1
0
DLL Reset
X
1
Test mode
• (BA0, BA1)
Table 10. MRS/EMRS
BA1
BA0
A11 ~ A0
RFU
0
MRS Cycle
RFU
1
Extended Functions (EMRS)
Extended Mode Register Set (EMRS)
The Extended Mode Register Set stores the data for enabling or disabling DLL and selecting output driver
strength. The default value of the extended mode register is not defined, therefore must be written after power
up for proper operation. The extended mode register is written by asserting low on CS , RAS , CAS , and WE .
The state of A0, A2 ~ A5, A7 ~ A11and BA1 is written in the mode register in the same cycle as CS , RAS ,
CAS
, and WE going low. The DDR SDRAM should be in all bank precharge with CKE already high prior to
writing into the extended mode register. A1 and A6 are used for setting driver strength to normal, weak or
matched impedance. Two clock cycles are required to complete the write operation in the extended mode
register. The mode register contents can be changed using the same command and clock cycle requirements
during operation as long as all banks are in the idle state. A0 is used for DLL enable or disable. "High" on BA0
is used for EMRS. Refer to the table for specific codes.
Table 11. Extended Mode Register Bitmap
BA1 BA0 A11 A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
Address Field
0
1
RFU must be set to “0”
DS1 RFU must be set to “0” DS0 DLL Extended Mode Register
BA0
Mode
A6 A1
Drive Strength
Comment
A0
DLL
0
MRS
0
0
Full
0
Enable
1
EMRS
0
1
Weak
1
Disable
1
0
RFU
Reserved For Future
1
1 Matched impedance Output driver matches impedance


Similar Part No. - EM6A9160BKC-4H

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM6A9160 ETRON-EM6A9160 Datasheet
275Kb / 29P
   8M x 16 DDR Synchronous DRAM (SDRAM)
EM6A9160TS-3.3 ETRON-EM6A9160TS-3.3 Datasheet
275Kb / 29P
   8M x 16 DDR Synchronous DRAM (SDRAM)
EM6A9160TS-3.3G ETRON-EM6A9160TS-3.3G Datasheet
275Kb / 29P
   8M x 16 DDR Synchronous DRAM (SDRAM)
EM6A9160TS-3.6 ETRON-EM6A9160TS-3.6 Datasheet
275Kb / 29P
   8M x 16 DDR Synchronous DRAM (SDRAM)
EM6A9160TS-3.6G ETRON-EM6A9160TS-3.6G Datasheet
275Kb / 29P
   8M x 16 DDR Synchronous DRAM (SDRAM)
More results

Similar Description - EM6A9160BKC-4H

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM6A9160TSA-5G ETRON-EM6A9160TSA-5G Datasheet
480Kb / 63P
   8M x 16 DDR Synchronous DRAM (SDRAM)
EM6A9160 ETRON-EM6A9160 Datasheet
275Kb / 29P
   8M x 16 DDR Synchronous DRAM (SDRAM)
EM6A9160TSA ETRON-EM6A9160TSA Datasheet
443Kb / 51P
   8M x 16 DDR Synchronous DRAM (SDRAM)
EM68916DVAA ETRON-EM68916DVAA Datasheet
326Kb / 40P
   8M x 16 Mobile DDR Synchronous DRAM (SDRAM)
logo
AMIC Technology
A48P3616 AMICC-A48P3616 Datasheet
2Mb / 62P
   8M X 16 Bit DDR DRAM
A48P3616B AMICC-A48P3616B Datasheet
1Mb / 66P
   8M X 16 Bit DDR DRAM
logo
Etron Technology, Inc.
EM6A8160TSC-4G ETRON-EM6A8160TSC-4G Datasheet
472Kb / 53P
   4M x 16 DDR Synchronous DRAM
EM639165TS-5IG ETRON-EM639165TS-5IG Datasheet
460Kb / 53P
   8M x 16 bit Synchronous DRAM (SDRAM)
logo
Generalplus Technology ...
GPR323916A GENERALPLUS-GPR323916A Datasheet
1Mb / 57P
   8M x 16 bit Synchronous DRAM (SDRAM)
logo
Etron Technology, Inc.
EM658160 ETRON-EM658160 Datasheet
158Kb / 26P
   4M x 16 DDR Synchronous DRAM (SDRAM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com