Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6AB160TSE-4G Datasheet(PDF) 1 Page - Etron Technology, Inc.

Part # EM6AB160TSE-4G
Description  32M x 16 bit DDR Synchronous DRAM
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.

EM6AB160TSE-4G Datasheet(HTML) 1 Page - Etron Technology, Inc.

  EM6AB160TSE-4G Datasheet HTML 1Page - Etron Technology, Inc. EM6AB160TSE-4G Datasheet HTML 2Page - Etron Technology, Inc. EM6AB160TSE-4G Datasheet HTML 3Page - Etron Technology, Inc. EM6AB160TSE-4G Datasheet HTML 4Page - Etron Technology, Inc. EM6AB160TSE-4G Datasheet HTML 5Page - Etron Technology, Inc. EM6AB160TSE-4G Datasheet HTML 6Page - Etron Technology, Inc. EM6AB160TSE-4G Datasheet HTML 7Page - Etron Technology, Inc. EM6AB160TSE-4G Datasheet HTML 8Page - Etron Technology, Inc. EM6AB160TSE-4G Datasheet HTML 9Page - Etron Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 62 page
background image
EtronTech
EM6AB160
Etron Technology, Inc.
No. 6, Technology Rd. V, Hsinchu Science Park, Hsinchu, Taiwan 30078, R.O.C.
TEL: (886)-3-5782345
FAX: (886)-3-5778671
Etron Technology, Inc. reserves the right to change products or specification without notice.
32M x 16 bit DDR Synchronous DRAM (SDRAM)
Advance (Rev. 1.3, Jun. /2015)
Features
• Fast clock rate: 250/200MHz
• Differential Clock CK & CK
• Bi-directional DQS
• DLL enable/disable by EMRS
• Fully synchronous operation
• Internal pipeline architecture
• Four internal banks, 8M x 16-bit for each bank
• Programmable Mode and Extended Mode registers
- CAS Latency: 2, 2.5, 3
- Burst length: 2, 4, 8
- Burst Type: Sequential & Interleaved
• Individual byte write mask control
• DM Write Latency = 0
• Auto Refresh and Self Refresh
• 8192 refresh cycles / 64ms
• Precharge & active power down
• Power supplies: VDD & VDDQ = 2.5V ± 0.2V
• Operating Temperature: TA = 0~70°C
• Interface: SSTL_2 I/O Interface
• Package: 66 Pin TSOP II, 0.65mm pin pitch
- Pb and Halogen free
• Package: 60-Ball, 8x13x1.2 mm (max) FBGA
- Pb free and Halogen Free
Table 1. Ordering Information
Overview
The EM6AB160 SDRAM is a high-speed CMOS double
data rate synchronous DRAM containing 512 Mbits. It is
internally configured as a quad 8M x 16 DRAM with a
synchronous interface (all signals are registered on the
positive edge of the clock signal, CK). Data outputs
occur at both rising edges of CK and CK . Read and
write accesses to the SDRAM are burst oriented;
accesses start at a selected location and continue for a
programmed number of locations in a programmed
sequence. Accesses begin with the registration of a
BankActivate command which is then followed by a
Read or Write command. The EM6AB160 provides
programmable Read or Write burst lengths of 2, 4, or 8.
An auto precharge function may be enabled to provide
a self-timed row precharge that is initiated at the end of
the burst sequence. The refresh functions, either Auto
or Self Refresh are easy to use. In addition, EM6AB160
features programmable DLL option. By having a
programmable mode register and extended mode
register, the system can choose the most suitable
modes to maximize its performance. These devices are
well suited for applications requiring high memory
bandwidth, result in a device particularly well suited to
high
performance
main
memory
and
graphics
applications.
Part Number
Clock Frequency
Data Rate
Package
EM6AB160TSE-4G
250MHz
500Mbps/pin
TSOPII
EM6AB160TSE-5G
200MHz
400Mbps/pin
TSOPII
EM6AB160WKE-4H
250MHz
500Mbps/pin
FBGA
EM6AB160WKE-5H
200MHz
400Mbps/pin
FBGA
TS : indicates TSOPII package
WK: indicates 8x13x1.2 mm FBGA package
E: indicates Generation Code
G: indicates Pb and Halogen free for TSOPII Package
H: indicates Pb and Halogen free for FBGA Package


Similar Part No. - EM6AB160TSE-4G

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM6AB160TSA ETRON-EM6AB160TSA Datasheet
469Kb / 61P
   32M x 16 bit DDR Synchronous DRAM (SDRAM)
EM6AB160TSA-5G ETRON-EM6AB160TSA-5G Datasheet
469Kb / 61P
   32M x 16 bit DDR Synchronous DRAM (SDRAM)
More results

Similar Description - EM6AB160TSE-4G

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C32M16D1A ALSC-AS4C32M16D1A Datasheet
1Mb / 64P
   32M x 16 bit DDR Synchronous DRAM
logo
Etron Technology, Inc.
EM6AB160TSA ETRON-EM6AB160TSA Datasheet
469Kb / 61P
   32M x 16 bit DDR Synchronous DRAM (SDRAM)
EM68B16DVAA ETRON-EM68B16DVAA Datasheet
328Kb / 40P
   32M x 16 Mobile DDR Synchronous DRAM (SDRAM)
EM63B165TS-5ISG ETRON-EM63B165TS-5ISG Datasheet
1Mb / 53P
   32M x 16 bit Synchronous DRAM (SDRAM)
EM63B165TS-5SG ETRON-EM63B165TS-5SG Datasheet
1Mb / 53P
   32M x 16 bit Synchronous DRAM (SDRAM)
EM68B16CWQH-18H ETRON-EM68B16CWQH-18H Datasheet
1Mb / 60P
   32M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM68B16CWPA ETRON-EM68B16CWPA Datasheet
1Mb / 59P
   32M x 16 bit DDRII Synchronous DRAM (SDRAM)
logo
Alliance Semiconductor ...
AS4C32M16D2 ALSC-AS4C32M16D2 Datasheet
1Mb / 70P
   512M (32M x 16 bit) DDRII Synchronous DRAM
logo
Etron Technology, Inc.
EM6AA160TSA ETRON-EM6AA160TSA Datasheet
436Kb / 54P
   16M x 16 bit DDR Synchronous DRAM (SDRAM)
EM6AA160TSC-4G ETRON-EM6AA160TSC-4G Datasheet
481Kb / 63P
   16M x 16 bit DDR Synchronous DRAM (SDRAM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com