Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6AB160WKE-4H Datasheet(PDF) 10 Page - Etron Technology, Inc.

Part # EM6AB160WKE-4H
Description  32M x 16 bit DDR Synchronous DRAM
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.

EM6AB160WKE-4H Datasheet(HTML) 10 Page - Etron Technology, Inc.

Back Button EM6AB160WKE-4H Datasheet HTML 6Page - Etron Technology, Inc. EM6AB160WKE-4H Datasheet HTML 7Page - Etron Technology, Inc. EM6AB160WKE-4H Datasheet HTML 8Page - Etron Technology, Inc. EM6AB160WKE-4H Datasheet HTML 9Page - Etron Technology, Inc. EM6AB160WKE-4H Datasheet HTML 10Page - Etron Technology, Inc. EM6AB160WKE-4H Datasheet HTML 11Page - Etron Technology, Inc. EM6AB160WKE-4H Datasheet HTML 12Page - Etron Technology, Inc. EM6AB160WKE-4H Datasheet HTML 13Page - Etron Technology, Inc. EM6AB160WKE-4H Datasheet HTML 14Page - Etron Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 62 page
background image
EtronTech
EM6AB160
Rev.1.3
10
Jun. /2015
Table 12. Absolute Maximum Rating
Symbol
Item
Rating
Unit
VIN, VOUT
Input, Output Voltage
- 0.5~ VDDQ + 0.5
V
VDD, VDDQ
Power Supply Voltage
- 1~3.6
V
TA
Ambient Temperature
0~70
°C
TSTG
Storage Temperature
- 55~150
°C
TSOLDER
Soldering Temperature
260
°C
PD
Power Dissipation
1
W
IOS
Short Circuit Output Current
50
mA
Note1: Stress greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the
device.
Note2: These voltages are relative to Vss
Table 13. Recommended D.C. Operating Conditions (TA = 0 ~ 70 °C)
Symbol
Parameter
Min.
Max.
Unit
Note
VDD
Power Supply Voltage
2.3
2.7
V
VDDQ
Power Supply Voltage (for I/O Buffer)
2.3
2.7
V
VREF
Input Reference Voltage
0.49*VDDQ 0.51* VDDQ
V
VIH (DC)
Input High Voltage (DC)
VREF + 0.15 VDDQ + 0.3
V
VIL (DC)
Input Low Voltage (DC)
-0.3
VREF – 0.15
V
VTT
Termination Voltage
VREF - 0.04 VREF + 0.04
V
VIN (DC)
Input Voltage Level, CK and CK inputs
-0.3
VDDQ + 0.3
V
VID (DC)
Input Different Voltage, CK and CK inputs
0.36
VDDQ + 0.6
V
II
Input leakage current
-2
2
µA
IOZ
Output leakage current
-5
5
µA
IOH
Output High Current
-16.2
-
mA
VOH = 1.95V
IOL
Output Low Current
16.2
-
mA
VOL = 0.35V
Note :
All voltages are referenced to VSS.
Table 14. Capacitance (VDD = 2.5V, f = 1MHz, TA = 25 °C)
Symbol
Parameter
Min.
Max.
Unit
CIN1
Input Capacitance (CK, CK )
2
3
pF
CIN2
Input Capacitance (All other input-only pins)
2
3
pF
CI/O
DQ, DQS, DM Input/Output Capacitance
4
5
pF
Note: These parameters are guaranteed by design, periodically sampled and are not 100% tested


Similar Part No. - EM6AB160WKE-4H

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM6AB160TSA ETRON-EM6AB160TSA Datasheet
469Kb / 61P
   32M x 16 bit DDR Synchronous DRAM (SDRAM)
EM6AB160TSA-5G ETRON-EM6AB160TSA-5G Datasheet
469Kb / 61P
   32M x 16 bit DDR Synchronous DRAM (SDRAM)
More results

Similar Description - EM6AB160WKE-4H

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C32M16D1A ALSC-AS4C32M16D1A Datasheet
1Mb / 64P
   32M x 16 bit DDR Synchronous DRAM
logo
Etron Technology, Inc.
EM6AB160TSA ETRON-EM6AB160TSA Datasheet
469Kb / 61P
   32M x 16 bit DDR Synchronous DRAM (SDRAM)
EM68B16DVAA ETRON-EM68B16DVAA Datasheet
328Kb / 40P
   32M x 16 Mobile DDR Synchronous DRAM (SDRAM)
EM63B165TS-5ISG ETRON-EM63B165TS-5ISG Datasheet
1Mb / 53P
   32M x 16 bit Synchronous DRAM (SDRAM)
EM63B165TS-5SG ETRON-EM63B165TS-5SG Datasheet
1Mb / 53P
   32M x 16 bit Synchronous DRAM (SDRAM)
EM68B16CWQH-18H ETRON-EM68B16CWQH-18H Datasheet
1Mb / 60P
   32M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM68B16CWPA ETRON-EM68B16CWPA Datasheet
1Mb / 59P
   32M x 16 bit DDRII Synchronous DRAM (SDRAM)
logo
Alliance Semiconductor ...
AS4C32M16D2 ALSC-AS4C32M16D2 Datasheet
1Mb / 70P
   512M (32M x 16 bit) DDRII Synchronous DRAM
logo
Etron Technology, Inc.
EM6AA160TSA ETRON-EM6AA160TSA Datasheet
436Kb / 54P
   16M x 16 bit DDR Synchronous DRAM (SDRAM)
EM6AA160TSC-4G ETRON-EM6AA160TSC-4G Datasheet
481Kb / 63P
   16M x 16 bit DDR Synchronous DRAM (SDRAM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com