Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPP15P10PH Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # SPP15P10PH
Description  SIPMOS짰 Small-Signal-Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPP15P10PH Datasheet(HTML) 1 Page - Infineon Technologies AG

  SPP15P10PH Datasheet HTML 1Page - Infineon Technologies AG SPP15P10PH Datasheet HTML 2Page - Infineon Technologies AG SPP15P10PH Datasheet HTML 3Page - Infineon Technologies AG SPP15P10PH Datasheet HTML 4Page - Infineon Technologies AG SPP15P10PH Datasheet HTML 5Page - Infineon Technologies AG SPP15P10PH Datasheet HTML 6Page - Infineon Technologies AG SPP15P10PH Datasheet HTML 7Page - Infineon Technologies AG SPP15P10PH Datasheet HTML 8Page - Infineon Technologies AG SPP15P10PH Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SP
P15P10P H 
SIPMOS® Small-Signal-Transistor
Features
• P-Channel
• Enhancement mode
• Normal level
• Avalanche rated
• Pb-free lead plating; RoHS compliant
Maximum ratings, at T j=25 °C, unless otherwise specified
Parameter
Symbol Conditions
Unit
Continuous drain current
I D
T C=25 °C
A
T C=100 °C
Pulsed drain current
I D,pulse
T C=25 °C
Avalanche energy, single pulse
E AS
I D=-15 A, R GS=25 Ω
mJ
Gate source voltage
V GS
V
Power dissipation
P tot
T C=25 °C
W
Operating and storage temperature
T j, T stg
°C
ESD Class
Soldering temperature
IEC climatic category; DIN IEC 68-1
-15
-10.6
128
Value
230
-60
55/175/56
-55 ... 175
±20
260 °C
1C (1kV to 2kV)
V DS
-100
V
R DS(on),max
0.24
I D
-15
A
Product Summary
PG-TO220-3
Type
Package
Marking
Lead free
Packing
SPP15P10P
  H
PG-TO220-3
15P10P
Yes
Non dry
  Rev 1.7
page 1
20
11-09-01
° Halogen-free according to IEC61249_2_21
° Qualified according to AEC Q101


Similar Part No. - SPP15P10PH

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP15P10P INFINEON-SPP15P10P Datasheet
83Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-07-26
SPP15P10P INFINEON-SPP15P10P Datasheet
640Kb / 10P
   SIPMOS짰 Small-Signal-Transistor Features P-Channel Enhancement mode
Rev 1.6 2009-08-25
logo
Inchange Semiconductor ...
SPP15P10P ISC-SPP15P10P Datasheet
334Kb / 2P
   P-Channel MOSFET Transistor
logo
Infineon Technologies A...
SPP15P10PG INFINEON-SPP15P10PG Datasheet
640Kb / 10P
   SIPMOS짰 Small-Signal-Transistor Features P-Channel Enhancement mode
Rev 1.6 2009-08-25
SPP15P10PG INFINEON-SPP15P10PG Datasheet
737Kb / 10P
   SIPMOS짰 Small-Signal-Transistor
Rev 1.8 2012-09-11
More results

Similar Description - SPP15P10PH

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSS138NH6327 INFINEON-BSS138NH6327 Datasheet
463Kb / 9P
   SIPMOS짰 Small-Signal-Transistor
Rev. 2.86 2012-04-17
SPP18P06PH INFINEON-SPP18P06PH Datasheet
577Kb / 9P
   SIPMOS짰 Small-Signal-Transistor
Rev1.92 2014-11-21
BSS127 INFINEON-BSS127 Datasheet
271Kb / 9P
   SIPMOS짰 Small-Signal-Transistor
Rev. 1.1 2006-03-24
BSP170PE6327T INFINEON-BSP170PE6327T Datasheet
576Kb / 9P
   SIPMOS짰 Small-Signal-Transistor
Rev 2.53 2012-11-26
BSS126 INFINEON-BSS126 Datasheet
236Kb / 9P
   SIPMOS짰 Small-Signal-Transistor
Rev. 1.3 2006-06-14
SPD15P10PG INFINEON-SPD15P10PG_12 Datasheet
737Kb / 10P
   SIPMOS짰 Small-Signal-Transistor
Rev 1.8 2012-09-11
BSS131L6327 INFINEON-BSS131L6327 Datasheet
210Kb / 9P
   SIPMOS짰 Small-Signal-Transistor
Rev. 2.4 2011-06-07
BSP129L6327HTSA1 INFINEON-BSP129L6327HTSA1 Datasheet
451Kb / 10P
   SIPMOS짰 Small-Signal-Transistor
Rev. 1.42 2012-11-29
BSS225 INFINEON-BSS225 Datasheet
205Kb / 9P
   SIPMOS짰 Small-Signal-Transistor
Rev. 1.21 2005-02-25
BSP179 INFINEON-BSP179 Datasheet
415Kb / 8P
   SIPMOS짰 Small-Signal-Transistor
Rev. 2.0 2015-06-23
BSP170P-L6327 INFINEON-BSP170P-L6327 Datasheet
576Kb / 9P
   SIPMOS짰 Small-Signal-Transistor
Rev 2.53 2012-11-26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com