Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPD15P10PL Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # SPD15P10PL
Description  SIPMOS짰 Power-Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPD15P10PL Datasheet(HTML) 4 Page - Infineon Technologies AG

  SPD15P10PL Datasheet HTML 1Page - Infineon Technologies AG SPD15P10PL Datasheet HTML 2Page - Infineon Technologies AG SPD15P10PL Datasheet HTML 3Page - Infineon Technologies AG SPD15P10PL Datasheet HTML 4Page - Infineon Technologies AG SPD15P10PL Datasheet HTML 5Page - Infineon Technologies AG SPD15P10PL Datasheet HTML 6Page - Infineon Technologies AG SPD15P10PL Datasheet HTML 7Page - Infineon Technologies AG SPD15P10PL Datasheet HTML 8Page - Infineon Technologies AG SPD15P10PL Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SPD15P10PL G
1 Power dissipation
2 Drain current
P
tot=f(T C)
I
D=f(T C); |V GS| 10 V
3 Safe operating area
4 Max. transient thermal impedance
I
D=f(V DS); T C=25 °C; D =0
Z
thJC=f(t p)
parameter: t p
parameter: D =t p/T
10 μs
100 μs
1 ms
10 ms
DC
10
3
10
2
10
1
10
0
10
2
10
1
10
0
10
-1
-V
DS [V]
limited by on-state
resistance
single pulse
0.01
0.02
0.05
0.1
0.2
0.5
10
0
10
-1
10
-2
10
-3
10
-4
10
-5
10
1
10
0
10
-1
10
-2
t
p [s]
0
20
40
60
80
100
120
140
0
40
80
120
160
T
A [°C]
0
4
8
12
16
0
40
80
120
160
T
A [°C]
Rev 1.
5
page 4
20
12-09-03


Similar Part No. - SPD15P10PL

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
SPD15P10PL ISC-SPD15P10PL Datasheet
308Kb / 2P
   isc P-Channel MOSFET Transistor
logo
Infineon Technologies A...
SPD15P10PLG INFINEON-SPD15P10PLG Datasheet
416Kb / 10P
   SIPMOS짰 Power-Transistor Features P-Channel Enhancement mode
Rev 1.3 2009-10-27
SPD15P10PLG INFINEON-SPD15P10PLG Datasheet
762Kb / 10P
   SIPMOS® Power-Transistor
Rev 1.5 2012-09-03
More results

Similar Description - SPD15P10PL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPI47N10L INFINEON-SPI47N10L_02 Datasheet
114Kb / 8P
   SIPMOS짰 Power-Transistor
2002-01-09
SPD04P10PLG INFINEON-SPD04P10PLG Datasheet
463Kb / 9P
   SIPMOS짰 Power-Transistor
Rev 1.6 2012-09-10
BUZ110S INFINEON-BUZ110S Datasheet
139Kb / 8P
   SIPMOS짰 Power Transistor
05.99
SPB08P06P INFINEON-SPB08P06P_12 Datasheet
273Kb / 8P
   SIPMOS짰 Power-Transistor
Rev 1.7 2012-09-07
SPP80N06S-08 INFINEON-SPP80N06S-08 Datasheet
171Kb / 8P
   SIPMOS짰 Power-Transistor
Rev. 1.0 2004-11-30
SPD08P06PG INFINEON-SPD08P06PG_12 Datasheet
605Kb / 9P
   SIPMOS짰 Power-Transistor
Rev 1.92 2012-09-10
SPD04P10PG INFINEON-SPD04P10PG Datasheet
479Kb / 9P
   SIPMOS짰 Power-Transistor
Rev 1.6 2012-09-10
SPB18P06PG INFINEON-SPB18P06PG_12 Datasheet
446Kb / 8P
   SIPMOS짰 Power-Transistor
Rev 1.6 2012-09-07
SPP15P10PLH INFINEON-SPP15P10PLH Datasheet
767Kb / 10P
   SIPMOS짰 Power-Transistor
Rev 1.4 2011-09-01
BSS138NH6327 INFINEON-BSS138NH6327 Datasheet
463Kb / 9P
   SIPMOS짰 Small-Signal-Transistor
Rev. 2.86 2012-04-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com