Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPD15P10PG Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # SPD15P10PG
Description  SIPMOS짰 Small-Signal-Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPD15P10PG Datasheet(HTML) 2 Page - Infineon Technologies AG

  SPD15P10PG_12 Datasheet HTML 1Page - Infineon Technologies AG SPD15P10PG_12 Datasheet HTML 2Page - Infineon Technologies AG SPD15P10PG_12 Datasheet HTML 3Page - Infineon Technologies AG SPD15P10PG_12 Datasheet HTML 4Page - Infineon Technologies AG SPD15P10PG_12 Datasheet HTML 5Page - Infineon Technologies AG SPD15P10PG_12 Datasheet HTML 6Page - Infineon Technologies AG SPD15P10PG_12 Datasheet HTML 7Page - Infineon Technologies AG SPD15P10PG_12 Datasheet HTML 8Page - Infineon Technologies AG SPD15P10PG_12 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SPD15P10P G
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Thermal characteristics
Thermal resistance,
junction - soldering point
R thJC
-
-
1.17
K/W
Thermal resistance,
junction - ambient
R thJA
minimal footprint,
steady state
--
75
6 cm
2 cooling area1),
steady state
--
45
Electrical characteristics, at T j=25 °C, unless otherwise specified
Static characteristics
Drain-source breakdown voltage
V (BR)DSS V GS=0 V, I D=-1 mA
-100
-
-
V
Gate threshold voltage
V GS(th)
V DS=V GS, I D=-
1.54 mA
-4
-3
-2.1
Zero gate voltage drain current
I DSS
V DS=-100 V, V GS=0 V,
T j=25 °C
-
-0.1
-1
µA
V DS=-100 V, V GS=0 V,
T j=150 °C
-
-10
-100
Gate-source leakage current
I GSS
V GS=-20 V, V DS=0 V
-
-10
-100
nA
Drain-source on-state resistance
R DS(on)
V GS=-10 V,
I D=-10.6 A
-
160
240
m
Transconductance
g fs
|V DS|>2|I D|R DS(on)max,
I D=-10.6 A
4.7
9.3
-
S
1) Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm2 (one layer, 70 µm thick) copper area for drain
connection. PCB is vertical in still air.
Values
Rev 1.
8
page 2
20
12-09-11


Similar Part No. - SPD15P10PG_12

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPD15P10PG INFINEON-SPD15P10PG Datasheet
640Kb / 10P
   SIPMOS짰 Small-Signal-Transistor Features P-Channel Enhancement mode
Rev 1.6 2009-08-25
logo
Inchange Semiconductor ...
SPD15P10PG ISC-SPD15P10PG Datasheet
308Kb / 2P
   isc P-Channel MOSFET Transistor
More results

Similar Description - SPD15P10PG_12

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSS138NH6327 INFINEON-BSS138NH6327 Datasheet
463Kb / 9P
   SIPMOS짰 Small-Signal-Transistor
Rev. 2.86 2012-04-17
SPP18P06PH INFINEON-SPP18P06PH Datasheet
577Kb / 9P
   SIPMOS짰 Small-Signal-Transistor
Rev1.92 2014-11-21
BSS127 INFINEON-BSS127 Datasheet
271Kb / 9P
   SIPMOS짰 Small-Signal-Transistor
Rev. 1.1 2006-03-24
BSP170PE6327T INFINEON-BSP170PE6327T Datasheet
576Kb / 9P
   SIPMOS짰 Small-Signal-Transistor
Rev 2.53 2012-11-26
BSS126 INFINEON-BSS126 Datasheet
236Kb / 9P
   SIPMOS짰 Small-Signal-Transistor
Rev. 1.3 2006-06-14
BSS131L6327 INFINEON-BSS131L6327 Datasheet
210Kb / 9P
   SIPMOS짰 Small-Signal-Transistor
Rev. 2.4 2011-06-07
BSP129L6327HTSA1 INFINEON-BSP129L6327HTSA1 Datasheet
451Kb / 10P
   SIPMOS짰 Small-Signal-Transistor
Rev. 1.42 2012-11-29
BSS225 INFINEON-BSS225 Datasheet
205Kb / 9P
   SIPMOS짰 Small-Signal-Transistor
Rev. 1.21 2005-02-25
BSP179 INFINEON-BSP179 Datasheet
415Kb / 8P
   SIPMOS짰 Small-Signal-Transistor
Rev. 2.0 2015-06-23
BSP170P-L6327 INFINEON-BSP170P-L6327 Datasheet
576Kb / 9P
   SIPMOS짰 Small-Signal-Transistor
Rev 2.53 2012-11-26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com