Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPD06N80C3 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # SPD06N80C3
Description  CoolMOSTM Power Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPD06N80C3 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button SPD06N80C3 Datasheet HTML 2Page - Infineon Technologies AG SPD06N80C3 Datasheet HTML 3Page - Infineon Technologies AG SPD06N80C3 Datasheet HTML 4Page - Infineon Technologies AG SPD06N80C3 Datasheet HTML 5Page - Infineon Technologies AG SPD06N80C3 Datasheet HTML 6Page - Infineon Technologies AG SPD06N80C3 Datasheet HTML 7Page - Infineon Technologies AG SPD06N80C3 Datasheet HTML 8Page - Infineon Technologies AG SPD06N80C3 Datasheet HTML 9Page - Infineon Technologies AG SPD06N80C3 Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
SPD06N80C3
9 Typ. gate charge
10 Forward characteristics of reverse diode
V GS=f(Q gate); I D=6 A pulsed
I F=f(V SD); t p=10 µs
parameter: V DD
parameter: T j
11 Avalanche energy
12 Drain-source breakdown voltage
E AS=f(T j); I D=1.2 A; V DD=50 V
V BR(DSS)=f(T j); I D=0.25 mA
25 °C
150 °C
150°C (98%)
25°C (98°C)
10
2
10
1
10
0
10
-1
0
0.5
1
1.5
2
V SD [V]
160 V
640 V
0
2
4
6
8
10
0
10
20
30
40
Q gate [nC]
680
720
760
800
840
880
920
960
-60
-20
20
60
100
140
180
T j [°C]
absolut
0
50
100
150
200
250
25
50
75
100
125
150
T j [°C]
25 °C
150 °C
150°C (98%)
25°C (98°C)
10
2
10
1
10
0
10
-1
0
0.5
1
1.5
2
V SD [V]
160 V
640 V
0
2
4
6
8
10
0
10
20
30
40
Q gate [nC]
680
720
760
800
840
880
920
960
-60
-20
20
60
100
140
180
T j [°C]
absolut
0
50
100
150
200
250
25
50
75
100
125
150
T j [°C]
Rev. 2.
91
page 6
20
11-09-27
2.92
2013-07-31


Similar Part No. - SPD06N80C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPD06N80C3 INFINEON-SPD06N80C3 Datasheet
254Kb / 11P
   Cool MOS??Power Transistor
2003-07-02
SPD06N80C3 INFINEON-SPD06N80C3 Datasheet
555Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.4 2008-04-11
SPD06N80C3 INFINEON-SPD06N80C3 Datasheet
468Kb / 10P
   CoolMOS Power Transistor
Rev. 2.4 2008-10-15
logo
Inchange Semiconductor ...
SPD06N80C3 ISC-SPD06N80C3 Datasheet
336Kb / 2P
   N-Channel MOSFET Transistor
logo
Infineon Technologies A...
SPD06N80C3 INFINEON-SPD06N80C3_08 Datasheet
555Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.4 2008-04-11
More results

Similar Description - SPD06N80C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPI60R125CP INFINEON-IPI60R125CP Datasheet
274Kb / 10P
   CoolMOSTM Power Transistor
Rev. 2.0 2007-11-20
IPP60R250CP INFINEON-IPP60R250CP Datasheet
281Kb / 10P
   CoolMOSTM Power Transistor
Rev. 2.0 2008-07-11
SPD06N60C3 INFINEON-SPD06N60C3_08 Datasheet
642Kb / 11P
   CoolMOSTM Power Transistor
Rev. 1.5 2008-04-11
SPA06N60C3 INFINEON-SPA06N60C3_10 Datasheet
227Kb / 11P
   CoolMOSTM Power Transistor
Rev. 1.3 2010-12-21
IPD80R2K7C3A INFINEON-IPD80R2K7C3A Datasheet
516Kb / 10P
   CoolMOSTM Power Transistor
Final Data Sheet, Rev. 1.1 2013-11-21
SPP11N80C3 INFINEON-SPP11N80C3_11 Datasheet
490Kb / 10P
   CoolMOSTM Power Transistor
Rev. 2.91 2011-09-27
SPD02N80C3 INFINEON-SPD02N80C3_13 Datasheet
381Kb / 10P
   CoolMOSTM Power Transistor
Rev. 2.91 2011-09-28
IPP50R350CP INFINEON-IPP50R350CP_12 Datasheet
781Kb / 10P
   CoolMOSTM Power Transistor
Rev. 2.1 2012-05-08
IPW50R140CP INFINEON-IPW50R140CP Datasheet
361Kb / 10P
   CoolMOSTM Power Transistor
Rev. 1.01 2007-02-06
IPD50R399CP INFINEON-IPD50R399CP Datasheet
311Kb / 10P
   CoolMOSTM Power Transistor
Rev. 2.0 2007-11-21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com