Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABC350-1012L Datasheet(PDF) 5 Page - Bel Fuse Inc.

Part # ABC350-1012L
Description  Approved to EN60950-1 2nd Edition
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC350-1012L Datasheet(HTML) 5 Page - Bel Fuse Inc.

  ABC350-1012L Datasheet HTML 1Page - Bel Fuse Inc. ABC350-1012L Datasheet HTML 2Page - Bel Fuse Inc. ABC350-1012L Datasheet HTML 3Page - Bel Fuse Inc. ABC350-1012L Datasheet HTML 4Page - Bel Fuse Inc. ABC350-1012L Datasheet HTML 5Page - Bel Fuse Inc. ABC350-1012L Datasheet HTML 6Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
ABC350 Series
© 2015 Bel Power Solutions, Inc.
+1.866.513.2839
tech.support@psbel.com
BCD.00560_AD
CONNECTOR
PIN
DESCRIPTION / CONDITION
MANUFACTURER / PN
AC Input Connector
J1
Pin 1
Pin 2
Pin 3
AC Line
Not Fitted
AC Neutral
Molex: 26-60-4030
Mating: 09-50-3031; Pins: 08-50-0106
DC Output Connector
J2
Screw Terminal
(Option 1)
Pin 1
Pin 2
V1 +VE
V1 - VE
6-32 inches Screw Pan HD
Mating: 16 AWG wire crimped to Ring Tongue Terminal
AMP: 8-31886-1
Molex Connector
(Option 2)
Pin 1,2,3,4
Pin 5,6,7,8
V1 +VE
V1 - VE
Molex: 26-60-4080
Mating: 09-50-3081; Pins: 08-50-0106
Aux (Fan) Output
J3
Pin 1
Pin 2
FAN +VE
FAN -VE
AMP :640456-2
Mating: 640440-2
Earth
J4
Molex: 19705-4301
Mating: 19003-0001
PARAMETER
DESCRIPTION / CONDITION
Weight
300 g max
Dimensions
76.2 x 127.0 x 25.4 mm (3 x 5 x 1 inch)
Figure 2 – Mechanical Drawing – Screw Terminal (Option 1)


Similar Part No. - ABC350-1012L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
ABC350-1012L BEL-ABC350-1012L Datasheet
779Kb / 6P
   RoHS Compliant
More results

Similar Description - ABC350-1012L

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
QPDD10-48D QUALTEK-QPDD10-48D Datasheet
2Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards
logo
ETA-USA
MDL-SX-W5 ETA-USA-MDL-SX-W5 Datasheet
2Mb / 2P
   65W Medical 60601-1 3rd Edition approved
logo
NEC
65PWB31 NEC-65PWB31 Datasheet
168Kb / 10P
   DOD-PD-0734 (2nd edition)
logo
Bel Fuse Inc.
0RQ1-C5W24M BEL-0RQ1-C5W24M Datasheet
657Kb / 14P
   Approved to UL/CSA60950-1, 2nd A2 version(TBD)
logo
SynQor Worldwide Headqu...
PQ60050EKX10 SYNQOR-PQ60050EKX10 Datasheet
1Mb / 15P
   TUV certified to EN60950-1
logo
Qualtek Electronics Cor...
QPDS15-48S QUALTEK-QPDS15-48S Datasheet
6Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards Remote Control
logo
Recom International Pow...
RPA120H-RW RECOM-RPA120H-RW Datasheet
1Mb / 7P
   UL, IEC/EN60950-1 & EN50155 Pending
logo
Vincotech
V23990-P709-F40-P1-19 VINCOTECH-V23990-P709-F40-P1-19 Datasheet
254Kb / 3P
   flow90PACK 1 2nd gen
V23990-P707-F40-P1-19 VINCOTECH-V23990-P707-F40-P1-19 Datasheet
247Kb / 3P
   flow90PACK 1 2nd gen
V23990-P708-F40-P1-14 VINCOTECH-V23990-P708-F40-P1-14 Datasheet
1Mb / 17P
   flow90PACK 1 2nd gen
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com