Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL1539A Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL1539A
Description  Fixed Gain, Dual Port, VDSL2 Line Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1539A Datasheet(HTML) 1 Page - Intersil Corporation

  ISL1539A Datasheet HTML 1Page - Intersil Corporation ISL1539A Datasheet HTML 2Page - Intersil Corporation ISL1539A Datasheet HTML 3Page - Intersil Corporation ISL1539A Datasheet HTML 4Page - Intersil Corporation ISL1539A Datasheet HTML 5Page - Intersil Corporation ISL1539A Datasheet HTML 6Page - Intersil Corporation ISL1539A Datasheet HTML 7Page - Intersil Corporation ISL1539A Datasheet HTML 8Page - Intersil Corporation ISL1539A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
Fixed Gain, Dual Port, VDSL2 Line Driver
ISL1591
The ISL1591 provides 4 internal wideband op amps intended
to be used as two pairs of fixed gain differential line drivers.
The ISL1591’s high bandwidth, and ultra low distortion
enables the support of VDSL2 8b, 17a, and 30a in central
office modem applications. This highly versatile line driver
allows for operation from +14V to +24V nominal power
supplies, while delivering exceptional MTPR distortion
performance.
Using a single +24V supply, the ISL1591 MBPR distortion is
below -62dBc in VDSL2 8b, -63dBc in VDSL2 17a, and -60dBc
in VDSL2 30a profiles. Using a single +14V supply, ISL1591
supports 14.5dBm VDSL2 17a and 30a profiles at only a
power consumption of 425mW. This capability is ideal for
short loop, high bit rate VDSL2 applications where 14.5dBm
transmit power is all that is required. For full power VDSL2 8b
profile with 20dBm of transmit power, the line driver will
require +24V single supply.
Each of the 4 internal op amps is a wideband current feedback
amplifier offering very high slew rate intrinsic to that design
using low quiescent current levels. Each of the two pair of
amplifiers (ports) can also be power optimized to the
application using two external quiescent control logic pins. Full
power is nominally 14mA/port with options of medium power
cutback to 9.7mA/port, a low power condition at 7.4mA/port,
and an off state at <0.5mA/port.
High power push/pull line driver applications are best
supported using a low headroom, high output current device.
On +24V supplies, the ISL1591 offers a 1.6V headroom with
>360mA peak output current. Driving differentially, this gives
>42.4VP-P swing to as low as 58Ω differential load. The four
amplifiers in ISL1591 are intended to be used as differential
pairs and not as individual amplifiers.
Features
• Internal Fixed Gain of 11.6V/V at RLOAD
±360mA Output Drive Capability
• 42.4VP-P Differential Output Drive into 82.6Ω
• -62dBc MBPR (VDSL 8b Profile)
• -65dBc US1, -63dBc US2 MBPR (VDSL2 17a Profile)
• -64dBc US1, -62dBc US2, -60dBc US3 MBPR (VDSL 30a
Profile)
• High Slew Rate of 2000V/µs Differential
• Bandwidth (170MHz)
• Supply Current Control Pins
• K.20, GR-1089 Surge Robustness Validated
• Pb-Free (RoHS Compliant)
Applications
•ADSL2+
• VDSL2 Profiles: 8MHz, 17MHz, and 30MHz
Related Literature
• AN1325 “Choosing and Using Bypass Capacitors”
TABLE 1. ALTERNATE SOLUTIONS
PART #
NOMINAL ±VCC
(V)
BANDWIDTH
(MHz)
APPLICATIONS
ISL1557
±6,+12
200
VDSL2
ISL1536
±12,+24
50
ADSL2+
ISL1539A
±12,+24
240
VDSL2
FIGURE 1. FIXED GAIN LINE DRIVER CIRCUIT
FIGURE 2. MBPR VDSL2 8b PERFORMANCE
+24V
ISL1591
1/2
Rb
1:N
VCM
100
Ω
LINE
AFE
Rb
Vi
Vo
V
V
Vi
Vo
N2
Rb
11.6
0.5
0.2
=
x
x
= 100Ω
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
3.75M
4.15M
4.55M
4.95M
FREQUENCY (Hz)
PAR = 5.4
20.2dBm
Avg. US1 MTBR = -65dBc
5.35M
October 31, 2012
FN7625.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas Inc. 2011, 2012. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL1539A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL1539A INTERSIL-ISL1539A Datasheet
91Kb / 2P
   Dual Port VDSL2 Line Driver
ISL1539A INTERSIL-ISL1539A Datasheet
709Kb / 13P
   Single Port, VDSL2 Differential Line Driver
ISL1539A INTERSIL-ISL1539A Datasheet
1Mb / 23P
   Dual Port VDSL2 Line Driver
September 23, 2009
logo
Renesas Technology Corp
ISL1539A RENESAS-ISL1539A Datasheet
2Mb / 23P
   Dual Port VDSL2 Line Driver
September 23, 2009
ISL1539A RENESAS-ISL1539A Datasheet
1Mb / 18P
   Fixed Gain, Dual Port, VDSL2 Line Driver
October 31, 2012
More results

Similar Description - ISL1539A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL1591 RENESAS-ISL1591 Datasheet
1Mb / 18P
   Fixed Gain, Dual Port, VDSL2 Line Driver
October 31, 2012
logo
Intersil Corporation
ISL1591IRTZ INTERSIL-ISL1591IRTZ Datasheet
938Kb / 18P
   Fixed Gain, Dual Port, VDSL2 Line Driver
October 31, 2012
ISL1539A INTERSIL-ISL1539A Datasheet
91Kb / 2P
   Dual Port VDSL2 Line Driver
logo
Renesas Technology Corp
ISL1539A RENESAS-ISL1539A Datasheet
2Mb / 23P
   Dual Port VDSL2 Line Driver
September 23, 2009
logo
Intersil Corporation
ISL1539AIRZ INTERSIL-ISL1539AIRZ Datasheet
1Mb / 23P
   Dual Port VDSL2 Line Driver
September 23, 2009
logo
Texas Instruments
THS6214 TI-THS6214 Datasheet
1Mb / 41P
[Old version datasheet]   Dual-Port, Differential, VDSL2 Line Driver Amplifiers
THS6204 TI-THS6204 Datasheet
1Mb / 43P
[Old version datasheet]   Dual-Port, Differential VDSL2 Line Driver Amplifiers
THS6204 TI1-THS6204 Datasheet
1Mb / 43P
[Old version datasheet]   Dual-Port, Differential VDSL2 Line Driver Amplifiers
THS6226 TI-THS6226_15 Datasheet
966Kb / 21P
[Old version datasheet]   Gated-Class H, Dual-Port VDSL2 Line Driver
THS6226 TI1-THS6226 Datasheet
693Kb / 20P
[Old version datasheet]   Gated-Class H, Dual-Port VDSL2 Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com