Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL58792 Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL58792
Description  Laser Diode Driver with Serial Control and Write Current DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL58792 Datasheet(HTML) 5 Page - Intersil Corporation

  ISL58792 Datasheet HTML 1Page - Intersil Corporation ISL58792 Datasheet HTML 2Page - Intersil Corporation ISL58792 Datasheet HTML 3Page - Intersil Corporation ISL58792 Datasheet HTML 4Page - Intersil Corporation ISL58792 Datasheet HTML 5Page - Intersil Corporation ISL58792 Datasheet HTML 6Page - Intersil Corporation ISL58792 Datasheet HTML 7Page - Intersil Corporation ISL58792 Datasheet HTML 8Page - Intersil Corporation ISL58792 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ISL58792
5
FN7580.3
December 14, 2015
Submit Document Feedback
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise
noted, all tests are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Standard Conditions Unless otherwise indicated, all of the following tables are: VSO = VHI = 5V, RSET = 620Ω, RFREQ = 4.7kΩ,
RLOAD-IOUT1/2 = 8Ω to GND, RLOAD-BLUE = 10Ω to VHI, PMAX = 0x3FF, Reg 1-21 = 88h, Reg x-00 bit6 = 0, TA = +25°C.
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
VSO, Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6V
IBLUE, Voltage at IBLUE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7V
IOUT1,2, Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1000mApk
IBLUE, Output Current. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 600mApk
VIN, Logic Input Voltages . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to VSO + 0.5V
IIN, Current into RSET, RFREQ, IAPC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5mA
ESD Rating
Human Body Model (Tested per JESD22-A114F) . . . . . . . . . . . . . 1500V
Machine Model (Tested per JESDD22 A115B). . . . . . . . . . . . . . . . . 100V
Charge Device Model (Tested per JESDD22-C101D). . . . . . . . . . . 1500V
Latch-up. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100mA @+125°C
Thermal Resistance (Typical)
JA (°C/W)
JC (°C/W)
24 Lead TQFN (Notes 3, 4) . . . . . . . . . . . . .
42
5.4
PD, Maximum Power Dissipation . . . . . . . . . . . . see Figure 12 on page 13
TS, Storage Temperature Range. . . . . . . . . . . . . . . . . . . . .-60°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Operating Conditions
TA, Ambient Temperature Range . . . . . . . . . . . . . . . . . . . . .-10°C to +85°C
TJ, Junction Temperature Range. . . . . . . . . . . . . . . . . . . . -10°C to +150°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
3.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
4. For
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications Standard conditions apply unless otherwise noted.
PARAMETER
DESCRIPTION
MIN
(Note 13)
TYP
MAX
(Note 13)
UNIT
DC ELECTRICAL SPECIFICATIONS
VSO
(Notes 5, 6)
4.5
5.7
V
VIBLUE
IBLUE pin; RLOAD = 10
7.0
V
IVSO
Supply Current (No Current Output)
19
30
mA
IS, dis(nom)
Supply Current, Disable Mode
17
100
µA
IS, dis(high)
Supply Current; VSO = 5.5V, Disable Mode
25
100
µA
IBLUE-LEAK1
VIBLUE = 7.0V; IBLUE is Selected; CE = OE = 1; Reg1-21 = 00h
150
300
µA
IBLUE-LEAK2
VIBLUE = 7.0V; IBLUE is Selected; CE = OE = 1; IAPC pin voltage = 0V
80
µA
IBLUE-LEAK3
VIBLUE = 7.0V; IBLUE is not Selected; CE = OE = 1
1.1
1.6
mA
VIH
Input Logic High Level
2.0
V
VIL
Input Logic Low Level
0.8
V
VOH
SDIO High Level, IL = -5mA
2.4
V
VOL
SDIO Low Level, IL = 5mA
0.4
V
IINH
Logic Input Current High Level
-15
+15
µA
IINL
Logic Input Current Low Level
-15
+10
µA
NOTES:
5. Required voltage at the device pins. Allowance must be made for any voltage drop between the power supply and the device.
6. Required voltage also depends on laser diode manufacturer and pickup optical efficiency. Also, see ROUT spec of WDAC.


Similar Part No. - ISL58792

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL58792 RENESAS-ISL58792 Datasheet
788Kb / 16P
   Laser Diode Driver with Serial Control and Write Current DAC
ISL58792CRTZ RENESAS-ISL58792CRTZ Datasheet
788Kb / 16P
   Laser Diode Driver with Serial Control and Write Current DAC
ISL58792CRTZ-T13 RENESAS-ISL58792CRTZ-T13 Datasheet
788Kb / 16P
   Laser Diode Driver with Serial Control and Write Current DAC
ISL58792CRTZ-T7A RENESAS-ISL58792CRTZ-T7A Datasheet
788Kb / 16P
   Laser Diode Driver with Serial Control and Write Current DAC
More results

Similar Description - ISL58792

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL58792 RENESAS-ISL58792 Datasheet
788Kb / 16P
   Laser Diode Driver with Serial Control and Write Current DAC
logo
Intersil Corporation
ISL58781 INTERSIL-ISL58781 Datasheet
404Kb / 15P
   Laser Diode Driver with Serial Control and Write Current DAC
logo
Renesas Technology Corp
ISL58781 RENESAS-ISL58781 Datasheet
822Kb / 15P
   Laser Diode Driver with Serial Control and Write Current DAC
December 3, 2015
ISL58797 RENESAS-ISL58797 Datasheet
195Kb / 2P
   Laser Diode Driver with Write Current DAC and PDIC Control Outputs
logo
Intersil Corporation
ISL58797 INTERSIL-ISL58797 Datasheet
116Kb / 2P
   Laser Diode Driver with Write Current DAC and PDIC Control Outputs
logo
Renesas Technology Corp
ISL58797 RENESAS-ISL58797_V01 Datasheet
207Kb / 2P
   Laser Diode Driver with Write Current DAC and PDIC Control Outputs
April 26, 2012
logo
Analog Devices
AD9661A AD-AD9661A Datasheet
174Kb / 12P
   Laser Diode Driver with Light Power Control
REV. 0
logo
Vitesse Semiconductor C...
VSC7938 VITESSE-VSC7938 Datasheet
213Kb / 16P
   Laser Diode Driver with Automatic Power Control
logo
Analog Devices
AD9661A AD-AD9661A_15 Datasheet
626Kb / 12P
   Laser Diode Driver with Light Power Control
REV. 0
logo
Vitesse Semiconductor C...
VSC7939 VITESSE-VSC7939 Datasheet
226Kb / 18P
   Laser Diode Driver with Automatic Power Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com