Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL58792CRTZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL58792CRTZ
Description  Laser Diode Driver with Serial Control and Write Current DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL58792CRTZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL58792CRTZ Datasheet HTML 7Page - Intersil Corporation ISL58792CRTZ Datasheet HTML 8Page - Intersil Corporation ISL58792CRTZ Datasheet HTML 9Page - Intersil Corporation ISL58792CRTZ Datasheet HTML 10Page - Intersil Corporation ISL58792CRTZ Datasheet HTML 11Page - Intersil Corporation ISL58792CRTZ Datasheet HTML 12Page - Intersil Corporation ISL58792CRTZ Datasheet HTML 13Page - Intersil Corporation ISL58792CRTZ Datasheet HTML 14Page - Intersil Corporation ISL58792CRTZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ISL58792
11
FN7580.3
December 14, 2015
Submit Document Feedback
Applications Information
IOUT
The data sheet values for oscillator current, and write current are
based on an RSET of 620 when PMAX and WriteDAC are both set to
full scale. The user may choose RSET to match the output current
needs of the application.
The PMAX DAC is biased by IRSET (= VRSET/RSET). See the
“Typical Performance Curves” on page 11.
The write channel output capability for a typical part is shown in
Figures 1, 2, and 3. The amount of IOUT will be limited by the
available headroom voltage at the IOUTx pins.
A four input DAC (Reg 1-0A bits 3, 2, 1, 0) can be used to control
the amount of RC snubbing applied to the outputs. For IBLUE,
there is an extra bit (Reg 1-0A bit 4) weighted as MSB.
Read current may be controlled by either the Read DAC or the
IAPC input. When set by the PREAD DAC, IREAD is limited to the
data sheet value, whereas the IAPC input will allow a significantly
higher value to be obtained. The ReadDAC and IAPC currents sum
together.
Glitches could occur if two or three WEN lines are changed
simultaneously, and the propagation delay is different for the two
lines between the inner circuits of the controller and the inner
circuits of the LDD. Because the WEN lines are encoded, the
selected write current will be correct before the change in code,
and again after the code changes. But some other output could
result momentarily if the propagation delays are not matched.
The skew detector detects the first rising edge at the LVDS
outputs.
FOSC
Both FOSC and RFREQ may be chosen to accommodate the
desired range or operating point of the HFMFREQ DAC. Although
FOSC is relatively linear with DAC code, monotonicity is not
guaranteed (see Figures 5 and 6).
The oscillator may be turned on by the WEN code selected. The
particular code that selects the oscillator is under program
control. The PCOOL function is also available through the program
control and WEN selection.
The WEB enables write current. WEN code 000 through 111 will
select a write current as described in Table 1.
Power
The main power consumption is caused by the headroom voltage
across the output stage (VSO - VIOUT) x IOUT. For IOUT1 and IOUT2,
the VSO can be reduced below 5.0V, as long as sufficient
headroom voltage is available to obtain the desired output
current. For the blue outputs, the built in ADC can be used to
obtain the output voltage, which is also the headroom voltage.
The HFM oscillator power consumption will increase with
increasing frequency and amplitude (see Figure 7).
Note that in the TQFN package, the die is mounted directly on the
thermal pad. This provides a very low thermal resistance Junction
to thermal pad of just a few °C/W. The problem is in moving the
heat from the thermal pad to some other heat sink.
Figure 12 shows that when mounted well on a 4-layer PCB with 3
ground plane layers, and an area of 10cmx10cm, the
JA is
+42°C/W. The typical application will not afford this good of a
heat sink.
Typical Performance Curves
FIGURE 1. IOUT WRITE CURRENT vs VHEADROOM vs PMAX
FIGURE 2. IBLUE vs PMAX vs VHEADROOM (VSO =5.0V)
(RSET = 620) (1-21 = FFh), (RLOAD = 10)
VHEADROOM (V)
(REG 1-21 = 88h) (VSO = 4.5V)
IOUT2 vs VHEAD vs PMAX CODE
3FFh
300h
200h
100h
80h
40h
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5
0
200
400
600
800
1000
1200
(RSET = 620)
02
5
7
VHEADROOM (V)
13
46
8
3FFh
300h
200h
100h
40h
001h
0
100
200
300
400
500


Similar Part No. - ISL58792CRTZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL58792CRTZ RENESAS-ISL58792CRTZ Datasheet
788Kb / 16P
   Laser Diode Driver with Serial Control and Write Current DAC
ISL58792CRTZ-T13 RENESAS-ISL58792CRTZ-T13 Datasheet
788Kb / 16P
   Laser Diode Driver with Serial Control and Write Current DAC
ISL58792CRTZ-T7A RENESAS-ISL58792CRTZ-T7A Datasheet
788Kb / 16P
   Laser Diode Driver with Serial Control and Write Current DAC
More results

Similar Description - ISL58792CRTZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL58792 RENESAS-ISL58792 Datasheet
788Kb / 16P
   Laser Diode Driver with Serial Control and Write Current DAC
logo
Intersil Corporation
ISL58781 INTERSIL-ISL58781 Datasheet
404Kb / 15P
   Laser Diode Driver with Serial Control and Write Current DAC
logo
Renesas Technology Corp
ISL58781 RENESAS-ISL58781 Datasheet
822Kb / 15P
   Laser Diode Driver with Serial Control and Write Current DAC
December 3, 2015
ISL58797 RENESAS-ISL58797 Datasheet
195Kb / 2P
   Laser Diode Driver with Write Current DAC and PDIC Control Outputs
logo
Intersil Corporation
ISL58797 INTERSIL-ISL58797 Datasheet
116Kb / 2P
   Laser Diode Driver with Write Current DAC and PDIC Control Outputs
logo
Renesas Technology Corp
ISL58797 RENESAS-ISL58797_V01 Datasheet
207Kb / 2P
   Laser Diode Driver with Write Current DAC and PDIC Control Outputs
April 26, 2012
logo
Analog Devices
AD9661A AD-AD9661A Datasheet
174Kb / 12P
   Laser Diode Driver with Light Power Control
REV. 0
logo
Vitesse Semiconductor C...
VSC7938 VITESSE-VSC7938 Datasheet
213Kb / 16P
   Laser Diode Driver with Automatic Power Control
logo
Analog Devices
AD9661A AD-AD9661A_15 Datasheet
626Kb / 12P
   Laser Diode Driver with Light Power Control
REV. 0
logo
Vitesse Semiconductor C...
VSC7939 VITESSE-VSC7939 Datasheet
226Kb / 18P
   Laser Diode Driver with Automatic Power Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com