Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPP18P06PH Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # SPP18P06PH
Description  SIPMOS짰 Small-Signal-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPP18P06PH Datasheet(HTML) 7 Page - Infineon Technologies AG

  SPP18P06PH Datasheet HTML 1Page - Infineon Technologies AG SPP18P06PH Datasheet HTML 2Page - Infineon Technologies AG SPP18P06PH Datasheet HTML 3Page - Infineon Technologies AG SPP18P06PH Datasheet HTML 4Page - Infineon Technologies AG SPP18P06PH Datasheet HTML 5Page - Infineon Technologies AG SPP18P06PH Datasheet HTML 6Page - Infineon Technologies AG SPP18P06PH Datasheet HTML 7Page - Infineon Technologies AG SPP18P06PH Datasheet HTML 8Page - Infineon Technologies AG SPP18P06PH Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SPP18P06P
H
13 Avalanche characteristics
14 Typ. gate charge
I AS=f(t AV); R GS=25 Ω
V GS=f(Q gate); I D=-18.6 A pulsed
parameter: T j(start)
parameter: V DD
15 Drain-source breakdown voltage
16 Gate charge waveforms
V BR(DSS)=f(T j); I D=-250 µA
50
55
60
65
70
-60
-20
20
60
100
140
180
T j [°C]
V GS
Q gate
V gs(th)
Q g(th)
Q gs
Q gd
Q sw
Q g
25 °C
100 °C
125 °C
10
3
10
2
10
1
10
0
10
2
10
1
10
0
t AV [µs]
12 V
30 V
48 V
0
2
4
6
8
10
12
14
16
0
5
10
15
20
25
30
Q gate [nC]
Rev1.
92
page 7
20
14-11-21


Similar Part No. - SPP18P06PH

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SPP18P06PH VBSEMI-SPP18P06PH Datasheet
956Kb / 7P
   P-Channel 60-V (D-S) MOSFET
More results

Similar Description - SPP18P06PH

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSS138NH6327 INFINEON-BSS138NH6327 Datasheet
463Kb / 9P
   SIPMOS짰 Small-Signal-Transistor
Rev. 2.86 2012-04-17
BSS127 INFINEON-BSS127 Datasheet
271Kb / 9P
   SIPMOS짰 Small-Signal-Transistor
Rev. 1.1 2006-03-24
BSP170PE6327T INFINEON-BSP170PE6327T Datasheet
576Kb / 9P
   SIPMOS짰 Small-Signal-Transistor
Rev 2.53 2012-11-26
BSS126 INFINEON-BSS126 Datasheet
236Kb / 9P
   SIPMOS짰 Small-Signal-Transistor
Rev. 1.3 2006-06-14
SPD15P10PG INFINEON-SPD15P10PG_12 Datasheet
737Kb / 10P
   SIPMOS짰 Small-Signal-Transistor
Rev 1.8 2012-09-11
BSS131L6327 INFINEON-BSS131L6327 Datasheet
210Kb / 9P
   SIPMOS짰 Small-Signal-Transistor
Rev. 2.4 2011-06-07
BSP129L6327HTSA1 INFINEON-BSP129L6327HTSA1 Datasheet
451Kb / 10P
   SIPMOS짰 Small-Signal-Transistor
Rev. 1.42 2012-11-29
BSS225 INFINEON-BSS225 Datasheet
205Kb / 9P
   SIPMOS짰 Small-Signal-Transistor
Rev. 1.21 2005-02-25
BSP179 INFINEON-BSP179 Datasheet
415Kb / 8P
   SIPMOS짰 Small-Signal-Transistor
Rev. 2.0 2015-06-23
BSP170P-L6327 INFINEON-BSP170P-L6327 Datasheet
576Kb / 9P
   SIPMOS짰 Small-Signal-Transistor
Rev 2.53 2012-11-26
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com