Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS-12C02-FNS Datasheet(PDF) 11 Page - C&K Components

Part # PS-12C02-FNS
Description  Pushbutton Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

PS-12C02-FNS Datasheet(HTML) 11 Page - C&K Components

Back Button PS-12C02-FNS Datasheet HTML 7Page - C&K Components PS-12C02-FNS Datasheet HTML 8Page - C&K Components PS-12C02-FNS Datasheet HTML 9Page - C&K Components PS-12C02-FNS Datasheet HTML 10Page - C&K Components PS-12C02-FNS Datasheet HTML 11Page - C&K Components PS-12C02-FNS Datasheet HTML 12Page - C&K Components PS-12C02-FNS Datasheet HTML 13Page - C&K Components PS-12C02-FNS Datasheet HTML 14Page - C&K Components PS-12C02-FNS Datasheet HTML 15Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
A-145
Dimensions are
shown: mm
Specifications and dimensions subject to
change
www.ck-components.com
A
2
1
18-Ø0.8
TYP.4
4-Ø1.2
R0.4
SCHEMATIC
PIERCING PLAN
1.15
0.8
45°
19.2
2
2
2
22
2
2
2
6P - 2T
TRAVEL
6
2
22
2
222
19.2
0.5
2
2
0.4
0.4
2.5
5.6
COMAX
R0.75
20
6
K DETAIL 6 : 1
K
7.2
PS Series
Miniature Pushbutton Switches
PS-62D10-S 6P2T SHORTING
Specifications
CONTACT RATING: 0.3A @ 30 VDC
INITIAL CONTACT RESISTANCE: 30 m ohms max.
INSULATION RESISTANCE: 100 M ohms min.
DIELECTRIC STRENGTH: 500 V AC (50-60 Hz) between open
terminals and between the frame and terminal.
OPERATING LIFE: 10,000 cycles with load
OPERATING FORCE: 250 ± 100 gf (2.45 ± 0.98N)
TRAVEL: 2 ± 0.3 mm
OPERATING TEMPERATURE: -20˚C to 70˚C
Materials
FRAME: SPCC
KNOB: POM (UL 94HB)
CONTACT: Silver plated
SPRING: Steel
TERMINAL: Silver plated
PS-62D13-S 6P2T SHORTING
2
1
4-Ø1.3
18-Ø0.8
SCHEMATIC
PIERCING PLAN
19
2
2
2
2
2
2
2
2
6P - 2T
COMAX
6
20
2
2
R0.75
2
0.5
2
2
2
2
2
2
2
2
19
1
0.4
0.4
2.5
6
TRAVEL
Specifications
CONTACT RATING: 0.3A @ 30 VDC
INITIAL CONTACT RESISTANCE: 30 m ohms max.
INSULATION RESISTANCE: 100 M ohms min.
DIELECTRIC STRENGTH: 500 V AC (50-60 Hz) between open
terminals and between the frame and terminal.
OPERATING LIFE: 10,000 cycles with load
OPERATING FORCE: 300 ± 100 gf (2.94 ± 0.98N)
TRAVEL: 2 ± 0.3 mm
OPERATING TEMPERATURE: -20˚C to 70˚C
Materials
FRAME: SPCC
KNOB: POM (UL 94HB)
CONTACT PLATE: Silver plated
SPRING: Steel
TERMINAL: SUS


Similar Part No. - PS-12C02-FNS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS-12-01 ETC2-PS-12-01 Datasheet
60Kb / 1P
   PUSH SPACER
PS-12-19 ETC2-PS-12-19 Datasheet
60Kb / 1P
   PUSH SPACER
logo
Mean Well Enterprises C...
PS-120 MEANWELL-PS-120 Datasheet
185Kb / 2P
   120W Single Output Power Supply or Battery Charger
logo
Altech corporation
PS-120 ALTECH-PS-120 Datasheet
92Kb / 2P
   120W Single Output Industrial DIN Rail Power Supply
logo
Mean Well Enterprises C...
PS-120 MEANWELL-PS-120 Datasheet
567Kb / 2P
   120W Single Output Power Supply or Battery Charger
More results

Similar Description - PS-12C02-FNS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R13-502MA ETC2-R13-502MA Datasheet
107Kb / 4P
   Pushbutton Switches
logo
Copal Electronics
MSP COPAL-MSP Datasheet
607Kb / 1P
   Pushbutton Switches
logo
E-SWITCH
5500 E-SWITCH-5500 Datasheet
288Kb / 3P
   PUSHBUTTON SWITCHES
LC1257EENP E-SWITCH-LC1257EENP Datasheet
287Kb / 3P
   PUSHBUTTON SWITCHES
logo
Copal Electronics
FP_SERIES COPAL-FP_SERIES Datasheet
765Kb / 3P
   Pushbutton Switches
logo
C&K Components
F CK-COMPONENTS-F Datasheet
1Mb / 9P
   Pushbutton Switches
29 may 19
PS-12G CK-COMPONENTS-PS-12G_V01 Datasheet
888Kb / 8P
   Pushbutton Switches
28 Nov 22
logo
E-SWITCH
5500 E-SWITCH-5500_1 Datasheet
323Kb / 3P
   PUSHBUTTON SWITCHES
700A E-SWITCH-700A Datasheet
570Kb / 3P
   PUSHBUTTON SWITCHES
TA10UOAEAUPSTA12BLU E-SWITCH-TA10UOAEAUPSTA12BLU Datasheet
526Kb / 5P
   PUSHBUTTON SWITCHES
logo
C&K Components
SF4UEE CK-COMPONENTS-SF4UEE Datasheet
440Kb / 10P
   Pushbutton Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com