Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS1A Datasheet(PDF) 2 Page - DIYI Electronic Technology Co., Ltd.

Part # RS1A
Description  1.0AMP SURFACE MOUNT GLASS FAST RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

RS1A Datasheet(HTML) 2 Page - DIYI Electronic Technology Co., Ltd.

  RS1A Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. RS1A Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
REVERSE VOLTAGE, (V)
2.0
1.0
0.5
RS1M
RS1A THRU
version:01
2of2
0
0
50
100
150
10
1.0
0.1
.0 1
.00 1
0.3
0.5
0.7
0.9
1.1
1.3
1.5
1.7
25
20
15
10
5
0
1
2
6
10
20
40
60
100
30
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine-Wave
JEDEC Method
100
10
0.1
1
10
100
1
Tj= 25 C
f= 1.0MHz
Vsig = 50mVp -p
O
0.1
20
40
60
80
100
120
140
1.0
10
100
1000
T= 150 C
A
O
T= 100 C
A
O
T= 25 C
A
O
FIG.1MAXIMUM AVERAGE FORWARD CURRENT DERATING
FIG.2TYPICAL FORWARD CHARACTERISTICS
FIG.3MAXIMUM NON-REPEITIVE SURGE CURRENT
FIG.4TYPICAL JUNCTION CAPACITANCE
FIG.5TYPICAL REVERSE CHRACTERISTICS
AMBIENT TEMPERTURE,(
)
INSTANEOUS FORWARD VOLTAGE,(V)
T= 25 C
A
O
PERCENT OF RATED PEAK INVERSE VOLTGE
www.dyelec.com


Similar Part No. - RS1A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
RS1A PANJIT-RS1A Datasheet
60Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.0 Ampere)
logo
Dongguan City Niuhang E...
RS1A NIUHANG-RS1A Datasheet
2Mb / 3P
   FAST RECOVERY RECTIFIERS
logo
Pan Jit International I...
RS1A PANJIT-RS1A Datasheet
129Kb / 3P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
RS1A DIODES-RS1A Datasheet
47Kb / 2P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
DS15002 Rev. G-2
logo
Galaxy Semi-Conductor H...
RS1A BILIN-RS1A Datasheet
488Kb / 4P
   Fast Recovery Rectifier
More results

Similar Description - RS1A

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
RS1AU DYELEC-RS1AU Datasheet
1Mb / 2P
   1.0AMP SURFACE MOUNT GLASS FAST RECOVERY RECTIFIER
R1AU DYELEC-R1AU Datasheet
1Mb / 2P
   1.0AMP SURFACE MOUNT GLASS FAST RECOVERY RECTIFIER
R1A DYELEC-R1A Datasheet
1Mb / 2P
   1.0AMP SURFACE MOUNT GLASS FAST RECOVERY RECTIFIER
GS1AU DYELEC-GS1AU Datasheet
1Mb / 2P
   1.0AMP SURFACE MOUNT GLASS RECOVERY RECTIFIER
GS1A DYELEC-GS1A Datasheet
1Mb / 2P
   1.0AMP SURFACE MOUNT GLASS RECOVERY RECTIFIER
logo
Sangdest Microelectroni...
G1A SMC-G1A Datasheet
127Kb / 4P
   1.0AMP SURFACE MOUNT GLASS RECOVERY RECTIFIER
logo
DIYI Electronic Technol...
G1AU DYELEC-G1AU Datasheet
1Mb / 2P
   1.0AMP SURFACE MOUNT GLASS RECOVERY RECTIFIER
logo
SMC Diode Solutions Co....
R1A SMCDIODE-R1A Datasheet
380Kb / 4P
   R1A-R1M 1.0AMP SURFACE MOUNT GLASS FAST RECOVERY RECTIFIER
Rev. A
logo
DIYI Electronic Technol...
E1A DYELEC-E1A Datasheet
1Mb / 2P
   1.0AMP SURFACE MOUNT GLASS SUPERFAST RECOVERY RECTIFIER
ES1A DYELEC-ES1A Datasheet
1Mb / 2P
   1.0AMP SURFACE MOUNT GLASS SUPERFAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com