Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX31915 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX31915
Description  Low Power and Low Heat Dissipation
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX31915 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX31915 Datasheet HTML 5Page - Maxim Integrated Products MAX31915 Datasheet HTML 6Page - Maxim Integrated Products MAX31915 Datasheet HTML 7Page - Maxim Integrated Products MAX31915 Datasheet HTML 8Page - Maxim Integrated Products MAX31915 Datasheet HTML 9Page - Maxim Integrated Products MAX31915 Datasheet HTML 10Page - Maxim Integrated Products MAX31915 Datasheet HTML 11Page - Maxim Integrated Products MAX31915 Datasheet HTML 12Page - Maxim Integrated Products MAX31915 Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Detailed Description
Principles of Operation
Input Current Clamp
The input pins (IN1–IN8) sense the state (on versus off)
of field sensors by monitoring both the voltage and the
current flowing through the sensor output. The current
sinking through these input pins rises linearly with input
voltage until the limit set by the current clamp is reached.
Any voltage increase beyond this point does not increase
the input current any further.
The value of the current clamp is adjustable through
an external resistor connected between pin RIREF and
ground. The voltage at the input pins (IN1–IN8) are com-
pared against internally set references to determine if the
sensor is on (logic 1) or off (logic 0). The trip points deter-
mining the on/off status of the sensor can be selected
through pin VTSELECT as follows:
● VTSELECT = 1 selects trip points that satisfy the
requirements of IEC 61131-2 type 1, type 2, and type 3
switches.
● VTSELECT = logic 0 selects trip points that are CMOS
logic compatible and roughly centered approximately
2.5V.
Pins RT1–RT8 must be connected directly to GND to
provide a return path for the input current if LEDs are
not required for visual indication. If VTSELECT = logic
0, RT1–RT8 must be connected directly to GND. If
visual indication is needed when VTSELECT = logic 0,
then LEDs can be connected to pins OP1–OP8 through
external current-limiting resistors.
PIN
NAME
FUNCTION
1, 3, 6, 18, 21
N.C.
No Connection
2
VTSELECT
Selects input trip points to be CMOS or IEC 61131-2 compliant.
Logic 0 = CMOS compliant
Logic 1 = IEC 61131-2 compliant
4
DB0
Debounce (Filtering) Time Select Inputs
5
DB1
DB1
DB0
TIME CONSTANT OF FILTER APPLIED
0
0
0 (no filtering)
0
1
0.025ms
1
0
0.75ms
1
1
3ms
7, 9, 11, 13, 15,
25, 27, 29
IN1–IN8
Field Input n. IN1 is pin 7 and IN8 is pin 29.
8, 10, 12, 14,
16, 24, 26, 28
RT1–RT8
Energyless LED Driver Outputs. Connect to GND if LEDs are not required. RT1 is pin 8 and
RT8 is pin 28.
17
RIREF
Current-Limiter Reference Resistor
19
VCC24V
Field-Supply Voltage
20
5VOUT
5V Regulator Output
22
UVFAULT
Indicates Low Supply Voltage Alarm (Active Low)
23
FAULT
Indicates Hot Temperature Alarm. This is OR’ed with the UVFAULT indicator (active low).
30–37
OP8–OP1
Logic Output n. OP1 is is 37. OP8 is pin 30.
38
GND
Field Ground
EP
Exposed Pad. Must connect EP to the PCB ground plane.
MAX31915
Industrial, Octal, Digital Input Translator
www.maximintegrated.com
Maxim Integrated │ 9
Pin Description


Similar Part No. - MAX31915

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX31915 MAXIM-MAX31915 Datasheet
1Mb / 10P
   Fully Assembled and Tested
19-6780; Rev 1; 5/15
More results

Similar Description - MAX31915

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14912 MAXIM-MAX14912 Datasheet
733Kb / 30P
   Low Power and Heat Dissipation
Rev 3; 8/16
logo
ATMEL Corporation
AT28BV64 ATMEL-AT28BV64_14 Datasheet
293Kb / 15P
   Low Power Dissipation
logo
Vishay Siliconix
TLVH42N2Q2 VISHAY-TLVH42N2Q2 Datasheet
143Kb / 5P
   Low power dissipation
Rev. 1.2, 14-Oct-14
logo
Unisonic Technologies
U74LVC1G86G-AE5-R UTC-U74LVC1G86G-AE5-R Datasheet
204Kb / 5P
   Low power dissipation
U74LVC1G139G-S08-R UTC-U74LVC1G139G-S08-R Datasheet
205Kb / 5P
   Low power dissipation
logo
Optoway Technology Inc
QPM-2100WG OPTOWAY-QPM-2100WG Datasheet
512Kb / 8P
   Low Power Dissipation
logo
Hitachi Semiconductor
HG61H HITACHI-HG61H Datasheet
1Mb / 30P
   Low power dissipation
logo
Nell Semiconductor Co.,...
D7100W NELLSEMI-D7100W Datasheet
1Mb / 3P
   Low power dissipation
logo
Unisonic Technologies
U74AUP1T157G-AL6-R UTC-U74AUP1T157G-AL6-R Datasheet
202Kb / 6P
   Low power dissipation
logo
Nell Semiconductor Co.,...
D12000W NELLSEMI-D12000W Datasheet
3Mb / 3P
   Low power dissipation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com