Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX31915 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX31915
Description  Low Power and Low Heat Dissipation
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX31915 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX31915 Datasheet HTML 5Page - Maxim Integrated Products MAX31915 Datasheet HTML 6Page - Maxim Integrated Products MAX31915 Datasheet HTML 7Page - Maxim Integrated Products MAX31915 Datasheet HTML 8Page - Maxim Integrated Products MAX31915 Datasheet HTML 9Page - Maxim Integrated Products MAX31915 Datasheet HTML 10Page - Maxim Integrated Products MAX31915 Datasheet HTML 11Page - Maxim Integrated Products MAX31915 Datasheet HTML 12Page - Maxim Integrated Products MAX31915 Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Glitch Filter
A digital glitch filter provides debouncing and filtering of
the noisy sensor signals. The time constant of this filter
is selectable between 0 (i.e., no filtering), 25µs, 0.75ms,
and 3ms. The selection is achieved through pins DB0
and DB1. The filtered outputs of the comparators are pre-
sented to the logic output pins, OP1–OP8.
To provide the digital glitch filter, the device checks that an
input is stable for at least three clock cycles. The duration
of a clock cycle is 1/3 of the selected debounce time. If the
input is not stable for at least three clock cycles, the input
change is not sent to the internal shift register.
Temperature Monitoring
The internal junction temperature of the IC is constantly
monitored and an alarm is raised, by asserting the FAULT
pin, if the temperature rises above TALRM.
Supply Voltage Monitoring
A primary supply voltage-monitor circuit constantly moni-
tors the field-supply voltage. If this voltage falls below a
threshold (VOFFUVLO), an alarm is raised by asserting
the FAULT and UVFAULT pins, indicating to the microcon-
troller that the part is experiencing a fault condition and
the data is not to be trusted. Once the field-supply voltage
has recovered and goes above VONUVLO, the FAULT and
UVFAULT pins are released.
Powering the Device Through the 5VOUT Pin
The device can alternatively be powered using a 5V
supply connected to the 5VOUT pin. In this case, a
24V supply is no longer needed and the VCC24V
supply must be kept unconnected. (see Figure 1)
In this configuration, the device will always indicate
a UVFAULT and the FAULT pin will always be active
(pulled low). Faults due to the supply voltage monitoring
and temperature monitoring will not be available.
This configuration has lower power consumption and
heat dissipation since the on-chip 5V voltage regulator
is disabled.
JUMPERS TO 5V
AND GND
Figure 1: Basic Application Powered Through 5VOUT
MAX31915
Industrial, Octal, Digital Input Translator
www.maximintegrated.com
Maxim Integrated │ 10


Similar Part No. - MAX31915

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX31915 MAXIM-MAX31915 Datasheet
1Mb / 10P
   Fully Assembled and Tested
19-6780; Rev 1; 5/15
More results

Similar Description - MAX31915

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14912 MAXIM-MAX14912 Datasheet
733Kb / 30P
   Low Power and Heat Dissipation
Rev 3; 8/16
logo
ATMEL Corporation
AT28BV64 ATMEL-AT28BV64_14 Datasheet
293Kb / 15P
   Low Power Dissipation
logo
Vishay Siliconix
TLVH42N2Q2 VISHAY-TLVH42N2Q2 Datasheet
143Kb / 5P
   Low power dissipation
Rev. 1.2, 14-Oct-14
logo
Unisonic Technologies
U74LVC1G86G-AE5-R UTC-U74LVC1G86G-AE5-R Datasheet
204Kb / 5P
   Low power dissipation
U74LVC1G139G-S08-R UTC-U74LVC1G139G-S08-R Datasheet
205Kb / 5P
   Low power dissipation
logo
Optoway Technology Inc
QPM-2100WG OPTOWAY-QPM-2100WG Datasheet
512Kb / 8P
   Low Power Dissipation
logo
Hitachi Semiconductor
HG61H HITACHI-HG61H Datasheet
1Mb / 30P
   Low power dissipation
logo
Nell Semiconductor Co.,...
D7100W NELLSEMI-D7100W Datasheet
1Mb / 3P
   Low power dissipation
logo
Unisonic Technologies
U74AUP1T157G-AL6-R UTC-U74AUP1T157G-AL6-R Datasheet
202Kb / 6P
   Low power dissipation
logo
Nell Semiconductor Co.,...
D12000W NELLSEMI-D12000W Datasheet
3Mb / 3P
   Low power dissipation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com