Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SK52 Datasheet(PDF) 2 Page - DIYI Electronic Technology Co., Ltd.

Part # SK52
Description  For Use in Low Voltage Application
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

SK52 Datasheet(HTML) 2 Page - DIYI Electronic Technology Co., Ltd.

  SK52 Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. SK52 Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SK58 - SK510
SK525
SK55 - SK56
SK52 - SK54
2.5
5.0
0
25
50
75
100
125
150
T , LEAD TEMPERATURE (ºC)
Fig. 1 Forward Current Derating Curve
L
0.01
0.1
1.0
10
0
0.4
0.8
1.2
V , INSTANTANEOUS FWD VOLTAGE (V)
Fig. 2 Typ. Forward Characteristics
F
I Pulse Width = 300 s
F
µ
50
25
75
100
0
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Max Non-Repetitive Peak Fwd Surge Current
Single Half-Sine-Wave
(JEDEC Method)
T = 100 C
j
°
A
T =25ºC
SK525
SK52 THRU
SK515-SK520
20
10
-2
10
-1
10
0
10
1
10
2
10
3
10
4
10
5
40
60
80
100
T=25 C
J
O
PERCENT OF RATED PEAK REVERSE VOLTAGE ,%
T=75 C
J
O
T =125 C
J
O
FIG.4TYPICALREVERSE CHRACTERISTIC
2 of 2
version: 01
www.dyelec.com


Similar Part No. - SK52

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SK52 PANJIT-SK52 Datasheet
73Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE- 20 to 100 Volts CURRENT- 5.0 Amperes)
logo
Nanjing International G...
SK52 DGNJDZ-SK52 Datasheet
216Kb / 2P
   5.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
EIC discrete Semiconduc...
SK52 EIC-SK52 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Yea Shin Technology Co....
SK52 YEASHIN-SK52 Datasheet
1Mb / 9P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Micro Commercial Compon...
SK52 MCC-SK52 Datasheet
93Kb / 3P
   5 Amp Schottky Rectifier 20 to 100 Volts
More results

Similar Description - SK52

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
B5817W SMC-B5817W Datasheet
188Kb / 4P
   For use in low voltage, high frequency inverters
logo
SHIKUES Electronics
MBR120ESF SKTECHNOLGY-MBR120ESF Datasheet
799Kb / 2P
   For use in low voltage, high frequency inverters
MBR120LSF SKTECHNOLGY-MBR120LSF Datasheet
1Mb / 2P
   For use in low voltage, high frequency inverters
MBR140SF SKTECHNOLGY-MBR140SF Datasheet
521Kb / 2P
   For use in low voltage, high frequency inverters
logo
Micro Commercial Compon...
B5817WS MCC-B5817WS_13 Datasheet
332Kb / 3P
   For Use in Low Voltage, High Frequency Inverters High Surge Current Capability
logo
Shanghai Leiditech Elec...
L1000LVF LEIDITECH-L1000LVF Datasheet
381Kb / 2P
   Designed for use in line voltage applications and permitting
logo
Torex Semiconductor
XC2165 TOREX-XC2165_12 Datasheet
131Kb / 8P
   ICs for use with low voltage Crystal Oscillators
XC2165 TOREX-XC2165_1 Datasheet
149Kb / 7P
   ICs for use with low voltage Crystal Oscillators
XC2165 TOREX-XC2165 Datasheet
228Kb / 6P
   ICs for use with low voltage Crystal Oscillators
XC2165-12 TOREX-XC2165-12 Datasheet
131Kb / 8P
   ICs for use with low voltage Crystal Oscillators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com