Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SK525 Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # SK525
Description  For Use in Low Voltage Application
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

SK525 Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  SK525 Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. SK525 Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RECTIFIERS
0.55
0.85
0.7
525
520
515
510
58
56
55
545
54
53
52
SK525
SK52
12
CJ
0.05
5
10
A
STG
J
@T =100
@T =25
@T =90
RRM
0
100
@IF=5.0A
5.0
·
THRU
SURFACE MOUNT SCHOTTKY BARRIER
Features
Low Power Loss,High Efficiency
Ideally Suited for Automatic Assembly
· For Use in Low Voltage Application
Plastic Case Material has UL Flammability
Classification Rating 94V-
Mechanical Data
·
Case: Molded plastic SMB
·
Terminals: Plated leads solderable per
MIL-STD-750,Method 2026 guaranteed
·
Polarity: Color band dentes cathode end
·
Mounting Position: Any
·
Making: Type Number
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ ambient temperature unless otherwise specified
Single phase,half wave,60Hz,resistive or inductive load
For capacitive load derate current by 20%
Type Number
SYMBOL
Unit
Maximum Recurrent Peak Reverse Voltage
V
V
Maximum RMS Voltage
VRMS
V
Maximum DC Blocking Voltage
VDC
V
Average Rectified Output Current
IO
A
Peak Forward Surge Current 8.3ms Single
half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
A
Forward Voltage
VFM
0.92
0.95
V
Peak Reverse Current
IR
0.1
mA
At Rated DC Blocking Voltage
Typical Junction Capacitance (Note 2)
pF
Operating Temperature Range
T
-55 to+150
Storage Temperature Range
T
-55 to +150
Note: 1.Pulse Test with PW=300usec,1%Duty Cycle.
·
·
5.0 AMP
(Note 1)
L
A
2. Measured at 1.0 MHz and Applied reverse Voltage of 4.0V D.C
250
175
250
50
35
50
45
31
45
SK
SK
SK
SK
SK
140
105
20
30
40
60
80
14
21
28
42
56
20
30
40
60
80
70
200
150
100
100 150
200
SK
SK
SK
SK
SK
SK
℃ /W
JA
(Note 2)
Rθ
95
Typical Thermal Resistance per leg
version: 01
1 of 2
www.dyelec.com
0.084(2.13)
0.004(0.10)
0.008(0.20)
0.197(5.00)
0.217(5.50)
0.057(1.45)
0.033(0.85)
0.004(0.100)
0.012(0.300)
0.187(4.75)
0.163(4.15)
0.154(3.90)
SMB/DO-214AA
Dimensions in inches and (millimeters)
0.096(2.44)
0.130(3.30)
0.075(1.91)
0.083(2.11)
0.010(0.25)
0.004(0.1)


Similar Part No. - SK525

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
SK525T DYELEC-SK525T Datasheet
1Mb / 2P
   Low Power Loss,High Efficiency
SK525U DYELEC-SK525U Datasheet
1Mb / 2P
   Low Power Loss,High Efficiency
More results

Similar Description - SK525

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
B5817W SMC-B5817W Datasheet
188Kb / 4P
   For use in low voltage, high frequency inverters
logo
SHIKUES Electronics
MBR120ESF SKTECHNOLGY-MBR120ESF Datasheet
799Kb / 2P
   For use in low voltage, high frequency inverters
MBR120LSF SKTECHNOLGY-MBR120LSF Datasheet
1Mb / 2P
   For use in low voltage, high frequency inverters
MBR140SF SKTECHNOLGY-MBR140SF Datasheet
521Kb / 2P
   For use in low voltage, high frequency inverters
logo
Micro Commercial Compon...
B5817WS MCC-B5817WS_13 Datasheet
332Kb / 3P
   For Use in Low Voltage, High Frequency Inverters High Surge Current Capability
logo
Shanghai Leiditech Elec...
L1000LVF LEIDITECH-L1000LVF Datasheet
381Kb / 2P
   Designed for use in line voltage applications and permitting
logo
Torex Semiconductor
XC2165 TOREX-XC2165_12 Datasheet
131Kb / 8P
   ICs for use with low voltage Crystal Oscillators
XC2165 TOREX-XC2165_1 Datasheet
149Kb / 7P
   ICs for use with low voltage Crystal Oscillators
XC2165 TOREX-XC2165 Datasheet
228Kb / 6P
   ICs for use with low voltage Crystal Oscillators
XC2165-12 TOREX-XC2165-12 Datasheet
131Kb / 8P
   ICs for use with low voltage Crystal Oscillators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com