Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-073L Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HCPL-073L
Description  Low Input Current High Gain LVTTL/LVCMOS Compatible 3.3 V Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-073L Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HCPL-073L Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-073L Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-073L Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-073L Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-073L Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-073L Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-073L Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-073L Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-073L Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Electrical Specifications
0˚C
≤ TA ≤ +70˚C, 2.7 V ≤ VCC ≤ 3.3 V, 0.5 mA ≤ IF(ON) ≤ 12 mA, 0 V ≤ VF(OFF) ≤ 0.8 V, unless otherwise specified. All
typicals at TA = 25˚C. (See Note 8.)
Device
Parameter
Sym. HCPL-
Min. Typ.* Max. Units
Test Conditions
Fig.
Note
Current Transfer CTR
400
1300
5000
%
IF = 0.5 mA
VCC = 3.3 V
1, 2
2
Ratio
VO = 0.4 V
Logic Low
VOL
0.05
0.3
V
IF = 1.6 mA,
VCC = 3.3 V
Output Voltage
IO = 8 mA
0.05
0.4
V
IF = 5.0 mA,
IO = 15 mA
Logic High
IOH
525
µAVO = VCC = 3.3 V
IF = 0 mA
2
Output Current
Logic Low
ICCL 270L/070L
0.0015 0.15
mA
VCC = 3.3 V
IF1 = IF2 = 1.6 mA
Supply Current
VO1 = VO2 = Open
273L/073L
0.0015 0.3
mA
Logic High
ICCH 270L/070L
0.002
1
µAVCC = 3.3 V
IF1 = IF2 = 0 mA
Supply Current
VO1 = VO2 = Open
273L/073L
0.002
2
µA
Input Forward
VF
1.5
1.7
V
TA = 25˚C
IF = 1.6 mA
3, 4
Voltage
Input Reverse
BVR
5.0
V
IR = 10 µA, TA = 25˚C
2
Breakdown
Voltage
Input
CIN
60
pF
f = 1 MHz, VF = 0
2
Capacitance
*All typical values at TA = 25˚C and VCC = 3.3 V, unless otherwise noted.


Similar Part No. - HCPL-073L

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-073L AVAGO-HCPL-073L Datasheet
250Kb / 12P
   Low Input Current, High Gain, LVTTL/LVCMOS Compatbie Optocouplers
HCPL-073L AVAGO-HCPL-073L Datasheet
250Kb / 12P
   Low Input Current, High Gain, LVTTL/LVCMOS Compatible Optocouplers
More results

Similar Description - HCPL-073L

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-070L-500E AVAGO-HCPL-070L-500E Datasheet
250Kb / 12P
   Low Input Current, High Gain, LVTTL/LVCMOS Compatible Optocouplers
logo
Fairchild Semiconductor
FOD070L FAIRCHILD-FOD070L Datasheet
352Kb / 17P
   LVTTL/LVCMOS COMPATIBLE LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-270L AVAGO-HCPL-270L Datasheet
250Kb / 12P
   Low Input Current, High Gain, LVTTL/LVCMOS Compatbie Optocouplers
HCPL-050L AVAGO-HCPL-050L Datasheet
281Kb / 12P
   LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)
logo
Agilent(Hewlett-Packard...
HCPL-050L HP-HCPL-050L Datasheet
87Kb / 11P
   LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)
logo
Fairchild Semiconductor
FOD073L FAIRCHILD-FOD073L_09 Datasheet
291Kb / 12P
   LVTTL/LVCMOS Compatible Low Input Current High Gain Split Darlington Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-060L-000E AVAGO-HCPL-060L-000E Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-060L-500E AVAGO-HCPL-060L-500E Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-260L-000E AVAGO-HCPL-260L-000E Datasheet
216Kb / 20P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL260L HP-HCPL260L Datasheet
187Kb / 14P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com