Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-3700SD Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # HCPL-3700SD
Description  AC/DC TO LOGIC INTERFACE OPTOCOUPLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL-3700SD Datasheet(HTML) 5 Page - Fairchild Semiconductor

  HCPL-3700SD Datasheet HTML 1Page - Fairchild Semiconductor HCPL-3700SD Datasheet HTML 2Page - Fairchild Semiconductor HCPL-3700SD Datasheet HTML 3Page - Fairchild Semiconductor HCPL-3700SD Datasheet HTML 4Page - Fairchild Semiconductor HCPL-3700SD Datasheet HTML 5Page - Fairchild Semiconductor HCPL-3700SD Datasheet HTML 6Page - Fairchild Semiconductor HCPL-3700SD Datasheet HTML 7Page - Fairchild Semiconductor HCPL-3700SD Datasheet HTML 8Page - Fairchild Semiconductor HCPL-3700SD Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
11/8/04
Page 5 of 11
© 2003 Fairchild Semiconductor Corporation
AC/DC TO LOGIC INTERFACE
OPTOCOUPLER
HCPL-3700
TYPICAL PERFORMANCE CURVES
Fig. 1 Logic Low Supply Current vs. Operating Supply Voltage
VCC - OPERATING SUPPLY VOLTAGE (V)
4
6
8
10
12
14
16
18
20
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Fig. 2 Input Current vs. Input Voltage
VIN - INPUT VOLTAGE (V)
0246
8
10
12
14
-10
-5
0
5
10
15
20
25
30
35
40
45
50
DC (Pins 1,2 shorted together
pins 3,4 shorted together)
DC (Pins 1 & 4 Open)
AC (pins 2 & 3 Open)
Fig. 3 Input Current/Low Level Output Voltage
vs. Temperature
TA - TEMPERATURE (°C)
-40
-20
0
25
45
65
85
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
4.0
4.2
0
10
20
30
40
50
60
70
80
90
100
110
120
Fig. 4 Current Threshold/Voltage Threshold
vs. Temperature
TA - TEMPERATURE (°C)
-40
-20
0
25
45
65
85
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
4.0
4.2
VTH+
ITH+
VTH-
ITH-
IIN
VIN = 5.0 V
(PINS 2 and 3)
VCC = 5.0 V
VOL
V
= 5.0 V
IOL = 4.2 mA
CC
Fig. 5 Propagation Delay vs. Temperature
TA - TEMPERATURE (°C)
-60
-40
-20
0
20
40
60
80
100
0
10
20
30
40
50
60
70
TPLH
TPHL
Fig. 6 Rise and Fall Time vs. Temperature
TA - TEMPERATURE (°C)
-40
-20
0
25
45
65
85
0
10
20
30
40
50
60
70
80
90
100
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Tf
Tr


Similar Part No. - HCPL-3700SD

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-3700 HP-HCPL-3700 Datasheet
230Kb / 13P
   AC/DC to Logic Interface Optocouplers
logo
Fairchild Semiconductor
HCPL-3700 FAIRCHILD-HCPL-3700 Datasheet
525Kb / 10P
   AC/DC TO LOGIC INTERFACE OPTOCOUPLER
logo
Agilent(Hewlett-Packard...
HCPL-3700 HP-HCPL-3700 Datasheet
119Kb / 13P
   AC/DC to Logic Interface Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3700 AVAGO-HCPL-3700 Datasheet
477Kb / 14P
   Isolated Voltage/Current Detectors
HCPL-3700 AVAGO-HCPL-3700 Datasheet
477Kb / 14P
   Isolated Voltage/Current Detectors
More results

Similar Description - HCPL-3700SD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HCPL3700S FAIRCHILD-HCPL3700S Datasheet
142Kb / 9P
   AC/DC TO LOGIC INTERFACE OPTOCOUPLER
HCPL3700 FAIRCHILD-HCPL3700 Datasheet
525Kb / 10P
   AC/DC TO LOGIC INTERFACE OPTOCOUPLER
HCPL3700V FAIRCHILD-HCPL3700V Datasheet
271Kb / 11P
   AC/DC to Logic Interface Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-0370 HP-HCPL-0370 Datasheet
119Kb / 13P
   AC/DC to Logic Interface Optocouplers
HCPL-3700 HP-HCPL-3700 Datasheet
230Kb / 13P
   AC/DC to Logic Interface Optocouplers
logo
Broadcom Corporation.
HCPL-576X BOARDCOM-HCPL-576X Datasheet
1Mb / 11P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-576X HP-HCPL-576X Datasheet
164Kb / 11P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5761 AVAGO-HCPL-5761 Datasheet
717Kb / 10P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
HCPL-5760 AVAGO-HCPL-5760 Datasheet
717Kb / 10P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
HCPL-2503-000E AVAGO-HCPL-2503-000E Datasheet
316Kb / 12P
   Single Channel, High Speed Logic Interface Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com