Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC161ADR2G Datasheet(PDF) 8 Page - ON Semiconductor

Part # MC74HC161ADR2G
Description  Presettable Counters
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC161ADR2G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button MC74HC161ADR2G Datasheet HTML 4Page - ON Semiconductor MC74HC161ADR2G Datasheet HTML 5Page - ON Semiconductor MC74HC161ADR2G Datasheet HTML 6Page - ON Semiconductor MC74HC161ADR2G Datasheet HTML 7Page - ON Semiconductor MC74HC161ADR2G Datasheet HTML 8Page - ON Semiconductor MC74HC161ADR2G Datasheet HTML 9Page - ON Semiconductor MC74HC161ADR2G Datasheet HTML 10Page - ON Semiconductor MC74HC161ADR2G Datasheet HTML 11Page - ON Semiconductor MC74HC161ADR2G Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
MC74HC161A, MC74HC163A
http://onsemi.com
8
Figure 4.
Figure 5.
Figure 6.
Figure 7. HC163A Only
Figure 8.
Figure 9.
TEST CIRCUIT
Figure 10.
tr
tf
VCC
GND
tTHL
tTLH
ANY
OUTPUT
90%
50%
10%
90%
50%
10%
CLOCK
tPLH
tPHL
50%
tPHL
VCC
GND
VCC
GND
ANY
OUTPUT
CLOCK
RESET
50%
50%
trec
tr
tf
VCC
GND
tPHL
tPLH
90%
50%
10%
90%
50%
10%
tTHL
tTLH
ENABLE T
RIPPLE
CARRY
OUT
CLOCK
RESET
50%
tsu
VCC
GND
50%
INPUTS
P0, P1,
P2, P3
50%
VCC
GND
VCC
GND
GND
50%
50%
LOAD
CLOCK
VCC
GND
VCC
GND
ENABLE T
OR
ENABLE P
50%
50%
CLOCK
*Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
VCC
tw
1/fmax
tw
th
VALID
tsu
th
tsu
th
trec
VALID
tsu
th
SWITCHING WAVEFORMS


Similar Part No. - MC74HC161ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC161ADR2G ONSEMI-MC74HC161ADR2G Datasheet
352Kb / 16P
   Presettable Counters High?뭁erformance Silicon?묰ate CMOS
June, 2006 ??Rev. 11
More results

Similar Description - MC74HC161ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC163 ONSEMI-MC74HC163 Datasheet
144Kb / 16P
   Presettable Counters
June, 2001 ??Rev. 9
logo
System Logic Semiconduc...
SL74HC161 SLS-SL74HC161 Datasheet
85Kb / 9P
   Presettable Counters
logo
Integral Corp.
IN74HC163A INTEGRAL-IN74HC163A Datasheet
190Kb / 9P
   PRESETTABLE COUNTERS
IN74HCT163A INTEGRAL-IN74HCT163A Datasheet
188Kb / 8P
   PRESETTABLE COUNTERS
IN74ACT163 INTEGRAL-IN74ACT163 Datasheet
217Kb / 7P
   PRESETTABLE COUNTERS
logo
ON Semiconductor
MC74HC161A ONSEMI-MC74HC161A Datasheet
284Kb / 16P
   Presettable Counters
March, 2000 ??Rev. 8
logo
Integral Corp.
IN74HC161A INTEGRAL-IN74HC161A Datasheet
189Kb / 9P
   PRESETTABLE COUNTERS
logo
System Logic Semiconduc...
SL74HC163 SLS-SL74HC163 Datasheet
86Kb / 9P
   Presettable Counters
logo
National Semiconductor ...
DM74197 NSC-DM74197 Datasheet
86Kb / 4P
   PRESETTABLE BINARY COUNTERS
DM74LS197 NSC-DM74LS197 Datasheet
117Kb / 6P
   Presettable Binary Counters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com