Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP9575AGH Datasheet(PDF) 4 Page - Advanced Power Electronics Corp.

Part # AP9575AGH
Description  Higher Gate-Source Voltage
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP9575AGH Datasheet(HTML) 4 Page - Advanced Power Electronics Corp.

  AP9575AGH Datasheet HTML 1Page - Advanced Power Electronics Corp. AP9575AGH Datasheet HTML 2Page - Advanced Power Electronics Corp. AP9575AGH Datasheet HTML 3Page - Advanced Power Electronics Corp. AP9575AGH Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
Fig 11. Transfer Characteristics
Fig 12. Gate Charge Waveform
4
AP9575AGH/J
Q
VG
-10V
QGS
QGD
QG
Charge
0.1
1
10
100
0.1
1
10
100
1000
-V DS , Drain-to-Source Voltage (V)
100us
1ms
10ms
100ms
DC
T C =25
o C
Single Pulse
0
2
4
6
8
10
12
0
1020
3040
Q G , Total Gate Charge (nC)
I D = -12A
V DS = -48V
0
400
800
1200
1600
2000
1
5
9
13
17
21
25
29
-V DS , Drain-to-Source Voltage (V)
f=1.0MHz
C iss
C oss
C rss
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
t , Pulse Width (s)
PDM
Duty factor = t/T
Peak Tj = PDM x Rthjc + TC
t
T
0.02
0.01
0.05
0.1
0.2
Duty factor=0.5
Single Pulse
0
10
20
30
02
468
-V GS , Gate-to-Source Voltage (V)
T j =150
o C
T j =25
o C
V DS = -5V
Operation in this
area limited by
RDS(ON)


Similar Part No. - AP9575AGH

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
AP9575AGH VBSEMI-AP9575AGH Datasheet
988Kb / 8P
   P-Channel 60-V (D-S) MOSFET
logo
Advanced Power Electron...
AP9575AGH,J-HF A-POWER-AP9575AGH,J-HF Datasheet
104Kb / 4P
   Higher Gate-Source Voltage, Simple Drive Requirement, Fast Switching Characteristic
AP9575AGH-HF A-POWER-AP9575AGH-HF Datasheet
71Kb / 5P
   Fast Switching Characteristic
AP9575AGH-HF A-POWER-AP9575AGH-HF_14 Datasheet
104Kb / 4P
   Higher Gate-Source Voltage
AP9575AGH-HF A-POWER-AP9575AGH-HF_16 Datasheet
71Kb / 5P
   Fast Switching Characteristic
More results

Similar Description - AP9575AGH

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP9575AGH-HF A-POWER-AP9575AGH-HF_14 Datasheet
104Kb / 4P
   Higher Gate-Source Voltage
AP9575AGH,J-HF A-POWER-AP9575AGH,J-HF Datasheet
104Kb / 4P
   Higher Gate-Source Voltage, Simple Drive Requirement, Fast Switching Characteristic
logo
New Jersey Semi-Conduct...
2N4340 NJSEMI-2N4340 Datasheet
147Kb / 1P
   GATE-SOURCE BREAKDOWN VOLTAGE
logo
IXYS Corporation
IXFN50N120SK IXYS-IXFN50N120SK Datasheet
289Kb / 4P
   Kelvin Source gate connection
IXFN70N120SK IXYS-IXFN70N120SK Datasheet
439Kb / 7P
   Kelvin Source gate connection
logo
Dialog Semiconductor
SLG5NT026 DIALOG-SLG5NT026 Datasheet
183Kb / 8P
   Dual Power Source Gate Driver
logo
New Jersey Semi-Conduct...
BUZ80A NJSEMI-BUZ80A Datasheet
88Kb / 3P
   Drain source voltage
logo
PHOENIX CONTACT
2902823 PHOENIX-2902823 Datasheet
218Kb / 9P
   Constant voltage source
logo
New Jersey Semi-Conduct...
ZVN0106A NJSEMI-ZVN0106A Datasheet
85Kb / 1P
   Drain-source voltage
logo
Directed Energy, Inc.
PVX-4000-2KV DEI-PVX-4000-2KV Datasheet
731Kb / 3P
   Pulsed Voltage Source
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com