Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HCT366A Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74HCT366A
Description  Hex 3-State Inverting Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HCT366A Datasheet(HTML) 1 Page - ON Semiconductor

  MC74HCT366A Datasheet HTML 1Page - ON Semiconductor MC74HCT366A Datasheet HTML 2Page - ON Semiconductor MC74HCT366A Datasheet HTML 3Page - ON Semiconductor MC74HCT366A Datasheet HTML 4Page - ON Semiconductor MC74HCT366A Datasheet HTML 5Page - ON Semiconductor MC74HCT366A Datasheet HTML 6Page - ON Semiconductor MC74HCT366A Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2014
March, 2014 − Rev. 2
1
Publication Order Number:
MC74HCT366A/D
MC74HCT366A
Hex 3-State Inverting
Buffer with Common
Enables and LSTTL
Compatible Inputs
High−Performance Silicon−Gate CMOS
The MC74HCT366A is identical in pinout to the LS366. The device
inputs are compatible with standard CMOS or LSTTL outputs.
This device is a high−speed hex buffer with 3−state outputs and two
common active−low Output Enables. When either of the enables is
high, the buffer outputs are placed into high−impedance states. The
HCT366A has inverting outputs.
Features
Output Drive Capability: 15 LSTTL Loads
Outputs Directly Interface to CMOS, NMOS, and TTL
Operating Voltage Range: 2.0 to 6.0 V
Low Input Current: 1.0 mA
High Noise Immunity Characteristic of CMOS Devices
In Compliance with the Requirements Defined by JEDEC Standard
No. 7A
Chip Complexity: 90 FETs or 22.5 Equivalent Gates
NLV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
These are Pb−Free Devices*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
http://onsemi.com
MARKING
DIAGRAMS
SOIC−16
D SUFFIX
CASE 751B
TSSOP−16
DT SUFFIX
CASE 948F
1
16
1
16
1
16
HCT366AG
AWLYWW
HCT
366A
ALYWG
G
1
16
A
= Assembly Location
WL, L
= Wafer Lot
Y
= Year
WW, W = Work Week
G or G
= Pb−Free Package
(Note: Microdot may be in either location)
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION


Similar Part No. - MC74HCT366A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HCT366A ONSEMI-MC74HCT366A Datasheet
153Kb / 7P
   Hex 3-State Inverting Buffer with Common Enables and LSTTL Compatible Inputs
January, 2010 ??Rev. 0
MC74HCT366ADG ONSEMI-MC74HCT366ADG Datasheet
153Kb / 7P
   Hex 3-State Inverting Buffer with Common Enables and LSTTL Compatible Inputs
January, 2010 ??Rev. 0
MC74HCT366ADR2G ONSEMI-MC74HCT366ADR2G Datasheet
153Kb / 7P
   Hex 3-State Inverting Buffer with Common Enables and LSTTL Compatible Inputs
January, 2010 ??Rev. 0
MC74HCT366ADTR2G ONSEMI-MC74HCT366ADTR2G Datasheet
153Kb / 7P
   Hex 3-State Inverting Buffer with Common Enables and LSTTL Compatible Inputs
January, 2010 ??Rev. 0
More results

Similar Description - MC74HCT366A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF40098B NXP-HEF40098B Datasheet
79Kb / 12P
   3-state hex inverting buffer
Rev. 05-31 October 2008
HEF40098B PHILIPS-HEF40098B_15 Datasheet
180Kb / 13P
   Hex inverting buffer; 3-state
Rev. 8-21 November 2011
logo
Nexperia B.V. All right...
HEF40098B NEXPERIA-HEF40098B Datasheet
735Kb / 12P
   Hex inverting buffer; 3-state
Rev. 9 - 18 March 2016
logo
NXP Semiconductors
HEF40098B PHILIPS-HEF40098B Datasheet
39Kb / 4P
   3-state hex inverting buffer
January 1995
logo
ON Semiconductor
MC74HC368A ONSEMI-MC74HC368A Datasheet
123Kb / 7P
   Hex 3-State Inverting Buffer
June, 2013 ??Rev. 2
MC14503B ONSEMI-MC14503B Datasheet
185Kb / 8P
   Hex Non-Inverting 3-State Buffer
March, 2000 ??Rev. 3
MC14503B ONSEMI-MC14503B_11 Datasheet
136Kb / 7P
   Hex Non-Inverting 3-State Buffer
June, 2011 ??Rev. 8
logo
NXP Semiconductors
HEF40097B PHILIPS-HEF40097B Datasheet
38Kb / 4P
   3-state hex non-inverting buffer
January 1995
logo
Motorola, Inc
MC14503B MOTOROLA-MC14503B Datasheet
214Kb / 6P
   Hex Non-Inverting 3-State Buffer
logo
ON Semiconductor
MC14503B ONSEMI-MC14503B_14 Datasheet
106Kb / 5P
   Hex Non-Inverting 3-State Buffer
July, 2014 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com