Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HCT366ADTR2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC74HCT366ADTR2G
Description  Hex 3-State Inverting Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HCT366ADTR2G Datasheet(HTML) 5 Page - ON Semiconductor

  MC74HCT366ADTR2G Datasheet HTML 1Page - ON Semiconductor MC74HCT366ADTR2G Datasheet HTML 2Page - ON Semiconductor MC74HCT366ADTR2G Datasheet HTML 3Page - ON Semiconductor MC74HCT366ADTR2G Datasheet HTML 4Page - ON Semiconductor MC74HCT366ADTR2G Datasheet HTML 5Page - ON Semiconductor MC74HCT366ADTR2G Datasheet HTML 6Page - ON Semiconductor MC74HCT366ADTR2G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MC74HCT366A
http://onsemi.com
5
SWITCHING WAVEFORMS
(VI = 0 to 3 V, VM = 1.3 V)
VCC
GND
tf
tr
INPUT A
(VI)
OUTPUT Y
10%
VM
90%
10%
50%
90%
tTLH
tPLH
tPHL
tTHL
OUTPUT ENABLE
(VI)
OUTPUT Y
OUTPUT Y
VM
50%
50%
90%
10%
tPZL
tPLZ
tPZH
tPHZ
VCC
GND
HIGH
IMPEDANCE
VOL
VOH
HIGH
IMPEDANCE
Figure 1.
Figure 2.
TEST CIRCUITS
*Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
*Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
CONNECT TO VCC WHEN
TESTING tPLZ AND tPZL.
CONNECT TO GND WHEN
TESTING tPHZ AND tPZH.
1 k
Ω
Figure 3.
Figure 4.
INPUT A
OUTPUT ENABLE 1
OUTPUT ENABLE 2
VCC
TO OTHER
FIVE BUFFERS
Y
LOGIC DETAIL
ONE OF 6
BUFFERS


Similar Part No. - MC74HCT366ADTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HCT366ADTR2G ONSEMI-MC74HCT366ADTR2G Datasheet
153Kb / 7P
   Hex 3-State Inverting Buffer with Common Enables and LSTTL Compatible Inputs
January, 2010 ??Rev. 0
More results

Similar Description - MC74HCT366ADTR2G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF40098B NXP-HEF40098B Datasheet
79Kb / 12P
   3-state hex inverting buffer
Rev. 05-31 October 2008
HEF40098B PHILIPS-HEF40098B_15 Datasheet
180Kb / 13P
   Hex inverting buffer; 3-state
Rev. 8-21 November 2011
logo
Nexperia B.V. All right...
HEF40098B NEXPERIA-HEF40098B Datasheet
735Kb / 12P
   Hex inverting buffer; 3-state
Rev. 9 - 18 March 2016
logo
NXP Semiconductors
HEF40098B PHILIPS-HEF40098B Datasheet
39Kb / 4P
   3-state hex inverting buffer
January 1995
logo
ON Semiconductor
MC74HC368A ONSEMI-MC74HC368A Datasheet
123Kb / 7P
   Hex 3-State Inverting Buffer
June, 2013 ??Rev. 2
MC14503B ONSEMI-MC14503B Datasheet
185Kb / 8P
   Hex Non-Inverting 3-State Buffer
March, 2000 ??Rev. 3
MC14503B ONSEMI-MC14503B_11 Datasheet
136Kb / 7P
   Hex Non-Inverting 3-State Buffer
June, 2011 ??Rev. 8
logo
NXP Semiconductors
HEF40097B PHILIPS-HEF40097B Datasheet
38Kb / 4P
   3-state hex non-inverting buffer
January 1995
logo
Motorola, Inc
MC14503B MOTOROLA-MC14503B Datasheet
214Kb / 6P
   Hex Non-Inverting 3-State Buffer
logo
ON Semiconductor
MC14503B ONSEMI-MC14503B_14 Datasheet
106Kb / 5P
   Hex Non-Inverting 3-State Buffer
July, 2014 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com