Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32674D8155000 Datasheet(PDF) 7 Page - TDK Electronics

Part # B32674D8155000
Description  Metallized Polypropylene Film Capacitors (MKP)
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32674D8155000 Datasheet(HTML) 7 Page - TDK Electronics

Back Button B32674D8155000 Datasheet HTML 3Page - TDK Electronics B32674D8155000 Datasheet HTML 4Page - TDK Electronics B32674D8155000 Datasheet HTML 5Page - TDK Electronics B32674D8155000 Datasheet HTML 6Page - TDK Electronics B32674D8155000 Datasheet HTML 7Page - TDK Electronics B32674D8155000 Datasheet HTML 8Page - TDK Electronics B32674D8155000 Datasheet HTML 9Page - TDK Electronics B32674D8155000 Datasheet HTML 10Page - TDK Electronics B32674D8155000 Datasheet HTML 11Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
1) Capacitance value measured at 1 kHz
2) Max. ripple current IRMS at 70
°C at 10 kHz for a ∆T ≤ 20 °C when ∆ESR
typ
≤ ±5%
3) ESL value measured at resonance frequency (see specific graphs of Z vs freq)
Ordering codes and packing units (lead spacing 27.5 mm)
CR1)
µF
Max. dimensions
w
× h × l
mm
P1
mm
Ordering code
(composition see
below)
IRMS,max2)
70
°C
10 kHz
A
ESRtyp
70
°C
10 kHz
m
ESLtyp3)
nH
tan
δ
1 kHz
10-3
tan
δ
10 kHz
10-3
MOQ
pcs.
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Intermediate capacitance values are available on request.
Composition of ordering code
+ =
Capacitance tolerance code:
K =
±10%
J =
±5%
VR,85 °C = 300 V DC, Vop,70 °C = 450 V DC
2.2
11.0
× 19.0 × 31.5
B32674D3225+000
5.0
18.1
16.0
0.7
4.1
1280
3.3
12.5
× 21.5 × 31.5
B32674D3335+000
7.0
12.2
19.0
0.7
4.1
1120
4.7
14.0
× 24.5 × 31.5
B32674D3475+000
8.5
8.9
21.0
0.7
4.2
1040
5.0
15.0
× 24.5 × 31.5
B32674D3505+000
9.0
8.4
21.0
0.7
4.2
960
6.8
18.0
× 27.5 × 31.5
B32674D3685+000 11.5
6.3
24.0
0.7
4.4
800
8.0
16.0
× 32.0 × 31.5
B32674D3805+000 12.5
5.6
27.0
0.7
4.5
880
8.2
18.0
× 33.0 × 31.5
B32674D3825+000 13.0
5.5
27.0
0.7
4.5
800
10.0
21.0
× 31.0 × 31.5
B32674D3106+000 14.5
4.6
27.0
0.8
4.6
720
12.0
22.0
× 36.5 × 31.5
B32674D3126+000 17.0
4.0
31.0
0.8
4.9
640
VR,85 °C = 450 V DC, Vop,70 °C = 630 V DC
1.5
11.0
× 19.0 × 31.5
B32674D4155+000
4.5
22.1
16.0
0.6
3.3
1280
2.2
12.5
× 21.5 × 31.5
B32674D4225+000
6.0
14.9
19.0
0.6
3.3
1120
3.3
15.0
× 24.5 × 31.5
B32674D4335+000
8.0
10.3
22.0
0.6
3.4
960
4.7
18.0
× 27.5 × 31.5
B32674D4475+000 10.5
7.5
24.0
0.6
3.5
800
5.0
16.0
× 32.0 × 31.5
B32674D4505+000 11.0
7.1
28.0
0.7
3.6
880
5.6
18.0
× 33.0 × 31.5
B32674D4565+000 12.0
6.3
29.0
0.7
3.6
800
6.0
21.0
× 31.0 × 31.5
B32674D4605+000 13.0
5.9
28.0
0.7
3.6
720
6.8
22.0
× 36.5 × 31.5
B32674D4685+000 14.5
5.4
29.0
0.7
3.7
640
7.5
22.0
× 36.5 × 31.5
B32674D4755+000 15.0
5.0
32.0
0.7
3.8
640
VR,85 °C = 630 V DC, Vop,70 °C = 800 V DC
1.0
11.0
× 19.0 × 31.5
B32674D6105+000
4.0
26.1
17.0
0.6
2.7
1280
1.5
12.5
× 21.5 × 31.5
B32674D6155+000
5.5
17.9
19.0
0.6
2.7
1120
2.2
15.0
× 24.5 × 31.5
B32674D6225+000
7.5
12.4
21.0
0.6
2.7
960
3.3
16.0
× 32.0 × 31.5
B32674D6335+000 10.0
8.5
28.0
0.6
2.8
880
4.7
22.0
× 36.5 × 31.5
B32674D6475+000 13.5
6.0
31.0
0.6
3.0
640
5.0
22.0
× 36.5 × 31.5
B32674D6505+000 14.5
5.8
31.0
0.6
3.0
640
B32674
MKP DC link
high power series
Page 7 of 40
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32674D8155000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32674D8155000 TDK-B32674D8155000 Datasheet
308Kb / 22P
   Metallized Polypropylene Film Capacitors
More results

Similar Description - B32674D8155000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32651 EPCOS-B32651_11 Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32794D2635K EPCOS-B32794D2635K Datasheet
303Kb / 19P
   Metallized Polypropylene Film Capacitors (MKP)
B32621A6223J EPCOS-B32621A6223J Datasheet
525Kb / 30P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
MKP-B3267P TDK-MKP-B3267P Datasheet
494Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
logo
EPCOS
B32778G406K EPCOS-B32778G406K Datasheet
280Kb / 21P
   Metallized Polypropylene Film Capacitors (MKP)
B32652A3334J EPCOS-B32652A3334J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32674 EPCOS-B32674_11 Datasheet
326Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32654A474J EPCOS-B32654A474J Datasheet
503Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
B32676G6106K EPCOS-B32676G6106K Datasheet
308Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32653A1473J EPCOS-B32653A1473J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com