Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISD5008ED Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # ISD5008ED
Description  SINGLE CHIP VOICE RECORD PLAYBACK DEVICE 4-, 5-, 6-, AND 8- MINUTE DURATIONS
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ISD5008ED Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button ISD5008ED Datasheet HTML 7Page - List of Unclassifed Manufacturers ISD5008ED Datasheet HTML 8Page - List of Unclassifed Manufacturers ISD5008ED Datasheet HTML 9Page - List of Unclassifed Manufacturers ISD5008ED Datasheet HTML 10Page - List of Unclassifed Manufacturers ISD5008ED Datasheet HTML 11Page - List of Unclassifed Manufacturers ISD5008ED Datasheet HTML 12Page - List of Unclassifed Manufacturers ISD5008ED Datasheet HTML 13Page - List of Unclassifed Manufacturers ISD5008ED Datasheet HTML 14Page - List of Unclassifed Manufacturers ISD5008ED Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
ISD5008 Product
8
Voice Solutions in Silicon
Figure 6:
AUX IN and ANA IN
Car Kit
AUX IN
AUX IN AMP
AUX IN
15
14
13
12
11
10
9876543
210
AIG1
AIG0
AIPD
AXG1
AXG0
AXPD
INS0
AOS2
AOS1
AOS0
AOPD
OPS1
OPS0
OPA1
OPA0
VLPD
CFG0
AMP
1 (AXPD)
AXPD
0
Power Up
1
Power Down
2 (AXG1, AXG0)
AXG1
AXG0
Input Gain
0TLP Input Level
0
0
1
.694
0
1
1.414
.491
1
0
2
.347
1
1
2.828
.245
Chip Set
ANA IN
ANA IN AMP
ANA IN
AMP
1 (AIPD)
AIPD
0
Power Up
1
Power Down
2 (AIG1,AIG0)
AIG1
AIG0
Input Gain
0TLP Input Level
00
0.625
1.11
01
0.883
.785
10
1.250
.555
11
1.767
.393


Similar Part No. - ISD5008ED

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
ISD5008EYI NUVOTON-ISD5008EYI Datasheet
1Mb / 54P
   3V, SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE 4- TO 8-MINUTES DURATION
More results

Similar Description - ISD5008ED

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISD4003 ETC-ISD4003 Datasheet
2Mb / 30P
   Single-Chip Voice Record/Playback Devices 4-, 5-, 6-, and 8-Minute Durations
logo
Winbond
ISD4004 WINBOND-ISD4004 Datasheet
980Kb / 28P
   Single-Chip Voice Record/Playback Devices 8-, 10-, 12-, and 16-Minute Durations
logo
List of Unclassifed Man...
ISD33120 ETC1-ISD33120 Datasheet
1Mb / 30P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES 2-, 2.5-, 3-, AND 4-MINUTE DURATIONS
ISD4000 ETC1-ISD4000 Datasheet
317Kb / 2P
   Single-Chip Voice Record/Playback Devices 2- to 16-Minute Durations
logo
Nuvoton Technology Corp...
ISD4003 NUVOTON-ISD4003 Datasheet
1,005Kb / 36P
   SINGLE-CHIP, MULTIPLE-MESSAGES VOICE RECORD/PLAYBACK DEVICES 4-, 5-, 6-, AND 8-MINUTE DURATION
logo
Winbond
ISD1810 WINBOND-ISD1810 Datasheet
278Kb / 18P
   Single-Chip, Single-Message Voice Record/Playback Device 8- to 16-Second Durations
logo
Generalplus Technology ...
GPCR06C GENERALPLUS-GPCR06C Datasheet
401Kb / 14P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE
logo
List of Unclassifed Man...
ISD1000A ETC-ISD1000A Datasheet
402Kb / 20P
   Single-Chip Voice Record/Playback Devices 16- and 20-Second Durations
ISD1400 ETC-ISD1400 Datasheet
1Mb / 25P
   Single-Chip Voice Record/Playback Devices 16-and 20-Second Durations
ISD1200 ETC-ISD1200 Datasheet
1Mb / 25P
   Single-Chip Voice Record/Playback Devices 10- and 12-Second Durations
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com