Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM68A16CBQC-3IH Datasheet(PDF) 9 Page - Etron Technology, Inc.

Part # EM68A16CBQC-3IH
Description  EM68A16CBQC-18IH
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.

EM68A16CBQC-3IH Datasheet(HTML) 9 Page - Etron Technology, Inc.

Back Button EM68A16CBQC-3IH Datasheet HTML 5Page - Etron Technology, Inc. EM68A16CBQC-3IH Datasheet HTML 6Page - Etron Technology, Inc. EM68A16CBQC-3IH Datasheet HTML 7Page - Etron Technology, Inc. EM68A16CBQC-3IH Datasheet HTML 8Page - Etron Technology, Inc. EM68A16CBQC-3IH Datasheet HTML 9Page - Etron Technology, Inc. EM68A16CBQC-3IH Datasheet HTML 10Page - Etron Technology, Inc. EM68A16CBQC-3IH Datasheet HTML 11Page - Etron Technology, Inc. EM68A16CBQC-3IH Datasheet HTML 12Page - Etron Technology, Inc. EM68A16CBQC-3IH Datasheet HTML 13Page - Etron Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 61 page
background image
EtronTech
EM68A16CBQC
Rev. 1.0
9
May /2015
Mode Register Set (MRS)
The mode register stores the data for controlling the various operating modes of DDR2 SDRAM. It controls CAS
latency, burst length, burst sequence, test mode, DLL reset, WR, and various vendor specific options to make
DDR2 SDRAM useful for various applications.The default value of the mode register is not defined, therefore
the mode register must be programmed during initialization for proper operation. The mode register is written by
asserting LOW on CS#, RAS#, CAS#, WE#, BA0 and BA1, while controlling the state of address pins A0 - A12.
The DDR2 SDRAM should be in all bank precharge state with CKE already HIGH prior to writing into the mode
register.The mode register set command cycle time (tMRD) is required to complete the write operation to the
mode register. The mode register contents can be changed using the same command and clock cycle
requirements during normal operation as long as all bank are in the precharge state.The mode register is
divided into various fields depending on functionality.
- Burst Length Field (A2, A1, A0)
This field specifies the data length of column access and selects the Burst Length.
- Addressing Mode Select Field (A3)
The Addressing Mode can be Interleave Mode or Sequential Mode. Both Sequential Mode and Interleave
Mode support burst length of 4 and 8.
- CAS Latency Field (A6, A5, A4)
This field specifies the number of clock cycles from the assertion of the Read command to the first read data.
The minimum whole value of CAS Latency depends on the frequency of CK. The minimum whole value
satisfying the following formula must be programmed into this field.
tCAC(min) ≦ CAS Latency X tCK
- Test Mode field: A7; DLL Reset Mode field: A8
These two bits must be programmed to "00" in normal operation.
- (BA0, BA1): Bank addresses to define MRS selection.
Table 5. Mode Register Bitmap
BA1 BA0 A12 A11 A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
Address Field
0
0
PD
WR
DLL
TM
CAS Latency
BT
Burst Length
Mode Register
A8 DLL Reset
A7
Mode
A3
Burst Type
A2 A1 A0 BL
0
No
0
Normal
0
Sequential
0
1
0
4
1
Yes
1
Test
1
Interleave
0
1
1
8
Note 1:
.For DDR2-667/800/1066, WR min is determined by tCK (avg) max and WR max is determined by tCK(avg) min. WR
[cycles] = RU {tWR[ns]/tCK(avg)[ns]}, where RU stands for round up. The mode register must be programmed to this
value.This is also used with tRP to determine tDAL.
A12 Active power down exit time
Write recovery for autoprecharge*1
0
Fast exit (use tXARD)
A11
A10
A9
WR(cycles)
A6
A5
A4
CAS Latency
1
Slow exit (use tXARDS)
0
0
0
Reserved
0
0
0
Reserved
0
0
1
2
0
0
1
Reserved
BA1 BA0 MRS Mode
0
1
0
3
0
1
0
Reserved
0
0
MR
0
1
1
4
0
1
1
3
0
1
EMR(1)
1
0
0
5
1
0
0
4
1
0
EMR(2)
1
0
1
6
1
0
1
5
1
1
EMR(3)
1
1
0
7
1
1
0
6
1
1
1
8
1
1
1
7


Similar Part No. - EM68A16CBQC-3IH

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM68A16CBQC-3H ETRON-EM68A16CBQC-3H Datasheet
1,022Kb / 62P
   16M x 16 bit DDRII Synchronous DRAM (SDRAM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com