Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM68C08CWAE-18H Datasheet(PDF) 9 Page - Etron Technology, Inc.

Part # EM68C08CWAE-18H
Description  128M x 8 bit DDRII Synchronous DRAM (SDRAM)
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.

EM68C08CWAE-18H Datasheet(HTML) 9 Page - Etron Technology, Inc.

Back Button EM68C08CWAE-18H Datasheet HTML 5Page - Etron Technology, Inc. EM68C08CWAE-18H Datasheet HTML 6Page - Etron Technology, Inc. EM68C08CWAE-18H Datasheet HTML 7Page - Etron Technology, Inc. EM68C08CWAE-18H Datasheet HTML 8Page - Etron Technology, Inc. EM68C08CWAE-18H Datasheet HTML 9Page - Etron Technology, Inc. EM68C08CWAE-18H Datasheet HTML 10Page - Etron Technology, Inc. EM68C08CWAE-18H Datasheet HTML 11Page - Etron Technology, Inc. EM68C08CWAE-18H Datasheet HTML 12Page - Etron Technology, Inc. EM68C08CWAE-18H Datasheet HTML 13Page - Etron Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 63 page
background image
EtronTech
EM68C08CWAE
Rev. 1.3
9
Oct. /2015
Mode Register Set (MRS)
The mode register stores the data for controlling the various operating modes of DDR2 SDRAM. It controls CAS
latency, burst length, burst sequence, test mode, DLL reset, WR, and various vendor specific options to make
DDR2 SDRAM useful for various applications.The default value of the mode register is not defined, therefore the
mode register must be programmed during initialization for proper operation. The mode register is written by
asserting LOW on CS#, RAS#, CAS#, WE#, BA0 and BA1, while controlling the state of address pins A0 - A13. The
DDR2 SDRAM should be in all bank precharge state with CKE already HIGH prior to writing into the mode
register.The mode register set command cycle time (tMRD) is required to complete the write operation to the mode
register. The mode register contents can be changed using the same command and clock cycle requirements
during normal operation as long as all bank are in the precharge state.The mode register is divided into various
fields depending on functionality.
- Burst Length Field (A2, A1, A0): This field specifies the data length of column access and selects the Burst Length.
- Addressing Mode Select Field (A3): The Addressing Mode can be Interleave Mode or Sequential Mode. Both
Sequential Mode and Interleave Mode support burst length of 4 and 8.
- CAS Latency Field (A6, A5, A4): This field specifies the number of clock cycles from the assertion of the Read
command to the first read data. The minimum whole value of CAS Latency
depends on the frequency of CK. The minimum whole value satisfying the following
formula must be programmed into this field. (tCAC(min)
CAS Latency X t
CK)
- Test Mode Field (A7); DLL Reset Mode Field (A8): These two bits must be programmed to "00" in normal operation.
- Write recovery Field (A11, A10, A9): The WR register is used by the DDR2 SDRAM during WRITE with auto
precharge operation. The WR register is used by the DDR2 SDRAM during
WRITE with auto precharge operation.
- (BA0-BA1): Bank addresses to define MRS selection.
Table 5. Mode Register Bitmap
BA2 BA1 BA0 A13 A12 A11 A10 A9
A8
A7
A6
A5
A4
A3
A2
A1
A0 Address Field
0
*2
0
0
0
*2
PD
WR
DLL TM
CAS Latency
BT
Burst Length
Mode Register
A8
DLL Reset
A7
Mode
A3
Burst Type
A2 A1 A0 BL
0
No
0
Normal
0
Sequential
0
1
0
4
1
Yes
1
Test
1
Interleave
0
1
1
8
NOTE 1:
For DDR2-667/800/1066, WR min is determined by tCK (avg) max and WR max is determined by tCK(avg) min. WR
[cycles] = RU {tWR[ns]/tCK(avg)[ns]}, where RU stands for round up. The mode register must be programmed to this
value.This is also used with tRP to determine tDAL.
NOTE 2:
BA2 and A13 are reserved for future use and must be set to 0 when programming the MR.
A12 Active power down exit time
Write recovery for autoprecharge
*1
0
Fast exit (use tXARD)
A11
A10
A9
WR(cycles)
A6
A5
A4
CAS Latency
1
Slow exit (use tXARDS)
0
0
0
Reserved
0
0
0
Reserved
0
0
1
2
0
0
1
Reserved
BA1
BA0
MRS Mode
0
1
0
3
0
1
0
Reserved
0
0
MR
0
1
1
4
0
1
1
3
0
1
EMR(1)
1
0
0
5
1
0
0
4
1
0
EMR(2)
1
0
1
6
1
0
1
5
1
1
EMR(3)
1
1
0
7
1
1
0
6
1
1
1
8
1
1
1
7


Similar Part No. - EM68C08CWAE-18H

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM68C08CWAE-18IH ETRON-EM68C08CWAE-18IH Datasheet
487Kb / 58P
   128M x 8 bit DDRII Synchronous DRAM (SDRAM)
More results

Similar Description - EM68C08CWAE-18H

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM68C08CWAE-18IH ETRON-EM68C08CWAE-18IH Datasheet
487Kb / 58P
   128M x 8 bit DDRII Synchronous DRAM (SDRAM)
logo
Alliance Semiconductor ...
AS4C128M8D2-25BIN ALSC-AS4C128M8D2-25BIN Datasheet
2Mb / 59P
   128M x 8 bit DDRII Synchronous DRAM (SDRAM)
logo
Etron Technology, Inc.
EM68C08CWAG-18H ETRON-EM68C08CWAG-18H Datasheet
1Mb / 63P
   128M x 8 bit DDRII Synchronous DRAM (SDRAM)
EM68B08CWAH-18H ETRON-EM68B08CWAH-18H Datasheet
482Kb / 57P
   64M x 8 bit DDRII Synchronous DRAM (SDRAM)
EM68B08CWAH-18IH ETRON-EM68B08CWAH-18IH Datasheet
482Kb / 57P
   64M x 8 bit DDRII Synchronous DRAM (SDRAM)
EM68916CWQA ETRON-EM68916CWQA Datasheet
1Mb / 59P
   8M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM68C16CWQE-18H ETRON-EM68C16CWQE-18H Datasheet
1Mb / 58P
   64M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM68C16CWQE-18IH ETRON-EM68C16CWQE-18IH Datasheet
1,005Kb / 56P
   64M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM68B16CWPA ETRON-EM68B16CWPA Datasheet
1Mb / 59P
   32M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM68A16CBQC-18H ETRON-EM68A16CBQC-18H Datasheet
1,022Kb / 62P
   16M x 16 bit DDRII Synchronous DRAM (SDRAM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com