Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM68C08CWAG-18H Datasheet(PDF) 2 Page - Etron Technology, Inc.

Part # EM68C08CWAG-18H
Description  128M x 8 bit DDRII Synchronous DRAM (SDRAM)
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.

EM68C08CWAG-18H Datasheet(HTML) 2 Page - Etron Technology, Inc.

  EM68C08CWAG-18H Datasheet HTML 1Page - Etron Technology, Inc. EM68C08CWAG-18H Datasheet HTML 2Page - Etron Technology, Inc. EM68C08CWAG-18H Datasheet HTML 3Page - Etron Technology, Inc. EM68C08CWAG-18H Datasheet HTML 4Page - Etron Technology, Inc. EM68C08CWAG-18H Datasheet HTML 5Page - Etron Technology, Inc. EM68C08CWAG-18H Datasheet HTML 6Page - Etron Technology, Inc. EM68C08CWAG-18H Datasheet HTML 7Page - Etron Technology, Inc. EM68C08CWAG-18H Datasheet HTML 8Page - Etron Technology, Inc. EM68C08CWAG-18H Datasheet HTML 9Page - Etron Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 63 page
background image
EtronTech
EM68C08CWAG
Rev. 1.1
2
Apr. /2016
Table 2. Speed Grade Information
Speed Grade
Clock Frequency
CAS Latency
tRCD (ns)
tRP (ns)
DDR2-1066
533 MHz
7
13.125
13.125
DDR2-800
400 MHz
5
12.5
12.5
DDR2-667
333 MHz
5
15
15
Figure 1. Ball Assignment (FBGA Top View)
A
B
C
D
E
1
2
3
7
8
9
VDD
RDQS#
VSS
VSSQ
DQS#
VDDQ
F
DQ6
VSSQ
DM/
RDQS
DQS
VSSQ
DQ7
G
VDDQ
DQ1
VDDQ
VDDQ
DQ0
VDDQ
H
DQ4
VSSQ
DQ3
DQ2
VSSQ
DQ5
J
VDDL
VREF
VSS
VSSDL
CK
VDD
K
CKE
WE#
RAS#
CK#
ODT
L
BA2
BA0
BA1
CAS#
CS#
A10
A1
A2
A0
VDD
VSS
A3
A5
A6
A4
A7
A9
A11
A8
VSS
VDD
A12
NC
NC
A13


Similar Part No. - EM68C08CWAG-18H

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM68C08CWAE-18H ETRON-EM68C08CWAE-18H Datasheet
512Kb / 63P
   128M x 8 bit DDRII Synchronous DRAM (SDRAM)
EM68C08CWAE-18IH ETRON-EM68C08CWAE-18IH Datasheet
487Kb / 58P
   128M x 8 bit DDRII Synchronous DRAM (SDRAM)
EM68C08CWAE-25H ETRON-EM68C08CWAE-25H Datasheet
512Kb / 63P
   128M x 8 bit DDRII Synchronous DRAM (SDRAM)
EM68C08CWAE-25IH ETRON-EM68C08CWAE-25IH Datasheet
487Kb / 58P
   128M x 8 bit DDRII Synchronous DRAM (SDRAM)
EM68C08CWAE-3H ETRON-EM68C08CWAE-3H Datasheet
512Kb / 63P
   128M x 8 bit DDRII Synchronous DRAM (SDRAM)
More results

Similar Description - EM68C08CWAG-18H

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM68C08CWAE-18IH ETRON-EM68C08CWAE-18IH Datasheet
487Kb / 58P
   128M x 8 bit DDRII Synchronous DRAM (SDRAM)
logo
Alliance Semiconductor ...
AS4C128M8D2-25BIN ALSC-AS4C128M8D2-25BIN Datasheet
2Mb / 59P
   128M x 8 bit DDRII Synchronous DRAM (SDRAM)
logo
Etron Technology, Inc.
EM68C08CWAE-18H ETRON-EM68C08CWAE-18H Datasheet
512Kb / 63P
   128M x 8 bit DDRII Synchronous DRAM (SDRAM)
EM68B08CWAH-18H ETRON-EM68B08CWAH-18H Datasheet
482Kb / 57P
   64M x 8 bit DDRII Synchronous DRAM (SDRAM)
EM68B08CWAH-18IH ETRON-EM68B08CWAH-18IH Datasheet
482Kb / 57P
   64M x 8 bit DDRII Synchronous DRAM (SDRAM)
EM68916CWQA ETRON-EM68916CWQA Datasheet
1Mb / 59P
   8M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM68C16CWQE-18H ETRON-EM68C16CWQE-18H Datasheet
1Mb / 58P
   64M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM68C16CWQE-18IH ETRON-EM68C16CWQE-18IH Datasheet
1,005Kb / 56P
   64M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM68B16CWPA ETRON-EM68B16CWPA Datasheet
1Mb / 59P
   32M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM68A16CBQC-18H ETRON-EM68A16CBQC-18H Datasheet
1,022Kb / 62P
   16M x 16 bit DDRII Synchronous DRAM (SDRAM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com