Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISD5008EI Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ISD5008EI
Description  SINGLE CHIP VOICE RECORD PLAYBACK DEVICE 4-, 5-, 6-, AND 8- MINUTE DURATIONS
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ISD5008EI Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ISD5008EI Datasheet HTML 1Page - List of Unclassifed Manufacturers ISD5008EI Datasheet HTML 2Page - List of Unclassifed Manufacturers ISD5008EI Datasheet HTML 3Page - List of Unclassifed Manufacturers ISD5008EI Datasheet HTML 4Page - List of Unclassifed Manufacturers ISD5008EI Datasheet HTML 5Page - List of Unclassifed Manufacturers ISD5008EI Datasheet HTML 6Page - List of Unclassifed Manufacturers ISD5008EI Datasheet HTML 7Page - List of Unclassifed Manufacturers ISD5008EI Datasheet HTML 8Page - List of Unclassifed Manufacturers ISD5008EI Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
ISD · 2727 North First Street, San Jose, CA 95134 · TEL: 408/943-6666 · FAX: 408/544-1787 · http://www.isd.com
August 2000
Figure:
ISD5008 Block Diagram
AUX IN
AMP
AGC
SUM1
FTHRU
INP
VOL
SUM2
ANA IN
SUM2
SP+
SP-
SPEAKER
AUX OUT
ANA OUT-
ANA OUT+
MIC+
MIC -
AGCCAP
MICROPHONE
AUX IN
XCLK
ANA IN
V
SSA
V
CCA
FILTO
SUM1
INP
ANA IN
SUM2
FILTO
VOL
SUM1
Summing
AMP
ANA IN
AMP
6dB
SUM2
Summing
AMP
Volume
Control
MIC IN
AUX IN
FILTO
ANA IN
SUM1
ANA IN
FILTO
ARRAY
INP
SUM1 MUX
ARRAY
Spkr.
AMP
AUX
OUT
AMP
V
SSA
V
SSD VSSD
VCCD
VCCD
Device Control
ANA
OUT
AMP
Σ
Σ
2
(
)
VLS0
VLS1
2
(
)
AIG0
AIG1
2
(
)
AXG0
AXG1
2
(
)
S1S0
S1S1
2
(
)
S1M0
S1M1
2
(
)
S2M0
S2M1
(
)
OPA0
OPA1
2
(
)
OPS0
OPS1
2
Internal
Clock
Multilevel
Storage Array
(
)
FLD0
FLD1
2
(INS0)
1
1
(AXPD)
1
(AGPD)
1
(FLPD)
1
(FLS0)
1
(AIPD)
1
(AOPD)
( )
3
AOS0
AOS1
AOS2
3
( )
VOL0
VOL1
VOL2
CAR KIT
CHIP SET
CAR KIT
CHIP SET
Low Pass
Filter
V
SSA
Power Conditioning
MISO
MOSI
SS
SCLK
RAC
INT
1
(VLPD)
AUX IN
AMP
AGC
SUM1
FTHRU
INP
VOL
SUM2
ANA IN
SUM2
SP+
SP-
SPEAKER
AUX OUT
ANA OUT-
ANA OUT+
MIC+
MIC -
AGCCAP
MICROPHONE
AUX IN
XCLK
ANA IN
V
SSA
V
CCA
FILTO
SUM1
INP
ANA IN
SUM2
FILTO
VOL
SUM1
Summing
AMP
ANA IN
AMP
6dB
SUM2
Summing
AMP
Volume
Control
MIC IN
AUX IN
FILTO
ANA IN
SUM1
ANA IN
FILTO
ARRAY
INP
SUM1 MUX
ARRAY
Spkr.
AMP
AUX
OUT
AMP
V
SSA
V
SSD VSSD
VCCD
VCCD
Device Control
ANA
OUT
AMP
Σ
Σ
2
(
)
VLS0
VLS1
(
)
VLS0
VLS1
2
(
)
AIG0
AIG1
2
(
)
AXG0
AXG1
2
(
)
S1S0
S1S1
2
(
)
S1M0
S1M1
2
(
)
S2M0
S2M1
(
)
S2M0
S2M1
(
)
OPA0
OPA1
2
(
)
OPS0
OPS1
2
Internal
Clock
Multilevel
Storage Array
(
)
FLD0
FLD1
(
)
FLD0
FLD1
2
2
(INS0)
1
1
(AXPD)
1
(AGPD)
1
(FLPD)
1
(FLPD)
1
(FLS0)
1
(AIPD)
1
(AOPD)
( )
3
AOS0
AOS1
AOS2
3
3
( )
VOL0
VOL1
VOL2
( )
VOL0
VOL1
VOL2
CAR KIT
CHIP SET
CAR KIT
CHIP SET
Low Pass
Filter
V
SSA
Power Conditioning
MISO
MOSI
SS
SCLK
RAC
INT
1
(VLPD)
ISD5008 PRODUCT SUMMARY
The
ISD5008
ChipCorder
product
is
a
fully-inte-
grated, single-chip solution which provides seam-
less integration of enhanced voice record and
playback features for digital cellular phones (GSM,
CDMA, TDMA, PDC, and PHS), automotive com-
munications, GPS/navigation systems, and porta-
ble communication products. This low-power, 3-
volt
product
enables
customers
to
quickly
and
easily integrate 4 to 8 minutes of voice storage
features such as one-way and two-way (full du-
plex) call record, voice memo record, and call
screening/answering machine functionality.
Like other ChipCorder products, the ISD5008 inte-
grates
the
sampling
clock,
anti-aliasing
and
smoothing filters, and the multi-level storage array
on a single-chip. For enhanced voice features,
the ISD5008 eliminates external circuitry by also in-
tegrating automatic gain control (AGC), a power
amplifier/speaker
driver,
volume
control,
sum-
ming amplifiers, analog switches, and a car kit in-
terface. Input level adjustable amplifiers are also
included, providing a flexible interface for multiple
applications.
ISD5008
Single-Chip Voice Record/Playback Device
4-, 5-, 6-, and 8-Minute Durations
Preliminary Datasheet


Similar Part No. - ISD5008EI

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
ISD5008EYI NUVOTON-ISD5008EYI Datasheet
1Mb / 54P
   3V, SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE 4- TO 8-MINUTES DURATION
More results

Similar Description - ISD5008EI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISD4003 ETC-ISD4003 Datasheet
2Mb / 30P
   Single-Chip Voice Record/Playback Devices 4-, 5-, 6-, and 8-Minute Durations
logo
Winbond
ISD4004 WINBOND-ISD4004 Datasheet
980Kb / 28P
   Single-Chip Voice Record/Playback Devices 8-, 10-, 12-, and 16-Minute Durations
logo
List of Unclassifed Man...
ISD33120 ETC1-ISD33120 Datasheet
1Mb / 30P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES 2-, 2.5-, 3-, AND 4-MINUTE DURATIONS
ISD4000 ETC1-ISD4000 Datasheet
317Kb / 2P
   Single-Chip Voice Record/Playback Devices 2- to 16-Minute Durations
logo
Nuvoton Technology Corp...
ISD4003 NUVOTON-ISD4003 Datasheet
1,005Kb / 36P
   SINGLE-CHIP, MULTIPLE-MESSAGES VOICE RECORD/PLAYBACK DEVICES 4-, 5-, 6-, AND 8-MINUTE DURATION
logo
Winbond
ISD1810 WINBOND-ISD1810 Datasheet
278Kb / 18P
   Single-Chip, Single-Message Voice Record/Playback Device 8- to 16-Second Durations
logo
Generalplus Technology ...
GPCR06C GENERALPLUS-GPCR06C Datasheet
401Kb / 14P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE
logo
List of Unclassifed Man...
ISD1000A ETC-ISD1000A Datasheet
402Kb / 20P
   Single-Chip Voice Record/Playback Devices 16- and 20-Second Durations
ISD1400 ETC-ISD1400 Datasheet
1Mb / 25P
   Single-Chip Voice Record/Playback Devices 16-and 20-Second Durations
ISD1200 ETC-ISD1200 Datasheet
1Mb / 25P
   Single-Chip Voice Record/Playback Devices 10- and 12-Second Durations
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com