Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32686S0684563 Datasheet(PDF) 2 Page - TDK Electronics

Part # B32686S0684563
Description  Metallized Polypropylene Film Capacitors (MFP)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32686S0684563 Datasheet(HTML) 2 Page - TDK Electronics

  B32686S0684563 Datasheet HTML 1Page - TDK Electronics B32686S0684563 Datasheet HTML 2Page - TDK Electronics B32686S0684563 Datasheet HTML 3Page - TDK Electronics B32686S0684563 Datasheet HTML 4Page - TDK Electronics B32686S0684563 Datasheet HTML 5Page - TDK Electronics B32686S0684563 Datasheet HTML 6Page - TDK Electronics B32686S0684563 Datasheet HTML 7Page - TDK Electronics B32686S0684563 Datasheet HTML 8Page - TDK Electronics B32686S0684563 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Typical applications
Snubbering
Filtering
IGBT
Climatic
Max. operating temperature: 110
°C
Climatic category (IEC 60068-1): 55/100/56
Construction
Dielectric: polypropylene (PP)
Film metallized on one side and
metal foils internally connected in series
Plastic case, epoxy resin sealing (UL 94 V-0)
Features
Very high pulse strength
High current
Highest possible contact reliability
RoHS-compatible
Terminals
Strap terminals, tinned copper (max. torque 10 Nm)
Marking
Manufacturer's logo, ordering code, style (MFP)
rated capaitance (coded), cap. tolerance (code letter),
rated DC voltage, date of manufacture (coded)
Delivery mode: Bulk (untaped)
Metallized polypropylene film capacitors (MFP)
B32686S
Snubber
Page 2 of 20
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32686S0684563

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32686S0684 EPCOS-B32686S0684 Datasheet
408Kb / 22P
   Metallized Polypropylene Film Capacitors (MFP)
logo
TDK Electronics
B32686S0684 TDK-B32686S0684 Datasheet
391Kb / 20P
   Film Capacitors Metallized Polypropylene Film Capacitors (MFP)
More results

Similar Description - B32686S0684563

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32682 TDK-B32682_16 Datasheet
606Kb / 32P
   Metallized Polypropylene Film Capacitors (MFP)
MFP-B32632634 TDK-MFP-B32632634 Datasheet
518Kb / 27P
   Metallized Polypropylene Film Capacitors (MFP)
logo
EPCOS
B32686A EPCOS-B32686A Datasheet
324Kb / 18P
   Metallized Polypropylene Film Capacitors (MFP)
logo
TDK Electronics
MFP-B32692694 TDK-MFP-B32692694 Datasheet
480Kb / 27P
   Metallized Polypropylene Film Capacitors (MFP)
logo
EPCOS
B32686S EPCOS-B32686S Datasheet
408Kb / 22P
   Metallized Polypropylene Film Capacitors (MFP)
B32632_634 EPCOS-B32632_634 Datasheet
543Kb / 29P
   Metallized Polypropylene Film Capacitors (MFP)
logo
TDK Electronics
MFP_B32686A TDK-MFP_B32686A Datasheet
313Kb / 16P
   Film Capacitors Metallized Polypropylene Film Capacitors (MFP)
MFP_B32686S TDK-MFP_B32686S Datasheet
391Kb / 20P
   Film Capacitors Metallized Polypropylene Film Capacitors (MFP)
logo
EPCOS
B32682 EPCOS-B32682 Datasheet
176Kb / 19P
   Metallized Polypropylene Film Capacitors (MFP) in Plastic Case
logo
TDK Electronics
B32694 TDK-B32694_16 Datasheet
508Kb / 45P
   Metallized Polypropylene Capacitors (MKP/MFP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com