Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32672L7682 Datasheet(PDF) 10 Page - TDK Electronics

Part # B32672L7682
Description  Metallized Polypropylene Film Capacitors
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32672L7682 Datasheet(HTML) 10 Page - TDK Electronics

Back Button B32672L7682 Datasheet HTML 6Page - TDK Electronics B32672L7682 Datasheet HTML 7Page - TDK Electronics B32672L7682 Datasheet HTML 8Page - TDK Electronics B32672L7682 Datasheet HTML 9Page - TDK Electronics B32672L7682 Datasheet HTML 10Page - TDK Electronics B32672L7682 Datasheet HTML 11Page - TDK Electronics B32672L7682 Datasheet HTML 12Page - TDK Electronics B32672L7682 Datasheet HTML 13Page - TDK Electronics B32672L7682 Datasheet HTML 14Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
Technical data
Reference standard: IEC 60384-16. All data given atT=20
°C, otherwise is specified.
Operating temperature
range
Max. operating temperature Top,max
Upper category temperature Tmax
Lower category temperature Tmin
Rated temperature TR
+125
°C
+110
°C
55
°C
+85
°C
Dissipation factor tan
δ
(in 10-3)at20
°C
(upper limit values)
at
≤27 nF 27 nF< C
R
≤0.1 μF 0.1 μF<C
R
≤1 μF
>1
μF
1 kHz 0.8
0.8
0.8
0.8
10 kHz 1.0
1.0
1.0
100 kHz 2.0
3.0
Insulation resistance Rins
or time constant
τ =C
R
Rins at 20
°C,
rel. humidity
≤ 65%
(minimum as-delivered
values)
100 G
Ω (C
R
≤ 0.33 μF)
30000 s (CR > 0.33 μF)
DC test voltage
1.6
VR,2s
Category voltage VC
Top (
°C)
DC voltage derating
AC voltage derating
(continuous operation
with VDC or VAC at f
≤1 kHz)
Top
≤ 85
85<Top
≤110
VC =VR
VC =VR (165 Top)/80
VC,RMS =VRMS
VC,RMS=VRMS (165 Top)/80
Operating voltage Vop for
Top (
°C)
DC voltage (max. hours)
AC voltage (max. hours)
short operating periods
Top
≤ 100
Vop = 1.25 VC (2000 h)
Vop = 1.0 VC,RMS (2000 h)
(VDC or VAC at f
≤1 kHz)
100<Top
≤125 V
op = 1.25
VC (1000 h)
Vop = 1.0 VC,RMS (1000 h)
Reliability:
Failure rate
λ
1 fit (
≤ 1 10-9/h) at 0.5 V
R,40
°C
Service life tSL
200 000 h at 1.0
VR,85
°C
For conversion to other operating conditions and temperatures, refer
to chapter "Quality, 2 Reliability".
Failure criteria:
Total failure
Short circuit or open circuit
Failure due to variation
Capacitance change
ΔC/C
> 10%
of parameters
Dissipation factor tan
δ
>4
upper limit values
Insulation resistance Rins
< 1500 M
Ω
B32671L ... B32672L
High V AC, high temperature (wound)
Page 10 of 39
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32672L7682

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32672L7682 EPCOS-B32672L7682 Datasheet
552Kb / 31P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32672L7682 EPCOS-B32672L7682 Datasheet
570Kb / 30P
   Metallized Polypropylene Film Capacitors
B32672L7682189 EPCOS-B32672L7682189 Datasheet
570Kb / 30P
   Film Capacitors Metallized Polypropylene Film Capacitors (MKP)
B32672L7682289 EPCOS-B32672L7682289 Datasheet
570Kb / 30P
   Film Capacitors Metallized Polypropylene Film Capacitors (MKP)
More results

Similar Description - B32672L7682

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
   Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
   Metallized Polypropylene Film Capacitors
logo
Vishay Siliconix
MKP1848S-DC VISHAY-MKP1848S-DC Datasheet
167Kb / 15P
   Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPN RUBYCON-MPN Datasheet
204Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
WESTECH COMPONENT CO., ...
CBB62 WESTECH-CBB62 Datasheet
89Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPS RUBYCON-MPS Datasheet
80Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com