Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32683A0473 Datasheet(PDF) 9 Page - TDK Electronics

Part # B32683A0473
Description  Metallized Polypropylene Film Capacitors (MFP)
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32683A0473 Datasheet(HTML) 9 Page - TDK Electronics

Back Button B32683A0473 Datasheet HTML 5Page - TDK Electronics B32683A0473 Datasheet HTML 6Page - TDK Electronics B32683A0473 Datasheet HTML 7Page - TDK Electronics B32683A0473 Datasheet HTML 8Page - TDK Electronics B32683A0473 Datasheet HTML 9Page - TDK Electronics B32683A0473 Datasheet HTML 10Page - TDK Electronics B32683A0473 Datasheet HTML 11Page - TDK Electronics B32683A0473 Datasheet HTML 12Page - TDK Electronics B32683A0473 Datasheet HTML 13Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Ordering codes and packing units (lead spacing 27.5 mm)
VR
V DC
VRMS
f
≤1 kHz
V AC
CR
nF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Straight terminals,
Untaped
pcs./MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Intermediate capacitances values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
M =
±20%
K =
±10%
J =
±5%
400
250
150.0
11.0
× 19.0 × 31.5
B32684A4154+000
1280
220.0
11.0
× 21.0 × 31.5
B32684A4224+000
1280
330.0
13.5
× 23.0 × 31.5
B32684A4334+000
1040
470.0
18.0
× 27.5 × 31.5
B32684A4474+000
800
680.0
19.0
× 30.0 × 31.5
B32684A4684+000
720
630
300
100.0
11.0
× 19.0 × 31.5
B32684A6104+000
1280
150.0
11.0
× 21.0 × 31.5
B32684A6154+000
1280
220.0
13.5
× 23.0 × 31.5
B32684A6224+000
1040
330.0
15.0
× 24.5 × 31.5
B32684A6334+000
960
470.0
19.0
× 30.0 × 31.5
B32684A6474+000
720
1000
400
47.0
11.0
× 19.0 × 31.5
B32684A0473+000
1280
68.0
11.0
× 21.0 × 31.5
B32684A0683+000
1280
100.0
13.5
× 23.0 × 31.5
B32684A0104+000
1040
150.0
18.0
× 27.5 × 31.5
B32684A0154+000
800
220.0
21.0
× 31.0 × 31.5
B32684A0224+000
784
1250
450
33.0
11.0
× 19.0 × 31.5
B32684A7333+000
1280
47.0
11.0
× 21.0 × 31.5
B32684A7473+000
1280
68.0
13.5
× 23.0 × 31.5
B32684A7683+000
1040
100.0
15.0
× 24.5 × 31.5
B32684A7104+000
960
150.0
19.0
× 30.0 × 31.5
B32684A7154+000
720
1600
500
22.0
11.0
× 19.0 × 31.5
B32684A1223+000
1280
33.0
11.0
× 21.0 × 31.5
B32684A1333+000
1280
47.0
13.5
× 23.0 × 31.5
B32684A1473+000
1040
68.0
15.0
× 24.5 × 31.5
B32684A1683+000
960
100.0
19.0
× 30.0 × 31.5
B32684A1104+000
720
2000
550
15.0
11.0
× 19.0 × 31.5
B32684A2153+000
1280
22.0
11.0
× 21.0 × 31.5
B32684A2223+000
1280
33.0
13.5
× 23.0 × 31.5
B32684A2333+000
1040
47.0
18.0
× 27.5 × 31.5
B32684A2473+000
800
68.0
19.0
× 30.0 × 31.5
B32684A2683+000
720
B32684
Very high pulse (wound)
Page 9 of 32
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32683A0473

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32683 EPCOS-B32683 Datasheet
176Kb / 19P
   Metallized Polypropylene Film Capacitors (MFP) in Plastic Case
B32683-A103-J189 EPCOS-B32683-A103-J189 Datasheet
176Kb / 19P
   Metallized Polypropylene Film Capacitors (MFP) in Plastic Case
B32683-A103-J289 EPCOS-B32683-A103-J289 Datasheet
176Kb / 19P
   Metallized Polypropylene Film Capacitors (MFP) in Plastic Case
B32683-A103-K189 EPCOS-B32683-A103-K189 Datasheet
176Kb / 19P
   Metallized Polypropylene Film Capacitors (MFP) in Plastic Case
B32683-A103-K289 EPCOS-B32683-A103-K289 Datasheet
176Kb / 19P
   Metallized Polypropylene Film Capacitors (MFP) in Plastic Case
More results

Similar Description - B32683A0473

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MFP-B32632634 TDK-MFP-B32632634 Datasheet
518Kb / 27P
   Metallized Polypropylene Film Capacitors (MFP)
logo
EPCOS
B32686A EPCOS-B32686A Datasheet
324Kb / 18P
   Metallized Polypropylene Film Capacitors (MFP)
logo
TDK Electronics
MFP-B32692694 TDK-MFP-B32692694 Datasheet
480Kb / 27P
   Metallized Polypropylene Film Capacitors (MFP)
B32686S TDK-B32686S_16 Datasheet
430Kb / 20P
   Metallized Polypropylene Film Capacitors (MFP)
logo
EPCOS
B32686S EPCOS-B32686S Datasheet
408Kb / 22P
   Metallized Polypropylene Film Capacitors (MFP)
B32632_634 EPCOS-B32632_634 Datasheet
543Kb / 29P
   Metallized Polypropylene Film Capacitors (MFP)
logo
TDK Electronics
MFP_B32686A TDK-MFP_B32686A Datasheet
313Kb / 16P
   Film Capacitors Metallized Polypropylene Film Capacitors (MFP)
MFP_B32686S TDK-MFP_B32686S Datasheet
391Kb / 20P
   Film Capacitors Metallized Polypropylene Film Capacitors (MFP)
logo
EPCOS
B32682 EPCOS-B32682 Datasheet
176Kb / 19P
   Metallized Polypropylene Film Capacitors (MFP) in Plastic Case
logo
TDK Electronics
B32694 TDK-B32694_16 Datasheet
508Kb / 45P
   Metallized Polypropylene Capacitors (MKP/MFP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com