Electronic Components Datasheet Search |
|
B32676G8335000 Datasheet(PDF) 2 Page - TDK Electronics |
|
B32676G8335000 Datasheet(HTML) 2 Page - TDK Electronics |
2 / 40 page Recommended applications Frequency converters Industrial and high-end power supplies Solar inverters Climatic Max. operating temperature: 105 °C (case) Climatic category (IEC 60068-1): 40/105/56 Construction Dielectric: Polypropylene (MKP) Plastic case (UL 94 V-0) Epoxy resin sealing (UL 94 V-0) Features Capacitance value up to 270 µF High CV product, compact Good self-healing properties Over-voltage capability Low losses with high current capability High reliability Long useful life Terminals Parallel wire leads, lead-free tinned 2-pin, 4-pin and 12-pin versions Standard lead lengths: 6 1 mm Marking Manufacturer's logo and lot number, date code, rated capacitance (coded), capacitance tolerance (code letter), rated DC voltage Delivery mode Bulk (untaped, lead length 6 1 mm) Metallized polypropylene film capacitors (MKP) B32674 ... B32678 MKP DC link high power series Page 2 of 40 Please read Cautions and warnings and Important notes at the end of this document. |
Similar Part No. - B32676G8335000 |
|
Similar Description - B32676G8335000 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |