Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32672L1822 Datasheet(PDF) 3 Page - TDK Electronics

Part # B32672L1822
Description  Metallized Polypropylene Film Capacitors
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32672L1822 Datasheet(HTML) 3 Page - TDK Electronics

  B32672L1822 Datasheet HTML 1Page - TDK Electronics B32672L1822 Datasheet HTML 2Page - TDK Electronics B32672L1822 Datasheet HTML 3Page - TDK Electronics B32672L1822 Datasheet HTML 4Page - TDK Electronics B32672L1822 Datasheet HTML 5Page - TDK Electronics B32672L1822 Datasheet HTML 6Page - TDK Electronics B32672L1822 Datasheet HTML 7Page - TDK Electronics B32672L1822 Datasheet HTML 8Page - TDK Electronics B32672L1822 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
Overview of available types
Lead spacing 10 mm
15 mm
Type
B32671L
B32672L
Page
4
6
VRMS (V AC)
200
250
250
500
600
700
160
200
250
250
500
600
700
900
VR (V DC)
400
630
1000 1000 1600 2000 250
450
630
1000 1300 1600 2000 2000
CR (nF)
1.0
1.2
1.5
2.2
2.7
3.3
3.9
4.7
5.6
6.2
6.8
8.2
10
12
15
22
33
47
56
68
100
150
220
330
390
470
680
1000
B32671L ... B32672L
High V AC, high temperature (wound)
Page3of39
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32672L1822

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32672L1822 EPCOS-B32672L1822 Datasheet
552Kb / 31P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32672L1822 EPCOS-B32672L1822 Datasheet
570Kb / 30P
   Metallized Polypropylene Film Capacitors
B32672L1822189 EPCOS-B32672L1822189 Datasheet
570Kb / 30P
   Film Capacitors Metallized Polypropylene Film Capacitors (MKP)
B32672L1822289 EPCOS-B32672L1822289 Datasheet
570Kb / 30P
   Film Capacitors Metallized Polypropylene Film Capacitors (MKP)
More results

Similar Description - B32672L1822

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
   Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
   Metallized Polypropylene Film Capacitors
logo
Vishay Siliconix
MKP1848S-DC VISHAY-MKP1848S-DC Datasheet
167Kb / 15P
   Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPN RUBYCON-MPN Datasheet
204Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
WESTECH COMPONENT CO., ...
CBB62 WESTECH-CBB62 Datasheet
89Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPS RUBYCON-MPS Datasheet
80Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com