Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISD5008SI Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # ISD5008SI
Description  SINGLE CHIP VOICE RECORD PLAYBACK DEVICE 4-, 5-, 6-, AND 8- MINUTE DURATIONS
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ISD5008SI Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button ISD5008SI Datasheet HTML 2Page - List of Unclassifed Manufacturers ISD5008SI Datasheet HTML 3Page - List of Unclassifed Manufacturers ISD5008SI Datasheet HTML 4Page - List of Unclassifed Manufacturers ISD5008SI Datasheet HTML 5Page - List of Unclassifed Manufacturers ISD5008SI Datasheet HTML 6Page - List of Unclassifed Manufacturers ISD5008SI Datasheet HTML 7Page - List of Unclassifed Manufacturers ISD5008SI Datasheet HTML 8Page - List of Unclassifed Manufacturers ISD5008SI Datasheet HTML 9Page - List of Unclassifed Manufacturers ISD5008SI Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
ISD5008 Product
3
ISD
Table 3:
Internal Clock Rate/Filter Edge
2.2
ANALOG I/O PINS
MIC+, MIC –
(Microphone Input+/–)
The microphone input transfers the voice signal to
the on-chip AGC preamplifier or directly to the
ANA OUT MUX, depending on the selected path.
The direct path to the ANA OUT MUX has a gain of
6 dB so a 208 mVp-p signal across the differential
microphone inputs would give 416 mVp-p across
the ANA OUT pins. The AGC circuit has a range of
45 dB in order to deliver a nominal 694 mVp-p into
the storage array from a typical electret micro-
phone output of 2 to 20 mVp-p. The input imped-
ance is typically 10 k
Ω.
Figure 1:
Microphone Input
Table 2:
External Clock Input Table
Duration
(Minutes)
Sample Rate
(kHz)
Required Clock
(kHz)
4
8.0
1024
5
6.4
819.2
6
5.3
682.7
84.0
512
FLD1
FLD0
Sample Rate
(kHz)
Filter Pass Band
(kHz)
00
8
3.4
01
6.4
2.7
10
5.3
2.3
11
4
1.7
Ra = 10 k
10 k
CCOUP = 0.1 F
0.1 F
Internal to the device
Electret
Microphone
WM-54B
Panasonic
1.5 k
1.5 k
1.5 k
220 F
VCC
MIC+
MIC
NOTE:
fCUTOFF=
1
2 RaCCOUP


Similar Part No. - ISD5008SI

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
ISD5008SYI NUVOTON-ISD5008SYI Datasheet
1Mb / 54P
   3V, SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE 4- TO 8-MINUTES DURATION
More results

Similar Description - ISD5008SI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISD4003 ETC-ISD4003 Datasheet
2Mb / 30P
   Single-Chip Voice Record/Playback Devices 4-, 5-, 6-, and 8-Minute Durations
logo
Winbond
ISD4004 WINBOND-ISD4004 Datasheet
980Kb / 28P
   Single-Chip Voice Record/Playback Devices 8-, 10-, 12-, and 16-Minute Durations
logo
List of Unclassifed Man...
ISD33120 ETC1-ISD33120 Datasheet
1Mb / 30P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES 2-, 2.5-, 3-, AND 4-MINUTE DURATIONS
ISD4000 ETC1-ISD4000 Datasheet
317Kb / 2P
   Single-Chip Voice Record/Playback Devices 2- to 16-Minute Durations
logo
Nuvoton Technology Corp...
ISD4003 NUVOTON-ISD4003 Datasheet
1,005Kb / 36P
   SINGLE-CHIP, MULTIPLE-MESSAGES VOICE RECORD/PLAYBACK DEVICES 4-, 5-, 6-, AND 8-MINUTE DURATION
logo
Winbond
ISD1810 WINBOND-ISD1810 Datasheet
278Kb / 18P
   Single-Chip, Single-Message Voice Record/Playback Device 8- to 16-Second Durations
logo
Generalplus Technology ...
GPCR06C GENERALPLUS-GPCR06C Datasheet
401Kb / 14P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE
logo
List of Unclassifed Man...
ISD1000A ETC-ISD1000A Datasheet
402Kb / 20P
   Single-Chip Voice Record/Playback Devices 16- and 20-Second Durations
ISD1400 ETC-ISD1400 Datasheet
1Mb / 25P
   Single-Chip Voice Record/Playback Devices 16-and 20-Second Durations
ISD1200 ETC-ISD1200 Datasheet
1Mb / 25P
   Single-Chip Voice Record/Playback Devices 10- and 12-Second Durations
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com