Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPAx170-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Part # OPAx170-Q1
Description  36-V, Single-Supply, Low-Power, Automotive Grade Operational Amplifiers
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPAx170-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  OPAx170-Q1 Datasheet HTML 1Page - Texas Instruments OPAx170-Q1 Datasheet HTML 2Page - Texas Instruments OPAx170-Q1 Datasheet HTML 3Page - Texas Instruments OPAx170-Q1 Datasheet HTML 4Page - Texas Instruments OPAx170-Q1 Datasheet HTML 5Page - Texas Instruments OPAx170-Q1 Datasheet HTML 6Page - Texas Instruments OPAx170-Q1 Datasheet HTML 7Page - Texas Instruments OPAx170-Q1 Datasheet HTML 8Page - Texas Instruments OPAx170-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
PackageFootprintComparison(toScale)
PackageHeight
(toScale)
Comparison
D(SO-8)
DBV(SOT23-5)
DRL(SOT553)
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
OPA170-Q1, OPA2170-Q1, OPA4170-Q1
SBOS834 – DECEMBER 2016
OPAx170-Q1 36-V, Single-Supply, Low-Power, Automotive Grade Operational Amplifiers
1
1 Features
1
Qualified for Automotive Applications
AEC-Q100 Qualified With the Following Results:
Device Temperature Grade 1: –40°C to
+125°C
Ambient Operating Temperature Range
Device HBM ESD Classification Level 3A
Device CDM ESD Classification Level C5
Supply Range: 2.7 V to 36 V, ±1.35 V to ±18 V
Low Noise: 19 nV/
√Hz
RFI Filtered Inputs
Input Range Includes the Negative Supply
Input Range Operates to Positive Supply
Rail-to-Rail Output
Gain Bandwidth: 1.2 MHz
Low Quiescent Current: 110 µA per Amplifier
High Common-Mode Rejection: 120 dB
Low Bias Current: 15 pA (Maximum)
Number of Channels:
OPA170-Q1: 1
OPA2170-Q1: 2
OPA4170-Q1: 4
Industry-Standard Packages and Micro Packages
Available
2 Applications
Automotive
HEV and EV Power Trains
Advanced Driver Assist (ADAS)
Automatic Climate Controls
Temperature Measurements
Strain Gauge Amplifiers
Precision Integrators
3 Description
The OPA170-Q1, OPA2170-Q1, and OPA4170-Q1
devices (OPAx170-Q1) are a family of 36-V, single-
supply, low-noise operational amplifiers that feature
micro packages with the ability to operate on supplies
ranging from 2.7 V (±1.35 V) to 36 V (±18 V). They
offer good offset, drift, and bandwidth with low
quiescent current. The single-, dual-, and quad
versions all have identical specifications for maximum
design flexibility.
Unlike
most
operational
amplifiers,
which
are
specified at only one supply voltage, the OPAx170-
Q1 family of operational amplifiers is specified from
2.7 V to 36 V. Input signals beyond the supply rails
do not cause phase reversal. The OPAx170-Q1
family is stable with capacitive loads up to 300 pF.
The input can operate 100 mV below the negative rail
and within 2 V of the positive rail for normal
operation. Note that these devices can operate with
full rail-to-rail input 100 mV beyond the positive rail,
but with reduced performance within 2 V of the
positive rail. The OPAx170-Q1 operational amplifiers
are specified from –40°C to +125°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
OPA170-Q1
SOIC (8)
4.90 mm × 3.91 mm
SOT (5)
1.60 mm × 1.20 mm
SOT-23 (5)
2.90 mm × 1.60 mm
OPA2170-Q1
SOIC (8)
4.90 mm × 3.91 mm
VSSOP (8)
3.00 mm × 3.00 mm
VSSOP (8), Micro size
2.30 mm × 2.00 mm
OPA4170-Q1
SOIC (14)
8.65 mm × 3.91 mm
TSSOP (14)
5.00 mm × 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Smallest Packaging for 36-V Operational Amplifiers


Similar Part No. - OPAx170-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPAx172-Q1 TI1-OPAx172-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Automotive Grade Operational Amplifiers
More results

Similar Description - OPAx170-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA172-Q1 TI1-OPA172-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Automotive Grade Operational Amplifiers
TLV171 TI1-TLV171_16 Datasheet
1Mb / 38P
[Old version datasheet]   36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV171 TI1-TLV171 Datasheet
1Mb / 40P
[Old version datasheet]   36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
OPA170 TI1-OPA170_18 Datasheet
3Mb / 56P
[Old version datasheet]   36-V, Single-Supply, SOT553, Low-Power Operational Amplifiers Value Line Series
TLV172 TI1-TLV172 Datasheet
2Mb / 42P
[Old version datasheet]   36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
OPA170-EP TI1-OPA170-EP Datasheet
1Mb / 20P
[Old version datasheet]   36-V, SINGLE-SUPPLY, LOW-POWER OPERATIONAL AMPLIFIER
OPA2171-EP TI1-OPA2171-EP_16 Datasheet
1Mb / 28P
[Old version datasheet]   36-V, Single-Supply, SOT553, General-Purpose Operational Amplifiers
logo
ON Semiconductor
MC33171 ONSEMI-MC33171 Datasheet
217Kb / 12P
   Low Power, Single Supply Operational Amplifiers
1996 REV 0
logo
Texas Instruments
TLV170 TI1-TLV170_17 Datasheet
1Mb / 40P
[Old version datasheet]   36-V, Single-Supply, EMI-Hardened, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV170 TI1-TLV170 Datasheet
1Mb / 38P
[Old version datasheet]   36-V, Single-Supply, EMI-Hardened, Low-Power Operational Amplifiers for Cost-Sensitive Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com