Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA172-Q1 Datasheet(PDF) 10 Page - Texas Instruments

Part # OPA172-Q1
Description  36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Automotive Grade Operational Amplifiers
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA172-Q1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA172-Q1 Datasheet HTML 6Page - Texas Instruments OPA172-Q1 Datasheet HTML 7Page - Texas Instruments OPA172-Q1 Datasheet HTML 8Page - Texas Instruments OPA172-Q1 Datasheet HTML 9Page - Texas Instruments OPA172-Q1 Datasheet HTML 10Page - Texas Instruments OPA172-Q1 Datasheet HTML 11Page - Texas Instruments OPA172-Q1 Datasheet HTML 12Page - Texas Instruments OPA172-Q1 Datasheet HTML 13Page - Texas Instruments OPA172-Q1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
±10
0
10
20
30
±75
±50
±25
0
25
50
75
100
125
150
Temperature (ƒC)
C001
V
S =
“18 V, -
9 ” 9
CM
9
V
S = ±2.25V, -
9 ” 9
CM
9
±2
0
2
4
6
8
10
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C001
(V+) +1
(V+)
(V+) -1
(V+) -2
(V+) -3
(V+) -4
(V+) -5
(V-) +5
(V-) +4
(V-) +3
(V-) +2
(V-) +1
(V-)
(V-) -1
0
10
20
30
40
50
60
70
80
90
100
Output Current (mA)
C011
±40ƒC
25
ƒC
125
ƒC
25
ƒC
±40ƒC
125
ƒC
85
ƒC
85
ƒC
0.0
20.0
40.0
60.0
80.0
100.0
120.0
140.0
160.0
1
10
100
1k
10k
100k
1M
Frequency (Hz)
+PSRR
-PSRR
CMRR
C012
±4
±2
0
2
4
6
8
10
12
±18.0 ±13.5
±9.0
±4.5
0.0
4.5
9.0
13.5
18.0
V
CM (V)
C001
Ib
N
Ib
P
T
A = 25°C
±2000
0
2000
4000
6000
8000
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C001
I
B+
I
B -
Ios
I
os
10
OPA172-Q1, OPA2172-Q1, OPA4172-Q1
SBOS809 – NOVEMBER 2016
www.ti.com
Product Folder Links: OPA172-Q1 OPA2172-Q1 OPA4172-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
at VS = ±18 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 100 pF (unless otherwise noted)
Figure 7. Input Bias Current vs Common-Mode Voltage
Figure 8. Input Bias Current vs Temperature
Figure 9. Output Voltage Swing vs Output Current
(Maximum Supply)
Figure 10. CMRR and PSRR vs Frequency
(Referred-to-Input)
Figure 11. CMRR vs Temperature
Figure 12. PSRR vs Temperature


Similar Part No. - OPA172-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA172 TI1-OPA172 Datasheet
3Mb / 50P
[Old version datasheet]   36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA172ID TI1-OPA172ID Datasheet
2Mb / 29P
[Old version datasheet]   36-V Single-Supply 10-MHz Rail-to-Rail Output Operational Amplifiers
OPA172ID TI1-OPA172ID Datasheet
3Mb / 50P
[Old version datasheet]   36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA172IDBVR TI1-OPA172IDBVR Datasheet
2Mb / 29P
[Old version datasheet]   36-V Single-Supply 10-MHz Rail-to-Rail Output Operational Amplifiers
OPA172IDBVR TI1-OPA172IDBVR Datasheet
3Mb / 50P
[Old version datasheet]   36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
More results

Similar Description - OPA172-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA172IDR TI1-OPA172IDR Datasheet
2Mb / 29P
[Old version datasheet]   36-V Single-Supply 10-MHz Rail-to-Rail Output Operational Amplifiers
OPA172 TI1-OPA172 Datasheet
3Mb / 50P
[Old version datasheet]   36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
INA212-Q1 TI1-INA212-Q1 Datasheet
2Mb / 29P
[Old version datasheet]   36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA1688 TI1-OPA1688 Datasheet
2Mb / 41P
[Old version datasheet]   SoundPlus 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA172 TI-OPA172_15 Datasheet
3Mb / 50P
[Old version datasheet]   OPAx172 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA2172 TI-OPA2172 Datasheet
3Mb / 42P
[Old version datasheet]   OPAx172 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA1688 TI-OPA1688_15 Datasheet
2Mb / 40P
[Old version datasheet]   SoundPlus 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA4172 TI-OPA4172 Datasheet
3Mb / 42P
[Old version datasheet]   OPAx172 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA1688 TI-OPA1688 Datasheet
2Mb / 38P
[Old version datasheet]   OPA168x SoundPlus 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA343 TI1-OPA343_14 Datasheet
862Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com