Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA820-HT Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA820-HT
Description  UNITY-GAIN STABLE, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA820-HT Datasheet(HTML) 2 Page - Texas Instruments

  OPA820-HT_16 Datasheet HTML 1Page - Texas Instruments OPA820-HT_16 Datasheet HTML 2Page - Texas Instruments OPA820-HT_16 Datasheet HTML 3Page - Texas Instruments OPA820-HT_16 Datasheet HTML 4Page - Texas Instruments OPA820-HT_16 Datasheet HTML 5Page - Texas Instruments OPA820-HT_16 Datasheet HTML 6Page - Texas Instruments OPA820-HT_16 Datasheet HTML 7Page - Texas Instruments OPA820-HT_16 Datasheet HTML 8Page - Texas Instruments OPA820-HT_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
CIC60311
69µm
45µm
1094µm
654µm
0
0
OPA820-HT
SBOS587
– DECEMBER 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
BARE DIE INFORMATION
BACKSIDE
BOND PAD
BOND PAD
DIE THICKNESS
BACKSIDE FINISH
POTENTIAL
METALLIZATION COMPOSITION
THICKNESS
15 mils.
Silicon with backgrind
Floating
TiW/AlCu (0.5%)
1100 nm
Table 1. Bond Pad Coordinates in Microns
DISCRIPTION
PAD NUMBER
X MIN
Y MIN
X MAX
Y MAX
Inverting Input
1
27
439
125
537
NonInverting Input
2
27
125
125
125
Output
3
831
27
929
125
-VS
4
831
233
929
331
+VS
5
831
439
929
537
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–55°C to 210°C
KGD (bare die)
OPA820SKD3
NA
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
2
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): OPA820-HT


Similar Part No. - OPA820-HT_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA820-HT TI1-OPA820-HT Datasheet
473Kb / 30P
[Old version datasheet]   UNITY-GAIN STABLE, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
More results

Similar Description - OPA820-HT_16

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA820 BURR-BROWN-OPA820 Datasheet
427Kb / 25P
   Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
logo
Texas Instruments
OPA820 TI1-OPA820 Datasheet
823Kb / 32P
[Old version datasheet]   Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
OPA820-HT TI1-OPA820-HT Datasheet
473Kb / 30P
[Old version datasheet]   UNITY-GAIN STABLE, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
OPA4820ID TI1-OPA4820ID Datasheet
839Kb / 34P
[Old version datasheet]   Quad, Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
OPA4820 TI1-OPA4820 Datasheet
845Kb / 35P
[Old version datasheet]   Quad, Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
OPA842IDG4 TI-OPA842IDG4 Datasheet
812Kb / 29P
[Old version datasheet]   Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA842 TI1-OPA842_15 Datasheet
818Kb / 29P
[Old version datasheet]   Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA842 TI-OPA842 Datasheet
438Kb / 19P
[Old version datasheet]   Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
THS4271 TI1-THS4271_16 Datasheet
1Mb / 50P
[Old version datasheet]   LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FEEDBACK AMPLIFIER
THS4271-EP TI1-THS4271-EP Datasheet
1Mb / 44P
[Old version datasheet]   LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FEEDBACK AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com