Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISD5008Z Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # ISD5008Z
Description  SINGLE CHIP VOICE RECORD PLAYBACK DEVICE 4-, 5-, 6-, AND 8- MINUTE DURATIONS
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ISD5008Z Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  ISD5008Z Datasheet HTML 1Page - List of Unclassifed Manufacturers ISD5008Z Datasheet HTML 2Page - List of Unclassifed Manufacturers ISD5008Z Datasheet HTML 3Page - List of Unclassifed Manufacturers ISD5008Z Datasheet HTML 4Page - List of Unclassifed Manufacturers ISD5008Z Datasheet HTML 5Page - List of Unclassifed Manufacturers ISD5008Z Datasheet HTML 6Page - List of Unclassifed Manufacturers ISD5008Z Datasheet HTML 7Page - List of Unclassifed Manufacturers ISD5008Z Datasheet HTML 8Page - List of Unclassifed Manufacturers ISD5008Z Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
ISD5008 Product
2
Voice Solutions in Silicon
2PIN DESCRIPTIONS
2.1
DIGITAL I/O PINS
SCLK
(Serial Clock)
The SCLK is the clock input to the ISD5008. Gener-
ated by the master microcontroller, the SCLK syn-
chronizes data transfers in and out of the device
through the MISO and MOSI lines. Data is latched
into the ISD5008 on the rising edge of SCLK and
shifted out on the falling edge.
SS
(Slave Select)
This input, when LOW, will select the ISD5008 de-
vice.
MOSI
(Master Out Slave In)
MOSI is the serial data input to the ISD5008 de-
vice. The master microcontroller places data to
be clocked into the ISD5008 device on the MOSI
line one-half cycle before the rising edge of SCLK.
Data is clocked into the device LSB (Least Signifi-
cant Bit) first.
MISO
(Master In Slave Out)
MISO is the serial data output of the ISD5008 de-
vice. Data is clocked out on the falling edge of
SCLK.
This
output
goes
into
a
high-impedance
state
when
the
device
is
not selected.
Data is
clocked out of the device LSB first.
INT
(Interrupt)
INT is an open drain output pin. The ISD5008 inter-
rupt pin goes LOW and stays LOW when an Over-
flow
(OVF)
or
End
of
Message
(EOM)
marker
is
detected. Each operation that ends in an EOM or
OVF generates an interrupt, including the mes-
sage cueing cycles. The interrupt is cleared the
next time an SPI cycle is completed. The interrupt
status can be read by a RINT instruction that will
give one of the two flags out the MISO line.
OVF Flag. The overflow flag indicates that the end
of
the
ISD5008’s
analog
memory
has
been
reached during a record or playback operation.
EOM Flag. The end of message flag is set only
during playback, when an EOM is found. There are
eight possible EOM markers per row.
RAC
(Row Address Clock)
RAC is an open drain output pin that marks the
end of a row. At the 8 kHz sample frequency, the
duration of this period is 200 ms. There are 1,200
rows of memory in the ISD5008 devices. RAC stays
HIGH for 175 ms and stays LOW for the remaining
25 ms before it reaches the end of the row.
The RAC pin remains HIGH for 109.38 µsec and
stays LOW for 15.63 µsec under the Message Cue-
ing mode. See Table 15 Timing Parameters for
RAC
timing
information
at
other
sample
rates.
When a record command is first initiated, the RAC
pin remains HIGH for an extra T
RACLO
period, to
load sample and hold circuits internal to the de-
vice. The RAC pin can be used for message man-
agement techniques.
XCLK
(External Clock Input)
The external clock input for the ISD5008 product
has an internal pull-down device. Normally, the
ISD5008 is operated at one of four internal rates
selected for its internal oscillator by the Sample
Rate Select bits. If greater precision is required, the
device can be clocked through the XCLK pin as
described in Table 2.
Because
the
antialiasing
and
smoothing
filters
track the Sample Rate Select bits, one must, for
optimum
performance,
change
the
external
clock
AND the Sample Rate Configuration bits to
one of the four values to properly set the filters to
the correct cutoff frequency as described in Table
3. The duty cycle on the input clock is not critical,
as the clock is immediately divided by two inter-
nally. If the XCLK is not used, this input should be
connected to V
SSD
.


Similar Part No. - ISD5008Z

ManufacturerPart #DatasheetDescription
logo
Winbond
ISD5008 WINBOND-ISD5008 Datasheet
242Kb / 7P
   Demonstration Board
logo
Nuvoton Technology Corp...
ISD5008 NUVOTON-ISD5008 Datasheet
1Mb / 54P
   3V, SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE 4- TO 8-MINUTES DURATION
ISD5008EYI NUVOTON-ISD5008EYI Datasheet
1Mb / 54P
   3V, SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE 4- TO 8-MINUTES DURATION
ISD5008PYI NUVOTON-ISD5008PYI Datasheet
1Mb / 54P
   3V, SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE 4- TO 8-MINUTES DURATION
ISD5008SYI NUVOTON-ISD5008SYI Datasheet
1Mb / 54P
   3V, SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE 4- TO 8-MINUTES DURATION
More results

Similar Description - ISD5008Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISD4003 ETC-ISD4003 Datasheet
2Mb / 30P
   Single-Chip Voice Record/Playback Devices 4-, 5-, 6-, and 8-Minute Durations
logo
Winbond
ISD4004 WINBOND-ISD4004 Datasheet
980Kb / 28P
   Single-Chip Voice Record/Playback Devices 8-, 10-, 12-, and 16-Minute Durations
logo
List of Unclassifed Man...
ISD33120 ETC1-ISD33120 Datasheet
1Mb / 30P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES 2-, 2.5-, 3-, AND 4-MINUTE DURATIONS
ISD4000 ETC1-ISD4000 Datasheet
317Kb / 2P
   Single-Chip Voice Record/Playback Devices 2- to 16-Minute Durations
logo
Nuvoton Technology Corp...
ISD4003 NUVOTON-ISD4003 Datasheet
1,005Kb / 36P
   SINGLE-CHIP, MULTIPLE-MESSAGES VOICE RECORD/PLAYBACK DEVICES 4-, 5-, 6-, AND 8-MINUTE DURATION
logo
Winbond
ISD1810 WINBOND-ISD1810 Datasheet
278Kb / 18P
   Single-Chip, Single-Message Voice Record/Playback Device 8- to 16-Second Durations
logo
Generalplus Technology ...
GPCR06C GENERALPLUS-GPCR06C Datasheet
401Kb / 14P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE
logo
List of Unclassifed Man...
ISD1000A ETC-ISD1000A Datasheet
402Kb / 20P
   Single-Chip Voice Record/Playback Devices 16- and 20-Second Durations
ISD1400 ETC-ISD1400 Datasheet
1Mb / 25P
   Single-Chip Voice Record/Playback Devices 16-and 20-Second Durations
ISD1200 ETC-ISD1200 Datasheet
1Mb / 25P
   Single-Chip Voice Record/Playback Devices 10- and 12-Second Durations
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com