Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISD5008ZD Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ISD5008ZD
Description  SINGLE CHIP VOICE RECORD PLAYBACK DEVICE 4-, 5-, 6-, AND 8- MINUTE DURATIONS
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ISD5008ZD Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ISD5008ZD Datasheet HTML 1Page - List of Unclassifed Manufacturers ISD5008ZD Datasheet HTML 2Page - List of Unclassifed Manufacturers ISD5008ZD Datasheet HTML 3Page - List of Unclassifed Manufacturers ISD5008ZD Datasheet HTML 4Page - List of Unclassifed Manufacturers ISD5008ZD Datasheet HTML 5Page - List of Unclassifed Manufacturers ISD5008ZD Datasheet HTML 6Page - List of Unclassifed Manufacturers ISD5008ZD Datasheet HTML 7Page - List of Unclassifed Manufacturers ISD5008ZD Datasheet HTML 8Page - List of Unclassifed Manufacturers ISD5008ZD Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 47 page
background image
ISD5008 Product
ii
Voice Solutions in Silicon
Duration/sample rate selection is accomplished
via software, allowing customers to optimize qual-
ity
and
duration
for
various
features
within
the
same end product.
The ISD5008 device is designed for use in a micro-
processor- or microcontroller-based system. Ad-
dress,
control,
and
duration
selection
are
accomplished
through
a
Serial
Peripheral
Inter-
face (SPI) or Microwire Serial Interface to minimize
pin count.
Recordings
are
stored
in
on-chip
nonvolatile
memory
cells,
providing
zero-power
message
storage. This unique, single-chip solution is made
possible through ISD’s patented multilevel storage
technology. Voice and audio signals are stored
directly into solid-state memory in their natural, un-
compressed form, providing superior quality voice
and music reproduction.
ISD5008 FEATURES
FULLY-INTEGRATED SOLUTION
Single-chip voice record/playback solution
Integrated sampling clock, anti-aliasing and
smoothing filters, and multi-level storage array
Integrated analog features such as automatic
gain control (AGC), audio gating switches,
speaker driver (23mW with 8 ohm load),
summing amplifiers, volume control, and an
AUX IN/AUX OUT interface (e.g., for car kits).
LOW-POWER CONSUMPTION
Single +3 volt supply
Operating current:
I
CC Play
= 15 mA (typical)
I
CC Rec
= 25 mA (typical)
I
CC Feedthru
= 12 mA (typical)
Standby current:
I
SB
= 1 µA
Power consumption controlled by SPI or
Microwire control register
Most stages can be individually powered
down for minimum power consumption
ENHANCED VOICE FEATURES
One or two-way (full duplex) conversation
record (record signal summation)
One- or two-way (full duplex) message
playback (while on a call)
Voice memo record and playback
Private call screening
In-terminal answering machine
Personalized outgoing message (given caller
ID information from host chip set)
Private call announce while on call (given
CIDCW information from host chip set)
EASY-TO-USE AND CONTROL
No compression algorithm development
required
User-controllable sample rates of 8.0 kHz,
6.4 kHz, 5.3 kHz, or 4.0 kHz providing up to
8 minutes of voice storage.
Microcontroller SPI or Microwire™ Serial
Interface
Fully addressable to handle multiple
messages in 1200 rows
HIGH QUALITY SOLUTION
High quality voice and music reproduction
ISD’s standard 100-year message retention
(typical)
100,000 record cycles (typical)
OPTIONS
Available in die form, PDIP, SOIC, TSOP, and
chip scale packaging (CSP)
Compact µBGA chip scale package
available for portable applications
Extended temperature (-20 to +70°C) and
industrial temperature (-40 to +85°C) versions
available


Similar Part No. - ISD5008ZD

ManufacturerPart #DatasheetDescription
logo
Winbond
ISD5008 WINBOND-ISD5008 Datasheet
242Kb / 7P
   Demonstration Board
logo
Nuvoton Technology Corp...
ISD5008 NUVOTON-ISD5008 Datasheet
1Mb / 54P
   3V, SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE 4- TO 8-MINUTES DURATION
ISD5008EYI NUVOTON-ISD5008EYI Datasheet
1Mb / 54P
   3V, SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE 4- TO 8-MINUTES DURATION
ISD5008PYI NUVOTON-ISD5008PYI Datasheet
1Mb / 54P
   3V, SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE 4- TO 8-MINUTES DURATION
ISD5008SYI NUVOTON-ISD5008SYI Datasheet
1Mb / 54P
   3V, SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE 4- TO 8-MINUTES DURATION
More results

Similar Description - ISD5008ZD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISD4003 ETC-ISD4003 Datasheet
2Mb / 30P
   Single-Chip Voice Record/Playback Devices 4-, 5-, 6-, and 8-Minute Durations
logo
Winbond
ISD4004 WINBOND-ISD4004 Datasheet
980Kb / 28P
   Single-Chip Voice Record/Playback Devices 8-, 10-, 12-, and 16-Minute Durations
logo
List of Unclassifed Man...
ISD33120 ETC1-ISD33120 Datasheet
1Mb / 30P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES 2-, 2.5-, 3-, AND 4-MINUTE DURATIONS
ISD4000 ETC1-ISD4000 Datasheet
317Kb / 2P
   Single-Chip Voice Record/Playback Devices 2- to 16-Minute Durations
logo
Nuvoton Technology Corp...
ISD4003 NUVOTON-ISD4003 Datasheet
1,005Kb / 36P
   SINGLE-CHIP, MULTIPLE-MESSAGES VOICE RECORD/PLAYBACK DEVICES 4-, 5-, 6-, AND 8-MINUTE DURATION
logo
Winbond
ISD1810 WINBOND-ISD1810 Datasheet
278Kb / 18P
   Single-Chip, Single-Message Voice Record/Playback Device 8- to 16-Second Durations
logo
Generalplus Technology ...
GPCR06C GENERALPLUS-GPCR06C Datasheet
401Kb / 14P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE
logo
List of Unclassifed Man...
ISD1000A ETC-ISD1000A Datasheet
402Kb / 20P
   Single-Chip Voice Record/Playback Devices 16- and 20-Second Durations
ISD1400 ETC-ISD1400 Datasheet
1Mb / 25P
   Single-Chip Voice Record/Playback Devices 16-and 20-Second Durations
ISD1200 ETC-ISD1200 Datasheet
1Mb / 25P
   Single-Chip Voice Record/Playback Devices 10- and 12-Second Durations
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com