Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISD5008ZD Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # ISD5008ZD
Description  SINGLE CHIP VOICE RECORD PLAYBACK DEVICE 4-, 5-, 6-, AND 8- MINUTE DURATIONS
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ISD5008ZD Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button ISD5008ZD Datasheet HTML 4Page - List of Unclassifed Manufacturers ISD5008ZD Datasheet HTML 5Page - List of Unclassifed Manufacturers ISD5008ZD Datasheet HTML 6Page - List of Unclassifed Manufacturers ISD5008ZD Datasheet HTML 7Page - List of Unclassifed Manufacturers ISD5008ZD Datasheet HTML 8Page - List of Unclassifed Manufacturers ISD5008ZD Datasheet HTML 9Page - List of Unclassifed Manufacturers ISD5008ZD Datasheet HTML 10Page - List of Unclassifed Manufacturers ISD5008ZD Datasheet HTML 11Page - List of Unclassifed Manufacturers ISD5008ZD Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
ISD5008 Product
5
ISD
AUX IN
(Auxiliary Input)
The
AUX
IN is
an
additional
audio input
to
the
ISD5008, such as from the microphone circuit in a
mobile phone “car kit.” This input has a nominal
700 mVp-p
level
at
its
minimum
gain
setting
(0 dB). See Table 5. Additional gain is available in
3 dB steps (controlled by the SPI bus) up to 9 dB.
Figure 3:
AUX IN Input Modes
1. Gain from AUX IN to ANA OUT
2. Gain from AUX IN to ARRAY IN
3. 0TLP Input is the reference Transmission Level Point that is used for testing. This level is typically 3 dB below clipping.
4. Differential
Gain
Setting
Resistor Ratio
(Rb/Ra)
Gain
Gain
(dB)
00
40.1/40.1
1.0
0
01
47.0/33.2
1.414
3
10
53.5/26.7
2.0
6
11
59.2/21
2.82
9
Table 5: AUXIN Amplifier Gain Settings
Setting(1)
0TLP Input
VPP
(3)
CFG0
Gain(2)
Array In/Out
VPP
Ana Out VPP
(4)
AXG1
AXG0
0 dB
.694
0
0
1.00
.694
.694
3 dB
.491
0
1
1.41
.694
.694
6 dB
.347
1
0
2.00
.694
.694
9 dB
.245
1
1
2.82
.694
.694


Similar Part No. - ISD5008ZD

ManufacturerPart #DatasheetDescription
logo
Winbond
ISD5008 WINBOND-ISD5008 Datasheet
242Kb / 7P
   Demonstration Board
logo
Nuvoton Technology Corp...
ISD5008 NUVOTON-ISD5008 Datasheet
1Mb / 54P
   3V, SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE 4- TO 8-MINUTES DURATION
ISD5008EYI NUVOTON-ISD5008EYI Datasheet
1Mb / 54P
   3V, SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE 4- TO 8-MINUTES DURATION
ISD5008PYI NUVOTON-ISD5008PYI Datasheet
1Mb / 54P
   3V, SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE 4- TO 8-MINUTES DURATION
ISD5008SYI NUVOTON-ISD5008SYI Datasheet
1Mb / 54P
   3V, SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE 4- TO 8-MINUTES DURATION
More results

Similar Description - ISD5008ZD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISD4003 ETC-ISD4003 Datasheet
2Mb / 30P
   Single-Chip Voice Record/Playback Devices 4-, 5-, 6-, and 8-Minute Durations
logo
Winbond
ISD4004 WINBOND-ISD4004 Datasheet
980Kb / 28P
   Single-Chip Voice Record/Playback Devices 8-, 10-, 12-, and 16-Minute Durations
logo
List of Unclassifed Man...
ISD33120 ETC1-ISD33120 Datasheet
1Mb / 30P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES 2-, 2.5-, 3-, AND 4-MINUTE DURATIONS
ISD4000 ETC1-ISD4000 Datasheet
317Kb / 2P
   Single-Chip Voice Record/Playback Devices 2- to 16-Minute Durations
logo
Nuvoton Technology Corp...
ISD4003 NUVOTON-ISD4003 Datasheet
1,005Kb / 36P
   SINGLE-CHIP, MULTIPLE-MESSAGES VOICE RECORD/PLAYBACK DEVICES 4-, 5-, 6-, AND 8-MINUTE DURATION
logo
Winbond
ISD1810 WINBOND-ISD1810 Datasheet
278Kb / 18P
   Single-Chip, Single-Message Voice Record/Playback Device 8- to 16-Second Durations
logo
Generalplus Technology ...
GPCR06C GENERALPLUS-GPCR06C Datasheet
401Kb / 14P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE
logo
List of Unclassifed Man...
ISD1000A ETC-ISD1000A Datasheet
402Kb / 20P
   Single-Chip Voice Record/Playback Devices 16- and 20-Second Durations
ISD1400 ETC-ISD1400 Datasheet
1Mb / 25P
   Single-Chip Voice Record/Playback Devices 16-and 20-Second Durations
ISD1200 ETC-ISD1200 Datasheet
1Mb / 25P
   Single-Chip Voice Record/Playback Devices 10- and 12-Second Durations
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com